công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC145053 bảng dữ liệu(PDF) 3 Page - Motorola, Inc

tên linh kiện MC145053
Giải thích chi tiết về linh kiện  10-Bit A/D Concerter with Serial Interface
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC145053 bảng dữ liệu(HTML) 3 Page - Motorola, Inc

  MC145053 Datasheet HTML 1Page - Motorola, Inc MC145053 Datasheet HTML 2Page - Motorola, Inc MC145053 Datasheet HTML 3Page - Motorola, Inc MC145053 Datasheet HTML 4Page - Motorola, Inc MC145053 Datasheet HTML 5Page - Motorola, Inc MC145053 Datasheet HTML 6Page - Motorola, Inc MC145053 Datasheet HTML 7Page - Motorola, Inc MC145053 Datasheet HTML 8Page - Motorola, Inc MC145053 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
MC145053
MOTOROLA WIRELESS SEMICONDUCTOR
SOLUTIONS DEVICE DATA
3
A/D CONVERTER ELECTRICAL CHARACTERISTICS
(Full Temperature and Voltage Ranges per Operation Ranges Table)
Characteristic
Definition and Test Conditions
Guaranteed
Limit
Unit
Resolution
Number of bits resolved by the A/D converter
10
Bits
Maximum Nonlinearity
Maximum difference between an ideal and an actual ADC transfer function
± 1
LSB
Maximum Zero Error
Difference between the maximum input voltage of an ideal and an actual
ADC for zero output code
± 1
LSB
Maximum Full-Scale Error
Difference between the minimum input voltage of an ideal and an actual
ADC for full-scale output code
± 1
LSB
Maximum Total Unadjusted Error
Maximum sum of nonlinearity, zero error, and full-scale error
± 1
LSB
Maximum Quantization Error
Uncertainty due to converter resolution
± 1/2
LSB
Absolute Accuracy
Difference between the actual input voltage and the full-scale weighted
equivalent of the binary output code, all error sources included
± 1-1/2
LSB
Maximum Conversion Time
Total time to perform a single analog-to-digital conversion
44
µs
Data Transfer Time
Total time to transfer digital serial data into and out of the device
10 to 16
SCLK
cycles
Sample Acquisition Time
Analog input acquisition time window
6
SCLK
cycles
Minimum Total Cycle Time
Total time to transfer serial data, sample the analog input, and perform the
conversion; SCLK = 2.1 MHz
49
µs
Maximum Sample Rate
Rate at which analog inputs may be sampled; SCLK = 2.1 MHz
20.4
ks/s


Số phần tương tự - MC145053

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
LANSDALE Semiconductor ...
MC145053D LANSDALE-MC145053D Datasheet
805Kb / 15P
   10-Bit A/D Converter With Serial Interface CMOS
MC145053D LANSDALE-MC145053D Datasheet
213Kb / 15P
   10-Bit A/D Converter With Serial Interface
MC145053P LANSDALE-MC145053P Datasheet
805Kb / 15P
   10-Bit A/D Converter With Serial Interface CMOS
MC145053P LANSDALE-MC145053P Datasheet
213Kb / 15P
   10-Bit A/D Converter With Serial Interface
More results

Mô tả tương tự - MC145053

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
LANSDALE Semiconductor ...
ML145053 LANSDALE-ML145053_08 Datasheet
213Kb / 15P
   10-Bit A/D Converter With Serial Interface
ML145050 LANSDALE-ML145050_08 Datasheet
209Kb / 15P
   10-Bit A/D Converter with Serial Interface
logo
Motorola, Inc
MC145050 MOTOROLA-MC145050 Datasheet
184Kb / 15P
   10-Bit A/D Converter with Serial Interface
logo
LANSDALE Semiconductor ...
ML145053 LANSDALE-ML145053 Datasheet
805Kb / 15P
   10-Bit A/D Converter With Serial Interface CMOS
ML145050 LANSDALE-ML145050 Datasheet
6Mb / 15P
   10-Bit A/D Converter with Serial Interface - CMOS
logo
Microchip Technology
MCP3001 MICROCHIP-MCP3001_07 Datasheet
453Kb / 28P
   2.7V 10 BIT A/D CONVERTER WITH SPI SERIAL INTERFACE
2007
MCP3001 MICROCHIP-MCP3001 Datasheet
597Kb / 28P
   2.7V 10 BIT A/D CONVERTER WITH SPI SERIAL INTERFACE
2001
logo
LANSDALE Semiconductor ...
ML145040 LANSDALE-ML145040 Datasheet
498Kb / 12P
   8-Bit A/D Converters With Serial Interface
ML145040 LANSDALE-ML145040_08 Datasheet
648Kb / 12P
   8-Bit A/D Converters With Serial Interface
logo
Motorola, Inc
MC145040 MOTOROLA-MC145040 Datasheet
298Kb / 9P
   8-Bit A/D Converters With Serial Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com