công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC143421FU bảng dữ liệu(PDF) 1 Page - Motorola, Inc

tên linh kiện MC143421FU
Giải thích chi tiết về linh kiện  PCI Bus Interface
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC143421FU bảng dữ liệu(HTML) 1 Page - Motorola, Inc

  MC143421FU Datasheet HTML 1Page - Motorola, Inc MC143421FU Datasheet HTML 2Page - Motorola, Inc MC143421FU Datasheet HTML 3Page - Motorola, Inc MC143421FU Datasheet HTML 4Page - Motorola, Inc MC143421FU Datasheet HTML 5Page - Motorola, Inc MC143421FU Datasheet HTML 6Page - Motorola, Inc MC143421FU Datasheet HTML 7Page - Motorola, Inc MC143421FU Datasheet HTML 8Page - Motorola, Inc MC143421FU Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
MC143421
MOTOROLA
1
Advance Information
PCI Bus Interface
The MC143421 PCI Bus Interface chip is a low cost and highly integrated PCI
interface solution that includes Advanced Configuration Power Interface (ACPI)
features. It is designed to enable the addition of a PCI interface to PC
peripherals such as DSP–based analog modems.
The Peripheral Interface Bus (PIB) that interfaces this device to the PC
peripheral function provides four address lines, byte–wide data, and eight
programmable lines that can be used for chip selects, interrupts, and
power–down enable.
Features
• Fully Compliant 32–Bit PCI 2.1 Interface
• Four Address Lines and Byte–Wide Data
• Eight General Purpose I/O Lines
• ACPI Power Management and OnNow™ Support
• Single Digital 100–Pin QFP VLSI Implementation
BLOCK DIAGRAM
AUX PIN
CONTROL
REGISTER
DATA REGISTER/DEMUX
ADDRESS DECODE/DEMUX
SYSTEM
CONTROL LOGIC
PCI
CONFIGURATION
REGISTER
PIB CONTROL
AD[31:0]
PME#
INTERRUPT
CNTL
DATA
ha[3:0]
AUX[7:0]
This document contains information on a new product. Specifications and information herein are subject to change without notice.
All brand names and product names appearing in this document are registered trademarks or trademarks of their respective holders.
Order this document
by MC143421/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
MC143421
FU SUFFIX
QFP
CASE 842D
ORDERING INFORMATION
MC143421FU
QFP
© Motorola, Inc. 1998
REV 0
2/98
TN98022400


Số phần tương tự - MC143421FU

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MC143416 FREESCALE-MC143416 Datasheet
744Kb / 24P
   Dual 16-Bit Linear Codec-Filter
MC143416PB FREESCALE-MC143416PB Datasheet
744Kb / 24P
   Dual 16-Bit Linear Codec-Filter
More results

Mô tả tương tự - MC143421FU

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Nanjing Qinheng Microel...
CH365 WCH-CH365 Datasheet
272Kb / 18P
   PCI Bus Interface ChIp
logo
Texas Instruments
TSB12LV21A TI-TSB12LV21A Datasheet
258Kb / 18P
[Old version datasheet]   IEEE 1394-1995 BUS TO PCI BUS INTERFACE
logo
National Instruments Co...
778040-01 NI-778040-01 Datasheet
560Kb / 3P
   GPIB Interface for PCI Mezzanine Bus
logo
List of Unclassifed Man...
AB-2061G-33 ETC1-AB-2061G-33 Datasheet
358Kb / 32P
   33Mhz PCI to Local Bus Interface
logo
National Instruments Co...
PMC-GPIB NI-PMC-GPIB Datasheet
609Kb / 3P
   GPIB Interface for PCI Mezzanine Bus
logo
Texas Instruments
TI380PCI TI1-TI380PCI Datasheet
477Kb / 36P
[Old version datasheet]   PCI BUS INTERFACE FOR THE TI380 COMMPROCESSORS
TI380PCIA TI-TI380PCIA Datasheet
530Kb / 40P
[Old version datasheet]   PCI BUS INTERFACE FOR THE TI380 COMMPROCESSORS
logo
Oxford Semiconductor
OX9162 OXFORD-OX9162 Datasheet
515Kb / 41P
   Integrated Parallel Port/Local Bus and PCI interface
logo
List of Unclassifed Man...
OX9162 ETC1-OX9162 Datasheet
334Kb / 41P
   Integrated Parallel Port/Local Bus and PCI interface
logo
PCA ELECTRONICS INC.
EPE6273 PCA-EPE6273 Datasheet
63Kb / 1P
   10 Base-T Interface Module for PCI BUS Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com