công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC143421FU bảng dữ liệu(PDF) 8 Page - Motorola, Inc

tên linh kiện MC143421FU
Giải thích chi tiết về linh kiện  PCI Bus Interface
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC143421FU bảng dữ liệu(HTML) 8 Page - Motorola, Inc

Back Button MC143421FU Datasheet HTML 3Page - Motorola, Inc MC143421FU Datasheet HTML 4Page - Motorola, Inc MC143421FU Datasheet HTML 5Page - Motorola, Inc MC143421FU Datasheet HTML 6Page - Motorola, Inc MC143421FU Datasheet HTML 7Page - Motorola, Inc MC143421FU Datasheet HTML 8Page - Motorola, Inc MC143421FU Datasheet HTML 9Page - Motorola, Inc MC143421FU Datasheet HTML 10Page - Motorola, Inc MC143421FU Datasheet HTML 11Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
MC143421
MOTOROLA
8
PERIPHERAL INTERFACE BUS
Pin Description
Pin
Signal
Type
Description
RESET
Output
Reset Signal, Active Low
READ
Output
Read Command Pulse Signal,
Active Low
WRITE
Output
Write Command Pulse Signal,
Active Low
ha[3:0]
Output
4–Bit Address Bus
hd[7:0]
In/Out
8–Bit Data Bus
Address Mapping
A31:A8
A7
A6
A5
A4
A3
A2
A1
A0
PCI A31
to A8
equal to
config
register
10h
1
1
ha
[3]
ha
[2]
ha
[1]
ha
[0]
X
X
A31 to A8 from the PCI bus are compared to the value in
configuration register 10h, when a match occurs and both A7
and A6 are equal to 1, the lower eight bits are mapped as fol-
lows:
A5 mapped to ha[3]
A4 mapped to ha[2]
A3 mapped to ha[1]
A2 mapped to ha[0]
A0 and A1 are ignored
PCI Read Operation
The MC143421 will translate the PCI I/O cycle to the ISA–
like Peripheral Interface Bus (PIB) that connects to the pe-
ripheral function. In the event of a PCI I/O read operation,
and if the address is qualified for the address mapping of the
PIB, the READ control signal on the PIB will be activated for
at least three PCI cycles.
The input data, from the eight–bit data port on the PIB, will
be latched on the rising edge of the READ signal and trans-
ferred to the PCI bus. The PCI address bus is driven by the
MC143421 one cycle prior to the falling edge of the READ
pulse and at least one cycle after the rising edge or the
READ pulse. The setup and hold time for the MC143421 to
successfully latch the data from the PIB is 3 ns.
PCI Write Operation
The write operation is complementary to the read with the
same timing, the data and address information on the PIB is
valid one cycle prior to the falling edge of the PIB WRITE
pulse. The data will remain valid until one cycle after the ris-
ing edge of the PIB WRITE pulse. The address valid time is
the same as the read operation.
Subsystem ID and Subvendor ID
When the MC143421 is reset, the states of the hd[7:0] and
ha[3:0] pins are read into the subsystem ID and subvendor
ID registers. The inputs are matched to register 2Ch as
shown in Table 3.
Pins hd[0] and ha[0] are internally lightly pulled up, and
hd[7:1] and ha[3:1] are internally lightly down. If these pins
are left floating on reset, the resulting subsystem and sub-
vendor IDs will be 1. External pullups and pulldowns are re-
quired for unique subvendor and subsystem IDs.
Device Class
The MC143421 is classified as a PCI Multimedia Device.
Pins 77 and 78 are internally lightly pulled down, and can be
left as no connects, or externally pulled down. If either of
these pins are pulled up, it will result in an invalid vendor and
device ID.
Table 3. Register 2Ch
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
0
0
0
0
0
0
0
0
0
0
0
0
ha3
ha2
ha1
ha0
Subsystem ID
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0
0
0
0
0
0
0
0
hd7
hd6
hd5
hd4
hd3
hd2
hd1
hd0
Subvendor ID


Số phần tương tự - MC143421FU

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MC143416 FREESCALE-MC143416 Datasheet
744Kb / 24P
   Dual 16-Bit Linear Codec-Filter
MC143416PB FREESCALE-MC143416PB Datasheet
744Kb / 24P
   Dual 16-Bit Linear Codec-Filter
More results

Mô tả tương tự - MC143421FU

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Nanjing Qinheng Microel...
CH365 WCH-CH365 Datasheet
272Kb / 18P
   PCI Bus Interface ChIp
logo
Texas Instruments
TSB12LV21A TI-TSB12LV21A Datasheet
258Kb / 18P
[Old version datasheet]   IEEE 1394-1995 BUS TO PCI BUS INTERFACE
logo
National Instruments Co...
778040-01 NI-778040-01 Datasheet
560Kb / 3P
   GPIB Interface for PCI Mezzanine Bus
logo
List of Unclassifed Man...
AB-2061G-33 ETC1-AB-2061G-33 Datasheet
358Kb / 32P
   33Mhz PCI to Local Bus Interface
logo
National Instruments Co...
PMC-GPIB NI-PMC-GPIB Datasheet
609Kb / 3P
   GPIB Interface for PCI Mezzanine Bus
logo
Texas Instruments
TI380PCI TI1-TI380PCI Datasheet
477Kb / 36P
[Old version datasheet]   PCI BUS INTERFACE FOR THE TI380 COMMPROCESSORS
TI380PCIA TI-TI380PCIA Datasheet
530Kb / 40P
[Old version datasheet]   PCI BUS INTERFACE FOR THE TI380 COMMPROCESSORS
logo
Oxford Semiconductor
OX9162 OXFORD-OX9162 Datasheet
515Kb / 41P
   Integrated Parallel Port/Local Bus and PCI interface
logo
List of Unclassifed Man...
OX9162 ETC1-OX9162 Datasheet
334Kb / 41P
   Integrated Parallel Port/Local Bus and PCI interface
logo
PCA ELECTRONICS INC.
EPE6273 PCA-EPE6273 Datasheet
63Kb / 1P
   10 Base-T Interface Module for PCI BUS Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com