công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC143421 bảng dữ liệu(PDF) 7 Page - Motorola, Inc

tên linh kiện MC143421
Giải thích chi tiết về linh kiện  PCI Bus Interface
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC143421 bảng dữ liệu(HTML) 7 Page - Motorola, Inc

Back Button MC143421 Datasheet HTML 3Page - Motorola, Inc MC143421 Datasheet HTML 4Page - Motorola, Inc MC143421 Datasheet HTML 5Page - Motorola, Inc MC143421 Datasheet HTML 6Page - Motorola, Inc MC143421 Datasheet HTML 7Page - Motorola, Inc MC143421 Datasheet HTML 8Page - Motorola, Inc MC143421 Datasheet HTML 9Page - Motorola, Inc MC143421 Datasheet HTML 10Page - Motorola, Inc MC143421 Datasheet HTML 11Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
MC143421
MOTOROLA
7
Table 2. PCI Configuration Space Description
Please reference PCI Specification 2.1 and “Addition of PME# Signal to Connector” ECN.
Offset
Bits
Type
Description
Value
00h
15:0
RO
Vendor ID
1057h
02h
31:16
RO
Device ID
3421h
04h
29
RO
Master Abort
28
RO
Target Abort
26:25
RO
Medium Device
2100000h
20
RO
New Capabilities (ACPI)
2
RO
Master Enable
1
RW
Memory Enable
0
RW
I/O Enable
08h
31:8
RO
PCI Multimedia Device
048000h
7:0
RO
Revision ID
00h
0ch
23:16
RO
Header Type
0h
15:8
RO
Latency Timer
10h
31:8
RW
256–Byte I/O Space
7:1
RO
I/O Size
0h
0
RO
I/O Space Indicator
1b
14h
31:12
RW
4K Memory Space
11:1
RO
Memory Size
0h
0
RO
Memory Space Indicator
0b
2ch
31:20
RO
Subsystem ID
0h
19:16
RO
Subsystem ID
From ha[3:0]
During Reset
15:8
RO
Subvendor ID
0h
7:0
RO
Subvendor ID
From hd[7:0]
During Reset
34h
7:0
RO
Cap_Ptr (ACPI)
40h
3ch
15:11
RO
Interrupt Pin
0h
10:8
RO
INTA#
1b
7:0
RW
Interrupt Line
40h
31:0
RO
PMC (ACPI)
6c210001h
44h
15
RW
PEN_status — This bit is set when the function would normally assert the
PME# signal independent of the state of the PME_En bit. Writing a 1 to
this bit will clear it and cause the function to stop asserting a PME# (if
enabled). Writing a 0 has no effect.
8
RW
PEN_EN — A 1 enables the function to assert PME#. When 0, PME#
assertion is disabled.
1:0
RW
PowerState — This two–bit field is used both to determine the current
power state of the function and to set the function into a new power state.
The definition of the field values is given below:
00b
D0
01b
D1
10b
D2
11b
D3hot
NOTES:
1. RO: Read Only Register
2. RW: Read and Write Register
3. All other registers not shown in the table will return 0s.


Số phần tương tự - MC143421

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MC143416 FREESCALE-MC143416 Datasheet
744Kb / 24P
   Dual 16-Bit Linear Codec-Filter
MC143416PB FREESCALE-MC143416PB Datasheet
744Kb / 24P
   Dual 16-Bit Linear Codec-Filter
More results

Mô tả tương tự - MC143421

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Nanjing Qinheng Microel...
CH365 WCH-CH365 Datasheet
272Kb / 18P
   PCI Bus Interface ChIp
logo
Texas Instruments
TSB12LV21A TI-TSB12LV21A Datasheet
258Kb / 18P
[Old version datasheet]   IEEE 1394-1995 BUS TO PCI BUS INTERFACE
logo
National Instruments Co...
778040-01 NI-778040-01 Datasheet
560Kb / 3P
   GPIB Interface for PCI Mezzanine Bus
logo
List of Unclassifed Man...
AB-2061G-33 ETC1-AB-2061G-33 Datasheet
358Kb / 32P
   33Mhz PCI to Local Bus Interface
logo
National Instruments Co...
PMC-GPIB NI-PMC-GPIB Datasheet
609Kb / 3P
   GPIB Interface for PCI Mezzanine Bus
logo
Texas Instruments
TI380PCI TI1-TI380PCI Datasheet
477Kb / 36P
[Old version datasheet]   PCI BUS INTERFACE FOR THE TI380 COMMPROCESSORS
TI380PCIA TI-TI380PCIA Datasheet
530Kb / 40P
[Old version datasheet]   PCI BUS INTERFACE FOR THE TI380 COMMPROCESSORS
logo
Oxford Semiconductor
OX9162 OXFORD-OX9162 Datasheet
515Kb / 41P
   Integrated Parallel Port/Local Bus and PCI interface
logo
List of Unclassifed Man...
OX9162 ETC1-OX9162 Datasheet
334Kb / 41P
   Integrated Parallel Port/Local Bus and PCI interface
logo
PCA ELECTRONICS INC.
EPE6273 PCA-EPE6273 Datasheet
63Kb / 1P
   10 Base-T Interface Module for PCI BUS Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com