công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC143421 bảng dữ liệu(PDF) 4 Page - Motorola, Inc

tên linh kiện MC143421
Giải thích chi tiết về linh kiện  PCI Bus Interface
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC143421 bảng dữ liệu(HTML) 4 Page - Motorola, Inc

  MC143421 Datasheet HTML 1Page - Motorola, Inc MC143421 Datasheet HTML 2Page - Motorola, Inc MC143421 Datasheet HTML 3Page - Motorola, Inc MC143421 Datasheet HTML 4Page - Motorola, Inc MC143421 Datasheet HTML 5Page - Motorola, Inc MC143421 Datasheet HTML 6Page - Motorola, Inc MC143421 Datasheet HTML 7Page - Motorola, Inc MC143421 Datasheet HTML 8Page - Motorola, Inc MC143421 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
MC143421
MOTOROLA
4
Table 1. Pin Descriptions (continued)
43
AD[4]
I/O
PCI Bus Multiplexed Address and Data
44
AD[3]
I/O
PCI Bus Multiplexed Address and Data
45
AD[2]
I/O
PCI Bus Multiplexed Address and Data
46
GND
Ground
47
AD[1]
I/O
PCI Bus Multiplexed Address and Data
48
AD[0]
I/O
PCI Bus Multiplexed Address and Data
49
READ
O
PIB Read Strobe
50
WRITE
O
PIB Write Strobe
51
RESET
O
PIB Reset — Generated by PCI Reset
52
GND
Ground
53
VCC
Power 5 V
54
ha[3]
O
PIB Address — Subsystem ID (Sampled at Reset)
55
ha[2]
O
PIB Address — Subsystem ID (Sampled at Reset)
56
ha[1]
O
PIB Address — Subsystem ID (Sampled at Reset)
57
ha[0]
O
PIB Address — Subsystem ID (Sampled at Reset)
58
GND
Ground
59
hd[7]
I/O
PIB Data — Subvender ID (Sampled at Reset)
60
hd[6]
I/O
PIB Data — Subvender ID (Sampled at Reset)
61
hd[5]
I/O
PIB Data — Subvender ID (Sampled at Reset)
62
hd[4]
I/O
PIB Data — Subvender ID (Sampled at Reset)
63
hd[3]
I/O
PIB Data — Subvender ID (Sampled at Reset)
64
hd[2]
I/O
PIB Data — Subvender ID (Sampled at Reset)
65
VCC
Power 5 V
66
GND
Ground
67
hd[1]
I/O
PIB Data — Subvender ID (Sampled at Reset)
68
hd[0]
I/O
PIB Data — Subvender ID (Sampled at Reset)
69
aux[7]
I/O
PIB Programmable General Purpose I/O (See Figure 1)
70
aux[6]
I/O
PIB Programmable General Purpose I/O (See Figure 1)
71
aux[5]
I/O
PIB Programmable General Purpose I/O (See Figure 1)
72
aux[4]
I/O
PIB Programmable General Purpose I/O (See Figure 1)
73
GND
Ground
74
PME#
OC
PCI Power Management Event
75
NC
No Connect
76
NC
No Connect
77
NC
No Connect (Or 10 k Resistor Pull–Down — See Device Class Section)
78
NC
No Connect (Or 10 k Resistor Pull–Down — See Device Class Section)
79
VCC
Power 5 V
80
aux[3]
I/O
PIB Programmable General Purpose I/O (See Figure 1)
81
aux[2]
I/O
PIB Programmable General Purpose I/O (See Figure 1)
82
aux[1]
I/O
PIB Programmable General Purpose I/O (See Figure 1)
83
aux[0]
I/O
PIB Programmable General Purpose I/O (See Figure 1)
84
GND
Ground
85
INTA#
O
PCI Interrupt
86
RST#
I
PCI Device Reset


Số phần tương tự - MC143421

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MC143416 FREESCALE-MC143416 Datasheet
744Kb / 24P
   Dual 16-Bit Linear Codec-Filter
MC143416PB FREESCALE-MC143416PB Datasheet
744Kb / 24P
   Dual 16-Bit Linear Codec-Filter
More results

Mô tả tương tự - MC143421

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Nanjing Qinheng Microel...
CH365 WCH-CH365 Datasheet
272Kb / 18P
   PCI Bus Interface ChIp
logo
Texas Instruments
TSB12LV21A TI-TSB12LV21A Datasheet
258Kb / 18P
[Old version datasheet]   IEEE 1394-1995 BUS TO PCI BUS INTERFACE
logo
National Instruments Co...
778040-01 NI-778040-01 Datasheet
560Kb / 3P
   GPIB Interface for PCI Mezzanine Bus
logo
List of Unclassifed Man...
AB-2061G-33 ETC1-AB-2061G-33 Datasheet
358Kb / 32P
   33Mhz PCI to Local Bus Interface
logo
National Instruments Co...
PMC-GPIB NI-PMC-GPIB Datasheet
609Kb / 3P
   GPIB Interface for PCI Mezzanine Bus
logo
Texas Instruments
TI380PCI TI1-TI380PCI Datasheet
477Kb / 36P
[Old version datasheet]   PCI BUS INTERFACE FOR THE TI380 COMMPROCESSORS
TI380PCIA TI-TI380PCIA Datasheet
530Kb / 40P
[Old version datasheet]   PCI BUS INTERFACE FOR THE TI380 COMMPROCESSORS
logo
Oxford Semiconductor
OX9162 OXFORD-OX9162 Datasheet
515Kb / 41P
   Integrated Parallel Port/Local Bus and PCI interface
logo
List of Unclassifed Man...
OX9162 ETC1-OX9162 Datasheet
334Kb / 41P
   Integrated Parallel Port/Local Bus and PCI interface
logo
PCA ELECTRONICS INC.
EPE6273 PCA-EPE6273 Datasheet
63Kb / 1P
   10 Base-T Interface Module for PCI BUS Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com