công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC143421 bảng dữ liệu(PDF) 3 Page - Motorola, Inc

tên linh kiện MC143421
Giải thích chi tiết về linh kiện  PCI Bus Interface
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC143421 bảng dữ liệu(HTML) 3 Page - Motorola, Inc

  MC143421 Datasheet HTML 1Page - Motorola, Inc MC143421 Datasheet HTML 2Page - Motorola, Inc MC143421 Datasheet HTML 3Page - Motorola, Inc MC143421 Datasheet HTML 4Page - Motorola, Inc MC143421 Datasheet HTML 5Page - Motorola, Inc MC143421 Datasheet HTML 6Page - Motorola, Inc MC143421 Datasheet HTML 7Page - Motorola, Inc MC143421 Datasheet HTML 8Page - Motorola, Inc MC143421 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
MC143421
MOTOROLA
3
Table 1. Pin Descriptions
Pin No.
Signal Name
I/O Type
Function
1
C/BE[3]#
I
PCI Bus Command and Byte Enable
2
IDSEL
I
PCI Initialization Device Select; Chip Select for Configuration Read and Write Cycles
3
GND
Ground
4
VCC
Power 5 V
5
AD[23]
I/O
PCI Bus Multiplexed Address and Data
6
AD[22]
I/O
PCI Bus Multiplexed Address and Data
7
AD[21]
I/O
PCI Bus Multiplexed Address and Data
8
AD[20]
I/O
PCI Bus Multiplexed Address and Data
9
GND
Ground
10
AD[19]
I/O
PCI Bus Multiplexed Address and Data
11
AD[18]
I/O
PCI Bus Multiplexed Address and Data
12
AD[17]
I/O
PCI Bus Multiplexed Address and Data
13
AD[16]
I/O
PCI Bus Multiplexed Address and Data
14
VCC
Power 5 V
15
GND
Ground
16
C/BE[2]#
I
PCI Bus Command and Byte Enable
17
FRAME#
I
PCI Cycle Frame; Indicates the Beginning and Duration of a Bus Access
18
IRDY#
I
PCI Initiator Ready; Indicates the Bus Master’s Ability to Complete the Current Data Phase of
the Transaction
19
GND
Ground
20
TRDY#
O
PCI Target Ready; Indicates the Target Agent’s Ability to Complete the Current Data Phase of
the Transaction
21
DEVSEL#
O
PCI Device Select for Configuration Read and Write Cycles
22
STOP#
O
PCI Stop; Indicates the Current Target Request for Transceiver Termination
23
PAR
O
Indicates Even Parity Across AD[31:0] and C/BE[3:0]#
24
GND
Ground
25
VCC
Power 5 V
26
C/BE[1]#
I
PCI Bus Command and Byte Enable
27
AD[15]
I/O
PCI Bus Multiplexed Address and Data
28
AD[14]
I/O
PCI Bus Multiplexed Address and Data
29
AD[13]
I/O
PCI Bus Multiplexed Address and Data
30
GND
Ground
31
AD[12]
I/O
PCI Bus Multiplexed Address and Data
32
AD[11]
I/O
PCI Bus Multiplexed Address and Data
33
AD[10]
I/O
PCI Bus Multiplexed Address and Data
34
AD[9]
I/O
PCI Bus Multiplexed Address and Data
35
GND
Ground
36
AD[8]
I/O
PCI Bus Multiplexed Address and Data
37
C/BE[0]#
I
PCI Bus Command and Byte Enable
38
AD[7]
I/O
PCI Bus Multiplexed Address and Data
39
AD[6]
I/O
PCI Bus Multiplexed Address and Data
40
GND
Ground
41
VCC
Power 5 V
42
AD[5]
I/O
PCI Bus Multiplexed Address and Data


Số phần tương tự - MC143421

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MC143416 FREESCALE-MC143416 Datasheet
744Kb / 24P
   Dual 16-Bit Linear Codec-Filter
MC143416PB FREESCALE-MC143416PB Datasheet
744Kb / 24P
   Dual 16-Bit Linear Codec-Filter
More results

Mô tả tương tự - MC143421

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Nanjing Qinheng Microel...
CH365 WCH-CH365 Datasheet
272Kb / 18P
   PCI Bus Interface ChIp
logo
Texas Instruments
TSB12LV21A TI-TSB12LV21A Datasheet
258Kb / 18P
[Old version datasheet]   IEEE 1394-1995 BUS TO PCI BUS INTERFACE
logo
National Instruments Co...
778040-01 NI-778040-01 Datasheet
560Kb / 3P
   GPIB Interface for PCI Mezzanine Bus
logo
List of Unclassifed Man...
AB-2061G-33 ETC1-AB-2061G-33 Datasheet
358Kb / 32P
   33Mhz PCI to Local Bus Interface
logo
National Instruments Co...
PMC-GPIB NI-PMC-GPIB Datasheet
609Kb / 3P
   GPIB Interface for PCI Mezzanine Bus
logo
Texas Instruments
TI380PCI TI1-TI380PCI Datasheet
477Kb / 36P
[Old version datasheet]   PCI BUS INTERFACE FOR THE TI380 COMMPROCESSORS
TI380PCIA TI-TI380PCIA Datasheet
530Kb / 40P
[Old version datasheet]   PCI BUS INTERFACE FOR THE TI380 COMMPROCESSORS
logo
Oxford Semiconductor
OX9162 OXFORD-OX9162 Datasheet
515Kb / 41P
   Integrated Parallel Port/Local Bus and PCI interface
logo
List of Unclassifed Man...
OX9162 ETC1-OX9162 Datasheet
334Kb / 41P
   Integrated Parallel Port/Local Bus and PCI interface
logo
PCA ELECTRONICS INC.
EPE6273 PCA-EPE6273 Datasheet
63Kb / 1P
   10 Base-T Interface Module for PCI BUS Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com