công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MC141543P bảng dữ liệu(PDF) 9 Page - Motorola, Inc |
|
MC141543P bảng dữ liệu(HTML) 9 Page - Motorola, Inc |
9 / 14 page MC141543 9 MOTOROLA In order to have better character display within windows, it is suggested that the designed character font be placed in the center of the 10 x 16 matrix with equal space on all four sides. The character $00 is predefined for blank characters, the character $7F is predefined for full–filled characters, and the character $7E is a random dot pattern reserved for test- ing. In order to avoid submersion of displayed symbols or char- acters into a background of comparable colors, a feature of bordering which encircles all four sides, or shadowing which encircles only the right and bottom sides of an individual dis- play character, are provided. Figure 7 shows how a character is jacketed differently. To make sure that a character is bor- dered or shadowed correctly, at least one blank dot should be reserved on each side of the character font. 0 14 13 12 11 10 9 8 7 6 5 4 3 2 1 15 Bordering 0 14 13 12 11 10 9 8 7 6 5 4 3 2 1 15 Shadowing Figure 7. Character Bordering and Shadowing Frame Format and Timing Figure 8 illustrates the positions of all display characters on the screen relative to the leading edge of horizontal and vertical flyback signals. The shaded area indicates the area outside “safe viewing area” for the display characters. Notice that there are two components in the equations stated in Fig- ure 8 for horizontal and vertical delays: fixed delays from the leading edge of HFLB and VFLB signals, regardless of the values of HORD and VERTD (47 dots + phase detection pulse width) and one H scan line for horizontal and vertical delays, respectively; and variable delays determined by the values of HORD and VERTD. Refer to Frame Control Reg- isters Coln 9 and 10 for the definitions of VERTD and HORD. Phase detection pulse width is a function of the external charge–up resistor, which is the 330 k Ω resistor in a series with 2 k Ω to VCO pin in the Application Diagram. Dot fre- quency is determined by the equation H freq x 320 if Bit X32B is clear, and H freq x 480 if Bit X32B is set to 1 and Bit X64 is 0, and H freq x 640 if both Bit X32B and Bit X64 are set to 1. For example, dot frequency is 10.24 MHz if H freq is 32 kHz while Bit X32B is 0. If Bit X32B is 1 and Bit X64 is 0, the dot frequency will be 15.36 MHz (one and a half of the original one). If Bit X32B is 1 and Bit X64 is also 1, the dot frequency will be 20.48 MHz (double of the original one). VFLB . . . . . . variable number of H scan lines vertical delay = VERTD x 4 + 1 H scan lines Figure 8. Display Frame Format When double character width is selected for a row, only the even–numbered characters will be displayed, as shown in Row 2. Notice that the total number of horizontal scan lines in the display frame is variable, depending on the chosen char- acter height of each row. Care should be taken while config- uring each row character height so that the last horizontal scan line in the display frame always comes out before the leading edge of VFLB of the next frame, to avoid wrapping display characters of the last few rows in the current frame into the next frame. The number of display dots in a horizon- tal scan line is always fixed at 300, regardless of row charac- ter width and the setting of Bits X32B and X64. |
Số phần tương tự - MC141543P |
|
Mô tả tương tự - MC141543P |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |