công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MC141543P bảng dữ liệu(PDF) 7 Page - Motorola, Inc |
|
MC141543P bảng dữ liệu(HTML) 7 Page - Motorola, Inc |
7 / 14 page MC141543 7 MOTOROLA REGISTERS Display Register 0 1 2 3 4 5 6 7 CCS0 CRADDR Bit 7 CCS0 — This bit defines a specific character color out of the two preset colors. Color 1 is selected if this bit is cleared, and Color 2 otherwise. Bit 6–0 CRADDR — These seven bits address the 128 characters or symbols residing in the character ROM. Row Control Registers Coln 30 0 1 2 3 4 5 6 7 CWS CHS B2 G2 R2 B1 G1 R1 COLN 30 Bits 7–2 — Color 1 is determined by R1, G1, and B1; Color 2 by R2, G2, and B2. Bit 1 CHS — This bit determines the height of a display symbol. When it is set, the symbol is displayed in double height. Bit 0 CWS — Bit 0 is similar to Bit 1; when this bit is set, the character is displayed in double width. Coln 31 0 1 2 3 4 5 6 7 B4 G4 R4 B3 G3 R3 COLN 31 Bits 7–2 — Color 3 is determined by R3, G3, and B3; Color 4 by R4, G4, and B4. Window 1 Registers Row 15 Coln 0 0 1 2 3 4 5 6 7 ROW END ADDR MSB LSB ROW START ADDR MSB LSB COLN 0 ROW 15 Row 15 Coln 1 WEN CCS1 COL START ADDR MSB LSB COLN 1 0 1 2 3 4 5 6 7 ROW 15 Bit 2 WEN — This bit enables the background Window 1 generation when it is set. Bit 1 CCS1 — This additional color select bit provides the characters residing within Window 1 with two extra color selections, making a total of four selections for that row. Row 15 Coln 2 RG COL END ADDR MSB LSB COLN 2 0 1 2 3 4 5 6 7 B ROW 15 Bits 2–0 R, G and B — These bits control the color of Win- dow 1. Window 1 occupies Columns 0–2 of Row 15; Window 2 occupies Columns 3–5; and Window 3 occupies Columns 6–8. Window 1 has the highest priority, and Window 3 the least. If window overlapping occurs, the higher priority win- dow will cover the lower one, and the higher priority color will take over on the overlap window area. If the start address is greater than the end address, this window will not be dis- played. Window 2 Registers Row 15 Coln 3 0 1 2 3 4 5 6 7 ROW END ADDR MSB LSB ROW START ADDR MSB LSB COLN 3 ROW 15 Row 15 Coln 4 WEN CCS1 COL START ADDR MSB LSB COLN 4 0 1 2 3 4 5 6 7 ROW 15 Bit 2 WEN — This bit enables the background Window 2 generation when it is set. Bit 1 CCS1 — This additional color select bit provides the characters residing within Window 2 with two extra color selections, making a total of four selections for that row. Row 15 Coln 5 RG COL END ADDR MSB LSB COLN 5 0 1 2 3 4 5 6 7 B ROW 15 Bit 2–0 R, G and B — These bits control the color of Win- dow 2. Window 1 occupies Columns 0–2 of Row 15; Window 2 occupies Columns 3–5; and Window 3 occupies Columns 6–8. Window 1 has the highest priority, and Window 3 the least. If window overlapping occurs, the higher priority win- dow will cover the lower one, and the higher priority color will take over on the overlap window area. If the start address is greater than the end address, this window will not be dis- played. Window 3 Registers Row 15 Coln 6 0 1 2 3 4 5 6 7 ROW END ADDR MSB LSB ROW START ADDR MSB LSB COLN 6 ROW 15 Row 15 Coln 7 WEN CCS1 COL START ADDR MSB LSB COLN 7 0 1 2 3 4 5 6 7 ROW 15 PWMCK_EN Bit 2 WEN — This bit enables the background Window 3 generation when it is set. |
Số phần tương tự - MC141543P |
|
Mô tả tương tự - MC141543P |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |