công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC141543 bảng dữ liệu(PDF) 10 Page - Motorola, Inc

tên linh kiện MC141543
Giải thích chi tiết về linh kiện  Advanced Monitor On-Screen Display
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC141543 bảng dữ liệu(HTML) 10 Page - Motorola, Inc

Back Button MC141543 Datasheet HTML 6Page - Motorola, Inc MC141543 Datasheet HTML 7Page - Motorola, Inc MC141543 Datasheet HTML 8Page - Motorola, Inc MC141543 Datasheet HTML 9Page - Motorola, Inc MC141543 Datasheet HTML 10Page - Motorola, Inc MC141543 Datasheet HTML 11Page - Motorola, Inc MC141543 Datasheet HTML 12Page - Motorola, Inc MC141543 Datasheet HTML 13Page - Motorola, Inc MC141543 Datasheet HTML 14Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
MC141543
MOTOROLA
10
Although there are 30 character display registers that can
be programmed for each row, not every programmed charac-
ter can be shown on the screen in 320–dot resolution. Usual-
ly only 24 characters can be shown in this resolution at most.
This is induced by the time that is required to retrace the H
scan line. In other resolutions, 480–dot and 640–dot, a total
of 30 characters can be displayed on the screen if the hori-
zontal delay register is set properly.
Figure 9 illustrates the timing of all output signals as a
function of window and fast–blanking features. Line 3 of all
three characters is used to illustrate the timing signals. The
shaded area depicts the window area. The characters on the
left and right appear identical except for the FBKGC bit. The
middle character does not have a window as its background.
Notice that signal HTONE/PWMCK is active only in the win-
dow area. Timing of the signal FBKG depends on the config-
uration of the FBKGC bit. The configuration of the FBKGC bit
affects only the FBKG signal timing; it has no effect on the
timing of HTONE/PWMCK. Waveform ‘R, G, or B’, which is
the actual waveform at R, G, or B pin, is the logical OR of
waveform ‘character R, G, or B’ and waveform ‘window R, G,
or B’. ‘Character R, G, or B’ and ‘window R, G, or B’ are inter-
nal signals for illustration purpose only. Also notice that
HTONE/PWMCK has exactly the same waveform as ‘win-
dow R, G, or B’.
Figure 9. Timing of Output Signals as a Function
of Window and FBKGC Bit Features
FONT
Icon Combination
MC141543 contains 128–character ROM. The user can
create an on–screen menu based on those characters and
icons. Refer to Table 3 for icon combinations. Addresses $00
and $7F are predefined characters, and $7E is for testing.
They cannot be modified in any AMOSDs.
Table 3. Combination Map
ICON
ROM ADDRESS (HEX)
Volume Bar I
01, 02, 03, 04, 05, 06, 4A
Volume Bar II
48, 49, 57
Volume Bar III
47
Size
4F, 50
Position
51, 52
Geometry
53, 54, 55, 56
Contrast
58,59
Brightness
5A, 5B
Horizontal Position
5C, 5D
Horizontal Sizing
5E, 5F
Vertical Position
60, 61
Vertical Sizing
62, 63
Pin Cushion
64, 65
Deguassing
66, 67
Video Mode
68, 69
Trapezoid
6A, 6B
Parallelogram
6C, 6D
Rotation
6E, 6F
Color Select
70, 71
Video Level
72, 73
Input Select
74, 75
Recall
76,77
Save
78, 79
Left/Right Arrows
7A, 7B
INC/DEC sign
7C, 7D
Speaker
07, 08
ROM CONTENT
Figures 10 – 13 show the ROM content of MC141543.
Mask ROM is optional for custom parts.


Số phần tương tự - MC141543

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC141540 MOTOROLA-MC141540 Datasheet
190Kb / 12P
   Monitor on-Screen Display
MC141540P4 MOTOROLA-MC141540P4 Datasheet
190Kb / 12P
   Monitor on-Screen Display
MC141541 MOTOROLA-MC141541 Datasheet
303Kb / 16P
   Enhanced Monitor On-Screen Display
MC141541P MOTOROLA-MC141541P Datasheet
303Kb / 16P
   Enhanced Monitor On-Screen Display
More results

Mô tả tương tự - MC141543

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
WT6801 ETC2-WT6801 Datasheet
64Kb / 3P
   Monitor On-Screen Display
WT6805 ETC2-WT6805 Datasheet
35Kb / 3P
   Monitor On-Screen Display
logo
Motorola, Inc
MC141540 MOTOROLA-MC141540 Datasheet
190Kb / 12P
   Monitor on-Screen Display
logo
List of Unclassifed Man...
WT6804 ETC1-WT6804 Datasheet
37Kb / 3P
   Monitor On-Screen Display
logo
Motorola, Inc
MC141541 MOTOROLA-MC141541 Datasheet
303Kb / 16P
   Enhanced Monitor On-Screen Display
logo
STMicroelectronics
STV9420 STMICROELECTRONICS-STV9420 Datasheet
228Kb / 16P
   MULTISYNC ON-SCREEN DISPLAY FOR MONITOR
logo
List of Unclassifed Man...
MTV130 ETC2-MTV130 Datasheet
347Kb / 18P
   On-Screen Display for LCD Monitor
logo
STMicroelectronics
STV9422 STMICROELECTRONICS-STV9422 Datasheet
232Kb / 15P
   MULTISYNC ON-SCREEN DISPLAY FOR MONITOR
STV9425-STV9425B STMICROELECTRONICS-STV9425-STV9425B Datasheet
184Kb / 15P
   MULTISYNC ON-SCREEN DISPLAY FOR MONITOR
logo
List of Unclassifed Man...
WT6803 ETC1-WT6803 Datasheet
36Kb / 3P
   Monitor On-Screen Display Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com