công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC141543 bảng dữ liệu(PDF) 4 Page - Motorola, Inc

tên linh kiện MC141543
Giải thích chi tiết về linh kiện  Advanced Monitor On-Screen Display
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC141543 bảng dữ liệu(HTML) 4 Page - Motorola, Inc

  MC141543 Datasheet HTML 1Page - Motorola, Inc MC141543 Datasheet HTML 2Page - Motorola, Inc MC141543 Datasheet HTML 3Page - Motorola, Inc MC141543 Datasheet HTML 4Page - Motorola, Inc MC141543 Datasheet HTML 5Page - Motorola, Inc MC141543 Datasheet HTML 6Page - Motorola, Inc MC141543 Datasheet HTML 7Page - Motorola, Inc MC141543 Datasheet HTML 8Page - Motorola, Inc MC141543 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
MC141543
MOTOROLA
4
PIN DESCRIPTIONS
VSS(A) (Pin 1)
This pin provides the signal ground to the PLL circuitry.
Analog ground for PLL operation is separated from digital
ground for optimal performance.
VCO (Pin 2)
Pin 2 is a control voltage input to regulate an internal oscil-
lator frequency. See the Application Diagram for the applica-
tion values used.
RP (Pin 3)
An external RC network is used to bias an internal VCO to
resonate at the specific dot frequency. The maximum voltage
at Pin 3 should not exceed 3.5 V at any condition. See the
Application Diagram for the application values used.
VDD(A) (Pin 4)
Pin 4 is a positive 5 V supply for PLL circuitry. Analog pow-
er for PLL is separated from digital power for optimal perfor-
mance.
HFLB (Pin 5)
This pin inputs a negative polarity horizontal synchronize
signal pulse to phase lock an internal system clock gener-
ated by the on–chip VCO circuit.
SS (Pin 6)
This input pin is part of the SPI serial interface. An active
low signal generated by the master device enables this slave
device to accept data. This pin should be pulled high to termi-
nate the SPI communication. If M_BUS is employed as the
serial interface, this pin should be tied to either VDD or VSS.
SDA (MOSI) (Pin 7)
Data and control messages are being transmitted to this
chip from a host MCU via one of the two serial bus systems.
With either protocol, this wire is configured as a uni–direc-
tional data line. (Detailed description of these two protocols
will be discussed in the M_BUS and SPI sections).
SCL (SCK) (Pin 8)
A separate synchronizing clock input from the transmitter
is required for either protocol. Data is read at the rising edge
of each clock signal.
VDD (Pin 9)
This is the power pin for the digital logic of the chip.
VFLB (Pin 10)
Similar to Pin 5, this pin inputs a negative polarity vertical
synchronize signal pulse.
HTONE/PWMCK (Pin 11)
This is a multiplexed pin. When the PWMCK_EN bit is
cleared after power–on or by the MCU, this pin is HTONE
and outputs a logic high during windowing except when
graphics or characters are being displayed. It is used to low-
er the external R, G, and B amplifiers’ gain to achieve a
transparent windowing effect. If the PWMCK_EN bit is set to
1 via M_BUS or SPI, this pin is changed to a mode–depen-
dent clock output with 50/50 duty cycle and is synchronous
with the input horizontal synchronization signal at Pin 5. The
frequency is dependent on the mode in which the AMOSD is
currently running. The exact frequencies in the different reso-
lution modes are described in Table 1.
Table 1. PWM CLK Frequency
Resolution
Frequency
Duty Cycle
320 dots/line
32 x Hf
50/50
480 dots/line
48 x Hf
50/50
640 dots/line
64 x Hf
50/50
NOTE: Hf is the frequency of the input H sync on Pin 5.
Typically, this clock is fed into an external pulse width mod-
ulation module as its clock source. Because of the synchro-
nization between PWM clock and H sync, a better
performance on the PWM controlled functions can be
achieved.
FBKG (Pin 12)
This pin outputs a logic high while displaying characters or
windows when the FBKGC bit in the frame control register is
0, and output a logic high only while displaying characters
when the FBKGC bit is 1. It is defaulted to high–impedance
state after power–on, or when there is no output. An external
10 k
Ω resistor pulled low is recommended to avoid level tog-
gling caused by hand effect when there is no output.
B,G,R (Pins 13,14,15)
AMOSD color output is TTL level RGB to the host monitor.
These three signals are active high output pins that are in a
high–impedance state when AMOSD is disabled.
VSS (Pin 16)
This is the ground pin for the digital logic of the chip.


Số phần tương tự - MC141543

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC141540 MOTOROLA-MC141540 Datasheet
190Kb / 12P
   Monitor on-Screen Display
MC141540P4 MOTOROLA-MC141540P4 Datasheet
190Kb / 12P
   Monitor on-Screen Display
MC141541 MOTOROLA-MC141541 Datasheet
303Kb / 16P
   Enhanced Monitor On-Screen Display
MC141541P MOTOROLA-MC141541P Datasheet
303Kb / 16P
   Enhanced Monitor On-Screen Display
More results

Mô tả tương tự - MC141543

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
WT6801 ETC2-WT6801 Datasheet
64Kb / 3P
   Monitor On-Screen Display
WT6805 ETC2-WT6805 Datasheet
35Kb / 3P
   Monitor On-Screen Display
logo
Motorola, Inc
MC141540 MOTOROLA-MC141540 Datasheet
190Kb / 12P
   Monitor on-Screen Display
logo
List of Unclassifed Man...
WT6804 ETC1-WT6804 Datasheet
37Kb / 3P
   Monitor On-Screen Display
logo
Motorola, Inc
MC141541 MOTOROLA-MC141541 Datasheet
303Kb / 16P
   Enhanced Monitor On-Screen Display
logo
STMicroelectronics
STV9420 STMICROELECTRONICS-STV9420 Datasheet
228Kb / 16P
   MULTISYNC ON-SCREEN DISPLAY FOR MONITOR
logo
List of Unclassifed Man...
MTV130 ETC2-MTV130 Datasheet
347Kb / 18P
   On-Screen Display for LCD Monitor
logo
STMicroelectronics
STV9422 STMICROELECTRONICS-STV9422 Datasheet
232Kb / 15P
   MULTISYNC ON-SCREEN DISPLAY FOR MONITOR
STV9425-STV9425B STMICROELECTRONICS-STV9425-STV9425B Datasheet
184Kb / 15P
   MULTISYNC ON-SCREEN DISPLAY FOR MONITOR
logo
List of Unclassifed Man...
WT6803 ETC1-WT6803 Datasheet
36Kb / 3P
   Monitor On-Screen Display Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com