công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC141540P4 bảng dữ liệu(PDF) 1 Page - Motorola, Inc

tên linh kiện MC141540P4
Giải thích chi tiết về linh kiện  Monitor on-Screen Display
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC141540P4 bảng dữ liệu(HTML) 1 Page - Motorola, Inc

  MC141540P4 Datasheet HTML 1Page - Motorola, Inc MC141540P4 Datasheet HTML 2Page - Motorola, Inc MC141540P4 Datasheet HTML 3Page - Motorola, Inc MC141540P4 Datasheet HTML 4Page - Motorola, Inc MC141540P4 Datasheet HTML 5Page - Motorola, Inc MC141540P4 Datasheet HTML 6Page - Motorola, Inc MC141540P4 Datasheet HTML 7Page - Motorola, Inc MC141540P4 Datasheet HTML 8Page - Motorola, Inc MC141540P4 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
MC141540
1
MOTOROLA
Monitor On-Screen Display
CMOS
The MC141540 is a high performance HCMOS device designed to interface
with a microcontroller unit to allow colored symbols or characters to be
displayed on a color monitor. The on–chip PLL allows both multi–system
operation and self–generation of system timing. It also minimizes the MCU’s
burden through its built–in 273 bytes display/control RAM. By storing a full
screen of data and control information, this device has a capability to carry out
‘screen–refresh’ without MCU supervision.
Since there is no spacing between characters, special graphics–oriented
characters can be generated by combining two or more character blocks.
Special functions such as character bordering or shadowing, multi–level
windows, double height and double width, and programmable vertical length of
character can also be incorporated. Furthermore, neither massive information
update nor extremely high data transmission rate are expected for normal on–
screen display operation, and serial protocols are implemented in lieu of any
parallel formats to achieve minimum pin count.
• Fixed Resolution: 320 (CGA) Dots per Line
• Fully Programmable Character Array of 10 Rows by 24 Columns
• 273 Bytes Direct Mapping Display RAM Architecture
• Internal PLL Generates a Wide–Ranged System Clock
• For High–End Monitor Application, Maximum Horizontal Frequency is
100 kHz (32 MHz Dot Clock)
• Programmable Vertical Height of Character to Meet Multi–Sync
Requirement
• Programmable Vertical and Horizontal Positioning for Display Center
• 128 Characters and Graphic Symbols ROM
• 10 x 16 Dot Matrix Character
• Character–by–Character Color Selection
• A Maximum of Four Selectable Colors per Row
• Double Character Height and Double Character Width
• Character Bordering or Shadowing
• Three Fully Programmable Background Windows with Overlapping
Capability
• Single Positive 5 V Supply
• MC141540P4 is a Replacement for XC141540P with Two Symbols Added
in ROM Addresses ‘5C’ and ‘5E’
Order this document
by MC141540/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
PIN ASSIGNMENT
MC141540
P SUFFIX
PLASTIC DIP
CASE 648
ORDERING INFORMATION
MC141540P4
Plastic DIP
13
14
15
16
9
10
11
12
5
4
3
2
1
8
7
6
FBKG
B
G
R
VSS
VDD
VFLB
HTONE
VDD(A)
RP
VCO
SCL(SCK)
SDA(MOSI)
SS
HFLB
VSS(A)
© Motorola, Inc. 1997
REV 1
2/97
TN97031200


Số phần tương tự - MC141540P4

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC141541 MOTOROLA-MC141541 Datasheet
303Kb / 16P
   Enhanced Monitor On-Screen Display
MC141541P MOTOROLA-MC141541P Datasheet
303Kb / 16P
   Enhanced Monitor On-Screen Display
MC141543 MOTOROLA-MC141543 Datasheet
472Kb / 14P
   Advanced Monitor On-Screen Display
MC141543P MOTOROLA-MC141543P Datasheet
472Kb / 14P
   Advanced Monitor On-Screen Display
More results

Mô tả tương tự - MC141540P4

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
WT6801 ETC2-WT6801 Datasheet
64Kb / 3P
   Monitor On-Screen Display
WT6805 ETC2-WT6805 Datasheet
35Kb / 3P
   Monitor On-Screen Display
WT6804 ETC1-WT6804 Datasheet
37Kb / 3P
   Monitor On-Screen Display
logo
Motorola, Inc
MC141541 MOTOROLA-MC141541 Datasheet
303Kb / 16P
   Enhanced Monitor On-Screen Display
MC141543 MOTOROLA-MC141543 Datasheet
472Kb / 14P
   Advanced Monitor On-Screen Display
logo
STMicroelectronics
STV9420 STMICROELECTRONICS-STV9420 Datasheet
228Kb / 16P
   MULTISYNC ON-SCREEN DISPLAY FOR MONITOR
logo
List of Unclassifed Man...
MTV130 ETC2-MTV130 Datasheet
347Kb / 18P
   On-Screen Display for LCD Monitor
logo
STMicroelectronics
STV9422 STMICROELECTRONICS-STV9422 Datasheet
232Kb / 15P
   MULTISYNC ON-SCREEN DISPLAY FOR MONITOR
STV9425-STV9425B STMICROELECTRONICS-STV9425-STV9425B Datasheet
184Kb / 15P
   MULTISYNC ON-SCREEN DISPLAY FOR MONITOR
logo
List of Unclassifed Man...
WT6803 ETC1-WT6803 Datasheet
36Kb / 3P
   Monitor On-Screen Display Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com