công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC141540P4 bảng dữ liệu(PDF) 7 Page - Motorola, Inc

tên linh kiện MC141540P4
Giải thích chi tiết về linh kiện  Monitor on-Screen Display
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC141540P4 bảng dữ liệu(HTML) 7 Page - Motorola, Inc

Back Button MC141540P4 Datasheet HTML 3Page - Motorola, Inc MC141540P4 Datasheet HTML 4Page - Motorola, Inc MC141540P4 Datasheet HTML 5Page - Motorola, Inc MC141540P4 Datasheet HTML 6Page - Motorola, Inc MC141540P4 Datasheet HTML 7Page - Motorola, Inc MC141540P4 Datasheet HTML 8Page - Motorola, Inc MC141540P4 Datasheet HTML 9Page - Motorola, Inc MC141540P4 Datasheet HTML 10Page - Motorola, Inc MC141540P4 Datasheet HTML 11Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
MC141540
7
MOTOROLA
0
14
13
12
11
10
9
8
7
6
5
4
3
2
1
15
16 lines
22 lines
34 lines
25 lines
Built–in font
Display character
when CH=22
Display character
when CH=34
when CH=25
Display character
(10x16 matrix)
when CH=16
Figure 6. Variable Character Height
An IBM PC program called “MOSD Font Editor” (Rev. 2.0)
was written for MC141540 editing purposes. This program
generates a set of S–Record or Binary record for the desired
display patterns to be masked onto the character ROM of the
MC141540.
In order to have better character display within windows, it
is suggested that the designed character font be placed in
the center of the 10 x 16 matrix with equal space on all four
sides. The character $00 is predefined for blank characters,
and the character $7F is predefined for full–filled characters.
In order to avoid submersion of displayed symbols or char-
acters into a background of comparable colors, a feature of
bordering which encircles all four sides, or shadowing which
encircles only the right and bottom sides of an individual dis-
play character, are provided. Figure 7 shows how a character
is jacketed differently. To make sure that a character is bor-
dered or shadowed correctly, at least one blank dot should
be reserved on each side of the character font.
0
14
13
12
11
10
9
8
7
6
5
4
3
2
1
15
Bordering
0
14
13
12
11
10
9
8
7
6
5
4
3
2
1
15
Shadowing
Figure 7. Character Bordering and Shadowing
Frame Format and Timing
Figure 8 illustrates the positions of all display characters
on the screen relative to the leading edge of horizontal and
vertical flyback signals. The shaded area indicates the area
outside the “safe viewing area” for the display characters.
Notice that there are two components in the equations stated
in Figure 8 for horizontal and vertical delays: fixed delays
from the leading edge of HFLB and VFLB signals, regardless
of the values of HORD and VERTD (47 dots + phase detec-
tion pulse width) and one H scan line for horizontal and verti-
cal delays, respectively; and variable delays determined by
the values of HORD and VERTD. Refer to Frame Control
Registers Coln 9 and 10 for the definitions of VERTD and
HORD.
Phase detection pulse width is a function of the external
charge–up resistor, which is the 330 k
Ω resistor in a series
with 2 k
Ω to VCO pin in the Application Diagram. Dot fre-
quency is determined by the equation
H freq x 320. For ex-
ample, dot frequency is 10.24 MHz if H freq is 32 kHz.
Hence, a dot equals 1/10.24
µs.
When double character width is selected for a row, only the
even–numbered characters will be displayed, as shown in
Row 2. Notice that the total number of horizontal scan lines in
the display frame is variable, depending on the chosen char-
acter height of each row. Care should be taken while config-
uring each row character height so that the last horizontal
scan line in the display frame always comes out before the
leading edge of VFLB of the next frame, to avoid wrapping
display characters of the last few rows in the current frame
into the next frame. The number of display dots in a horizon-
tal scan line is always fixed at 240, regardless of row charac-
ter width.


Số phần tương tự - MC141540P4

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC141541 MOTOROLA-MC141541 Datasheet
303Kb / 16P
   Enhanced Monitor On-Screen Display
MC141541P MOTOROLA-MC141541P Datasheet
303Kb / 16P
   Enhanced Monitor On-Screen Display
MC141543 MOTOROLA-MC141543 Datasheet
472Kb / 14P
   Advanced Monitor On-Screen Display
MC141543P MOTOROLA-MC141543P Datasheet
472Kb / 14P
   Advanced Monitor On-Screen Display
More results

Mô tả tương tự - MC141540P4

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
WT6801 ETC2-WT6801 Datasheet
64Kb / 3P
   Monitor On-Screen Display
WT6805 ETC2-WT6805 Datasheet
35Kb / 3P
   Monitor On-Screen Display
WT6804 ETC1-WT6804 Datasheet
37Kb / 3P
   Monitor On-Screen Display
logo
Motorola, Inc
MC141541 MOTOROLA-MC141541 Datasheet
303Kb / 16P
   Enhanced Monitor On-Screen Display
MC141543 MOTOROLA-MC141543 Datasheet
472Kb / 14P
   Advanced Monitor On-Screen Display
logo
STMicroelectronics
STV9420 STMICROELECTRONICS-STV9420 Datasheet
228Kb / 16P
   MULTISYNC ON-SCREEN DISPLAY FOR MONITOR
logo
List of Unclassifed Man...
MTV130 ETC2-MTV130 Datasheet
347Kb / 18P
   On-Screen Display for LCD Monitor
logo
STMicroelectronics
STV9422 STMICROELECTRONICS-STV9422 Datasheet
232Kb / 15P
   MULTISYNC ON-SCREEN DISPLAY FOR MONITOR
STV9425-STV9425B STMICROELECTRONICS-STV9425-STV9425B Datasheet
184Kb / 15P
   MULTISYNC ON-SCREEN DISPLAY FOR MONITOR
logo
List of Unclassifed Man...
WT6803 ETC1-WT6803 Datasheet
36Kb / 3P
   Monitor On-Screen Display Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com