công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC141540 bảng dữ liệu(PDF) 11 Page - Motorola, Inc

tên linh kiện MC141540
Giải thích chi tiết về linh kiện  Monitor on-Screen Display
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC141540 bảng dữ liệu(HTML) 11 Page - Motorola, Inc

Back Button MC141540 Datasheet HTML 4Page - Motorola, Inc MC141540 Datasheet HTML 5Page - Motorola, Inc MC141540 Datasheet HTML 6Page - Motorola, Inc MC141540 Datasheet HTML 7Page - Motorola, Inc MC141540 Datasheet HTML 8Page - Motorola, Inc MC141540 Datasheet HTML 9Page - Motorola, Inc MC141540 Datasheet HTML 10Page - Motorola, Inc MC141540 Datasheet HTML 11Page - Motorola, Inc MC141540 Datasheet HTML 12Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
MC141540
11
MOTOROLA
DESIGN CONSIDERATIONS
Distortion
Motorola’s MC141540 has a built–in PLL for multi–system
application. Pin 2 voltage is dc–based for the internal VCO in
the PLL. When the input frequency (HFLB) to Pin 5 in-
creases, the VCO frequency will increase accordingly. This
forces the PLL to a higher locked frequency output. The fre-
quency should be equal to 320 x HFLB. This is the pixel dot
clock.
Display distortion is caused by noise on Pin 2. Positive
noise increases the VCO frequency above normal. The cor-
responding scan line will be shorter accordingly. In contrast,
negative noise causes the scan line to be longer. The net re-
sult will be distortion on the display, especially on the right
hand side of the display window.
In order to have distortion–free display, the following rec-
ommendations should be considered:
Only analog part grounds (Pin 2 to Pin 4) can be con-
nected to Pin 1(VSS(A)). VSS and other grounds should be
connected to PCB common ground. The VSS(A) and VSS
grounds should be totally separated (i.e. VSS(A) is float-
ing). Refer to the Application Diagram for the ground con-
nections.
The dc supply path for Pin 9 (VDD) should be separated
from other switching devices.
The LC filter should be connected between Pin 9 and Pin
4. Refer to the values used in the Application Diagram.
Biasing and filter networks should be connected to Pin 2
and Pin 3. Refer to the recommended networks in the Ap-
plication Diagram.
Two small capacitors can be connected between Pins 2
and 3, and between Pins 3 and 4.
Jittering
Most display jittering is caused by HFLB jittering on Pin 5.
Care must be taken if the HFLB signal comes from the fly-
back transformer. A short path and shielded cable are rec-
ommended for a clean signal. A small capacitor can be
added between Pin 5 and Pin 16 to smooth the signal. Refer
to the value used in the Application Diagram.
Display Dancing
Most display dancing is caused by interference of the seri-
al bus. It can be avoided by adding series resistors to the se-
rial bus.
APPLICATION DIAGRAM
MPS2369
100
µH
0.1
µF
100
µF
ANALOG GROUND – FLOATING
3.3 k
100
100
100
240
240
240
VCC
VCC
1 k
1 k
1 k
0.1
µF
10
µF
9
16
15
14
13
12
11
10
1
2
3
4
5
6
7
8
0.01
µF
1 k
0.047
µF
33 pF
33 pF
100
100
100
VDD
VSS
R
G
B
FBKG
HTONE
VFLB
VSS(A)
VCO
RP
HFLB
SS
SDA(MOSI)
SCL(SCK)
VDD(A)
HFLB
2 k
VFLB
HTONE
FBKG
B
G
R
330 k
DIGITAL GROUND – COMMON GROUND
ANALOG GROUND
DIGITAL GROUND
MOSD
IIC(SPI) BUS
330 pF


Số phần tương tự - MC141540

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC141541 MOTOROLA-MC141541 Datasheet
303Kb / 16P
   Enhanced Monitor On-Screen Display
MC141541P MOTOROLA-MC141541P Datasheet
303Kb / 16P
   Enhanced Monitor On-Screen Display
MC141543 MOTOROLA-MC141543 Datasheet
472Kb / 14P
   Advanced Monitor On-Screen Display
MC141543P MOTOROLA-MC141543P Datasheet
472Kb / 14P
   Advanced Monitor On-Screen Display
More results

Mô tả tương tự - MC141540

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
WT6801 ETC2-WT6801 Datasheet
64Kb / 3P
   Monitor On-Screen Display
WT6805 ETC2-WT6805 Datasheet
35Kb / 3P
   Monitor On-Screen Display
WT6804 ETC1-WT6804 Datasheet
37Kb / 3P
   Monitor On-Screen Display
logo
Motorola, Inc
MC141541 MOTOROLA-MC141541 Datasheet
303Kb / 16P
   Enhanced Monitor On-Screen Display
MC141543 MOTOROLA-MC141543 Datasheet
472Kb / 14P
   Advanced Monitor On-Screen Display
logo
STMicroelectronics
STV9420 STMICROELECTRONICS-STV9420 Datasheet
228Kb / 16P
   MULTISYNC ON-SCREEN DISPLAY FOR MONITOR
logo
List of Unclassifed Man...
MTV130 ETC2-MTV130 Datasheet
347Kb / 18P
   On-Screen Display for LCD Monitor
logo
STMicroelectronics
STV9422 STMICROELECTRONICS-STV9422 Datasheet
232Kb / 15P
   MULTISYNC ON-SCREEN DISPLAY FOR MONITOR
STV9425-STV9425B STMICROELECTRONICS-STV9425-STV9425B Datasheet
184Kb / 15P
   MULTISYNC ON-SCREEN DISPLAY FOR MONITOR
logo
List of Unclassifed Man...
WT6803 ETC1-WT6803 Datasheet
36Kb / 3P
   Monitor On-Screen Display Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com