công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MC141540 bảng dữ liệu(PDF) 5 Page - Motorola, Inc |
|
MC141540 bảng dữ liệu(HTML) 5 Page - Motorola, Inc |
5 / 12 page MC141540 5 MOTOROLA MOSI MSB LSB SCK last byte first byte Figure 2. SPI Protocol SS DATA TRANSMISSION FORMATS After the proper identification by the receiving device, a data train of arbitrary length is transmitted from the master. There are three transmission formats from (a) to (c) as stated below. The data train in each sequence consists of row ad- dress (R), column address (C), and display information (I), as shown in Figure 3. In format (a), display information data must be preceded with the corresponding row address and column address. This format is particularly suitable for updat- ing small amounts of data between different rows. However, if the current information byte has the same row address as the one before, format (b) is recommended. row addr col addr info Figure 3. Data Packet For a full–screen pattern change that requires a massive information update, or during power–up, most of the row and column addresses of either (a) or (b) formats will be consec- utive. Therefore, a more efficient data transmission format (c) should be applied. This sends the RAM starting row and col- umn addresses once only, and then treats all subsequent data as display information. The row and column addresses will be automatically incremented internally for each display information data from the starting location. Because Col- umns 24 through 29 are unused, it is recommended that these locations are filled with dummy data while using format (c) to transmit. The data transmission formats are: (a) R – > C – > I – > R – > C – > I – > . . . . . . . . . (b) R – > C – > I – > C – > I – > C – > I. . . . . . . (c) R – > C – > I – > I – > I – > . . . . . . . . . . . . . To differentiate the row and column addresses when trans- ferring data from master, the MSB (most significant bit) is set, as in Figure 4: ‘1’ to represent row, and ‘0’ for column ad- dress. Furthermore, to distinguish the column address be- tween formats (a), (b), and (c), the sixth bit of the column address is set to ‘1’ which represents format (c), and ‘0’ for format (a) or (b). However, there is some limitation on using mixed formats during a single transmission. It is permissible to change the format from (a) to (b), or from (a) to (c), or from (b) to (a), but not from (c) back to (a) or (b). ADDRESS ROW COLUMN COLUMN X: don’t care D: valid data FORMAT BIT 0 1 2 3 4 5 6 7 D D D D X X X 1 D D D D D X 0 0 D D D D D X 1 0 a, b a, b, c c Figure 4. Row & Column Address Bit Patterns MEMORY MANAGEMENT Internal RAM is addressed with row and column (coln) numbers in sequence. The spaces between Row 0 and Coln 0 to Row 9 and Coln 23 are called display registers, and each contains a character ROM address corresponding to a dis- play location on the monitor screen. Every data row is associated with two control registers, which are located at Coln 30 and 31 of their respective rows, to control the char- acter display format of that row. In addition, three window control registers for each of the three windows, together with three frame control registers, occupy the first 13 columns of Row 10. The user should handle the internal RAM address location with care, especially those rows with double length alphanu- meric symbols. For example, if Row n is destined to be double height on the memory map, the data displayed on screen Rows n and n+1 will be represented by the data con- tained in the memory address of Row n only. The data of the next Row n+1 on the memory map will appear on the screen as n+2 and n+3 row space, and so on. Hence, it is not neces- sary to load a row of blank data to compensate for the double row. The user should minimize excessive rows of data in memory in order to avoid overrunning the limited amount of row space on the screen. For rows with double width alphanumeric symbols, only the data contained in the even numbered columns of the memory map are shown. Odd numbered columns are treated in the same manner as double height rows. DISPLAY REGISTERS COLUMN 29 30 31 0 0 9 WINDOW 1 WINDOW 2 FRAME CRTL REG WINDOW 3 10 0 2 35 68 9 12 23 24... WINDOW AND FRAME CONTROL REGISTERS Figure 5. Memory Map |
Số phần tương tự - MC141540 |
|
Mô tả tương tự - MC141540 |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |