công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC141540 bảng dữ liệu(PDF) 4 Page - Motorola, Inc

tên linh kiện MC141540
Giải thích chi tiết về linh kiện  Monitor on-Screen Display
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC141540 bảng dữ liệu(HTML) 4 Page - Motorola, Inc

  MC141540 Datasheet HTML 1Page - Motorola, Inc MC141540 Datasheet HTML 2Page - Motorola, Inc MC141540 Datasheet HTML 3Page - Motorola, Inc MC141540 Datasheet HTML 4Page - Motorola, Inc MC141540 Datasheet HTML 5Page - Motorola, Inc MC141540 Datasheet HTML 6Page - Motorola, Inc MC141540 Datasheet HTML 7Page - Motorola, Inc MC141540 Datasheet HTML 8Page - Motorola, Inc MC141540 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MC141540
MOTOROLA
4
PIN DESCRIPTIONS
VSS(A) (Pin 1)
This pin provides the signal ground to the PLL circuitry.
Analog ground for PLL operation is separated from digital
ground for optimal performance.
VCO (Pin 2)
Pin 2 is a control voltage input to regulate an internal oscil-
lator frequency. See the Application Diagram for the applica-
tion values used.
RP (Pin 3)
An external RC network is used to bias an internal VCO to
resonate at the specific dot frequency. The value of the resis-
tor for this pin should be adjusted in order to set the pin volt-
age to around half VDD. See the Application Diagram for the
application values used.
VDD(A) (Pin 4)
Pin 4 is a positive 5 V supply for PLL circuitry. Analog pow-
er for PLL is separated from digital power for optimal perfor-
mance.
HFLB (Pin 5)
This pin inputs a negative polarity horizontal synchronize
signal pulse to phase lock an internal system clock gener-
ated by the on–chip VCO circuit.
SS (Pin 6)
This input pin is part of the SPI serial interface. An active
low signal generated by the master device enables this slave
device to accept data. This pin should be pulled high to termi-
nate the SPI communication.
SDA (MOSI) (Pin 7)
Data and control messages are being transmitted to this
chip from a host MCU via this wire, which is configured as a
uni–directional data line. (Detailed description of these two
protocols will be discussed in the SPI section).
SCL (SCK) (Pin 8)
A separate synchronizing clock input from the transmitter
is required for either protocol. Data is read at the rising edge
of each clock signal.
VDD (Pin 9)
This is the power pin for the digital logic of the chip.
VFLB (Pin 10)
Similar to Pin 5, this pin inputs a negative polarity vertical
synchronize signal pulse.
HTONE (Pin 11)
This pin outputs a logic high during windowing except
when graphics or characters are being displayed. It is used
to lower the external R, G, and B amplifiers’ gain to achieve a
transparent windowing effect.
FBKG (Pin 12)
This pin outputs a logic high while displaying characters or
windows when the FBKGC bit in the frame control register is
0, and output a logic high only while displaying characters
when the FBKGC bit is 1. It is defaulted to high–impedance
state after power–on, or when there is no output. An external
10 k
Ω resistor pulled low is recommended to avoid level tog-
gling caused by hand effect when there is no output.
B,G,R (Pins 13,14,15)
MOSD color output is TTL level RGB to the host monitor.
These three signals are active high output pins that are in a
high–impedance state when MOSD is disabled.
VSS (Pin 16)
This is the ground pin for the digital logic of the chip.
SYSTEM DESCRIPTION
MC141540 is a full–screen memory architecture. Refresh
is performed by the built–in circuitry after a screenful of dis-
play data has been loaded through the serial bus. Only
changes to the display data need to be input afterward.
Serial data, which includes screen mapping address, dis-
play information, and control messages, are transmitted via
the SPI bus. Figure 2 contains the SPI protocol operating
procedure.
Data is received from the serial port and stored by the
memory management circuit. Line data is stored in a row
buffer for display and refreshing. During this storing and re-
trieving cycle, bus arbitration logic patrols the internal traffic
to make sure that no crashes occur between the slower seri-
al bus receiver and the fast ‘screen–refresh’ circuitry. After
the full–screen display data is received through one of the
serial communication interfaces, the link can be terminated if
a change of the display is not required.
The bottom half of the block diagram contains the hard-
ware functions for the entire system. It performs all the
MOSD functions such as programmable vertical length (from
16 lines to 63 lines), display clock generation (which is phase
locked to the incoming horizontal sync signal at Pin 5 HFLB),
bordering or shadowing, and multiple windowing.
COMMUNICATION PROTOCOLS
Serial Peripheral Interface (SPI)
SPI is a three–wire serial communication link that requires
separate clock (SCK) and data (MOSI) lines. In addition, an
SS slave select pin is controlled by the master transmitter to
initiate the receiver.
Operating Procedure
To initiate SPI transmission, the SS pin is pulled low by the
master device to enable MC141540 to accept data. The SS
input line must be a logic low prior to the occurrence of SCK,
and remain low until and after the last (eighth) SCK cycle. Af-
ter all data has been sent, the SS pin is then pulled high by
the master to terminate the transmission. No slave address
is needed for SPI. Hence, row and column address informa-
tion and display data can be sent immediately after the SPI is
initiated.


Số phần tương tự - MC141540

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC141541 MOTOROLA-MC141541 Datasheet
303Kb / 16P
   Enhanced Monitor On-Screen Display
MC141541P MOTOROLA-MC141541P Datasheet
303Kb / 16P
   Enhanced Monitor On-Screen Display
MC141543 MOTOROLA-MC141543 Datasheet
472Kb / 14P
   Advanced Monitor On-Screen Display
MC141543P MOTOROLA-MC141543P Datasheet
472Kb / 14P
   Advanced Monitor On-Screen Display
More results

Mô tả tương tự - MC141540

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
WT6801 ETC2-WT6801 Datasheet
64Kb / 3P
   Monitor On-Screen Display
WT6805 ETC2-WT6805 Datasheet
35Kb / 3P
   Monitor On-Screen Display
WT6804 ETC1-WT6804 Datasheet
37Kb / 3P
   Monitor On-Screen Display
logo
Motorola, Inc
MC141541 MOTOROLA-MC141541 Datasheet
303Kb / 16P
   Enhanced Monitor On-Screen Display
MC141543 MOTOROLA-MC141543 Datasheet
472Kb / 14P
   Advanced Monitor On-Screen Display
logo
STMicroelectronics
STV9420 STMICROELECTRONICS-STV9420 Datasheet
228Kb / 16P
   MULTISYNC ON-SCREEN DISPLAY FOR MONITOR
logo
List of Unclassifed Man...
MTV130 ETC2-MTV130 Datasheet
347Kb / 18P
   On-Screen Display for LCD Monitor
logo
STMicroelectronics
STV9422 STMICROELECTRONICS-STV9422 Datasheet
232Kb / 15P
   MULTISYNC ON-SCREEN DISPLAY FOR MONITOR
STV9425-STV9425B STMICROELECTRONICS-STV9425-STV9425B Datasheet
184Kb / 15P
   MULTISYNC ON-SCREEN DISPLAY FOR MONITOR
logo
List of Unclassifed Man...
WT6803 ETC1-WT6803 Datasheet
36Kb / 3P
   Monitor On-Screen Display Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com