công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC141531T bảng dữ liệu(PDF) 6 Page - Motorola, Inc

tên linh kiện MC141531T
Giải thích chi tiết về linh kiện  LCD Segment / Common Driver CMOS
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC141531T bảng dữ liệu(HTML) 6 Page - Motorola, Inc

Back Button MC141531T Datasheet HTML 2Page - Motorola, Inc MC141531T Datasheet HTML 3Page - Motorola, Inc MC141531T Datasheet HTML 4Page - Motorola, Inc MC141531T Datasheet HTML 5Page - Motorola, Inc MC141531T Datasheet HTML 6Page - Motorola, Inc MC141531T Datasheet HTML 7Page - Motorola, Inc MC141531T Datasheet HTML 8Page - Motorola, Inc MC141531T Datasheet HTML 9Page - Motorola, Inc MC141531T Datasheet HTML 10Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
MOTOROLA
3–144
MC141531
TC(%)=
VR at 50˚C - VR at 0˚C
50˚C - 0˚C
X
1
VR at 25˚C
X100%
ELECTRICAL CHARACTERISTICS (Voltage Referenced to VSS, VDD=2.4 to 3.5V, TA=25˚C)
*The formula for the temperature coefficient (TC) is:
Symbol
Parameter
Test Condition
Min
Typ
Max
Unit
VIH1
VIL1
Input high voltage
(RES, OSC2, CS, D0-D7, R/W, D/C, OSC1)
Input Low voltage
(RES, OSC2, CS, D0-D7, R/W, D/C, OSC1)
0.8*VDD
0
-
-
VDD
0.2*VDD
V
V
VLL6
VLL5
VLL4
VLL3
VLL2
VLL6
VLL5
VLL4
VLL3
VLL2
LCD Display Voltage Output
(VLL6, VLL5, VLL4, VLL3, VLL2 Pins)
LCD Display Voltage Input
(VLL6, VLL5, VLL4, VLL3, VLL2 Pins)
Voltage Divider Enabled
External DC/DC Converter, Voltage Divider Disable
-
-
-
-
-
5
0
0
0
0
VR
0.8*VR
0.6*VR
0.4*VR
0.2*VR
-
-
-
-
-
-
-
-
-
-
VCC
VLL6
VLL5
VLL4
VLL3
V
V
V
V
V
V
V
V
V
V
IOH
IOL
IOZ
Output High Current Source
(D0-D7, Annun0-2, BP, OSC2)
Output Low Current Drain
(D0-D7, Annun0-2, BP, OSC2)
Output Tri-state Current Drain Source
(D0-D7, OSC2)
Vout=VDD-0.4V
Vout=0.4V
50
-
-1
-
-
-
-
-50
1
µA
µA
µA
IIL/IIH
Input Current
(RES, OSC2, CS, D0-D7, R/W, D/C , OSC1)
-1
-
1
µA
Ron
Channel resistance between LCD driving signal
pins (SEG and COM) and driving voltage input
pins (VLL2 to VLL6)
During Display on, 0.1V apply between two termi-
nals, VCC within operating voltage range
-
-
10
k
VSB
Memory Retention Voltage (DVDD)
Standby mode, retain all internal configuration and
RAM data
2--
V
CIN
Input Capacitance
(OSC1, OSC2, all logic pins)
-
5
7.5
pF
PTC0
PTC1
PTC2
PTC3
Temperature Coefficient Compensation*
Flat Temperature Coefficient
Temperature Coefficient 1*
Temperature Coefficient 2*
Temperature Coefficient 3*
TC1=0, TC2=0, Voltage Regulator Disabled
TC1=0, TC2=1, Voltage Regulator Enabled
TC1=1, TC2=0, Voltage Regulator Enabled
TC1=1, TC2=1, Voltage Regulator Enabled
-
-
-
-
0.0
-0.18
-0.22
-0.35
-
-
-
-
%
%
%
%
VCN
Internal Contrast Control
(VR Output Voltage)
Regulator Enabled, Internal Contrast control
Enabled. (16 Voltage Levels Controlled by Software.
Each level is typically 2.25% of the Regulator Output
Voltage. )
-
± 18
-
%


Số phần tương tự - MC141531T

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC141532 MOTOROLA-MC141532 Datasheet
971Kb / 27P
   LCD SEGMENT / COMMON DRIVER WITH CONTROLLER COMS
MC141532T MOTOROLA-MC141532T Datasheet
971Kb / 27P
   LCD SEGMENT / COMMON DRIVER WITH CONTROLLER COMS
MC141533 MOTOROLA-MC141533 Datasheet
971Kb / 27P
   LCD SEGMENT / COMMON DRIVER WITH CONTROLLER COMS
MC141539 MOTOROLA-MC141539 Datasheet
977Kb / 19P
   LCD Segment / Common Driver with Controller
More results

Mô tả tương tự - MC141531T

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
SSD1809 ETC1-SSD1809 Datasheet
343Kb / 27P
   LCD SEGMENT / COMMON DRIVER WITH CONTROLLER CMOS
SSD1852 ETC-SSD1852 Datasheet
637Kb / 55P
   LCD Segment / Common Driver With Controller CMOS
SSD1812 ETC-SSD1812 Datasheet
434Kb / 28P
   LCD Segment / Common Driver with Controller CMOS
SSD1854 ETC-SSD1854 Datasheet
771Kb / 48P
   LCD Segment / Common Driver with Controller CMOS
SSD1820A ETC1-SSD1820A Datasheet
518Kb / 43P
   LCD Segment / Common Driver with Controller CMOS
SSD1828 ETC-SSD1828 Datasheet
434Kb / 43P
   LCD Segment / Common Driver with Controller CMOS
logo
Motorola, Inc
MC141803 MOTOROLA-MC141803 Datasheet
299Kb / 24P
   LCD Segment / Common Driver with Controller CMOS
logo
List of Unclassifed Man...
SSD1858 ETC1-SSD1858 Datasheet
371Kb / 50P
   LCD Segment / Common Driver with Controller CMOS
SSD1850 ETC-SSD1850 Datasheet
793Kb / 56P
   CMOS LCD Segment / Common Driver with Controller
SED1606D ETC1-SED1606D Datasheet
269Kb / 13P
   CMOS LCD SEGMENT DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com