công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC141531 bảng dữ liệu(PDF) 1 Page - Motorola, Inc

tên linh kiện MC141531
Giải thích chi tiết về linh kiện  LCD Segment / Common Driver CMOS
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC141531 bảng dữ liệu(HTML) 1 Page - Motorola, Inc

  MC141531 Datasheet HTML 1Page - Motorola, Inc MC141531 Datasheet HTML 2Page - Motorola, Inc MC141531 Datasheet HTML 3Page - Motorola, Inc MC141531 Datasheet HTML 4Page - Motorola, Inc MC141531 Datasheet HTML 5Page - Motorola, Inc MC141531 Datasheet HTML 6Page - Motorola, Inc MC141531 Datasheet HTML 7Page - Motorola, Inc MC141531 Datasheet HTML 8Page - Motorola, Inc MC141531 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
3–139
MC141531
MOTOROLA
Advance Information
LCD Segment / Common Driver
CMOS
MC141531 is a CMOS LCD Driver which consists of 3 annunciator out-
puts and 137 high voltage LCD driving signals (17 common and 120 seg-
ment). It has parallel interface capability for operating with general MCU.
Besides the general LCD driver features, it has on chip LCD bias voltage
generator circuits such that limited external component is required during
application.
Single Supply Operation, 2.4 V - 3.5 V
Operating Temperature Range : -30˚C to 85˚C
Low Current Stand-by Mode (<500nA)
On Chip Bias DC/DC Converter
8 bit Parallel Interface
Graphic Mode Operation
On Chip 120x17 Graphic Display Data RAM
Master clear RAM
120 Segment Drivers, 17 Common Drivers
1/16, 1/17 Multiplex Ratio
1:5 bias ratio
Re-mapping of Row and Column Drivers
Three Stand Alone Annunciator (Static Icon) Driver Circuits
Low Power Icon Mode Driven by Com16 in Special Driving Scheme
Selectable LCD Drive Voltage Temperature Coefficients
16 level Internal Contrast Control
External Contrast Control
Standard TAB (Tape Automated Bonding) Package, Gold Bump Die
MC141531
ORDERING INFORMATION
MC141531T
TAB
MCC141531Z Gold Bump Die
This document contains information on a new product. Specifications and information herein are subject to change without notice.
MC141531T
TAB
MCC141531Z
Gold Bump Die
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
REV 4
3/97


Số phần tương tự - MC141531

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC141532 MOTOROLA-MC141532 Datasheet
971Kb / 27P
   LCD SEGMENT / COMMON DRIVER WITH CONTROLLER COMS
MC141532T MOTOROLA-MC141532T Datasheet
971Kb / 27P
   LCD SEGMENT / COMMON DRIVER WITH CONTROLLER COMS
MC141533 MOTOROLA-MC141533 Datasheet
971Kb / 27P
   LCD SEGMENT / COMMON DRIVER WITH CONTROLLER COMS
MC141539 MOTOROLA-MC141539 Datasheet
977Kb / 19P
   LCD Segment / Common Driver with Controller
More results

Mô tả tương tự - MC141531

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
SSD1809 ETC1-SSD1809 Datasheet
343Kb / 27P
   LCD SEGMENT / COMMON DRIVER WITH CONTROLLER CMOS
SSD1852 ETC-SSD1852 Datasheet
637Kb / 55P
   LCD Segment / Common Driver With Controller CMOS
SSD1812 ETC-SSD1812 Datasheet
434Kb / 28P
   LCD Segment / Common Driver with Controller CMOS
SSD1854 ETC-SSD1854 Datasheet
771Kb / 48P
   LCD Segment / Common Driver with Controller CMOS
SSD1820A ETC1-SSD1820A Datasheet
518Kb / 43P
   LCD Segment / Common Driver with Controller CMOS
SSD1828 ETC-SSD1828 Datasheet
434Kb / 43P
   LCD Segment / Common Driver with Controller CMOS
logo
Motorola, Inc
MC141803 MOTOROLA-MC141803 Datasheet
299Kb / 24P
   LCD Segment / Common Driver with Controller CMOS
logo
List of Unclassifed Man...
SSD1858 ETC1-SSD1858 Datasheet
371Kb / 50P
   LCD Segment / Common Driver with Controller CMOS
SSD1850 ETC-SSD1850 Datasheet
793Kb / 56P
   CMOS LCD Segment / Common Driver with Controller
SED1606D ETC1-SED1606D Datasheet
269Kb / 13P
   CMOS LCD SEGMENT DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com