công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC14561B bảng dữ liệu(PDF) 1 Page - Motorola, Inc

tên linh kiện MC14561B
Giải thích chi tiết về linh kiện  9S COMPLEMENTER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC14561B bảng dữ liệu(HTML) 1 Page - Motorola, Inc

  MC14561B Datasheet HTML 1Page - Motorola, Inc MC14561B Datasheet HTML 2Page - Motorola, Inc MC14561B Datasheet HTML 3Page - Motorola, Inc MC14561B Datasheet HTML 4Page - Motorola, Inc MC14561B Datasheet HTML 5Page - Motorola, Inc MC14561B Datasheet HTML 6Page - Motorola, Inc MC14561B Datasheet HTML 7Page - Motorola, Inc MC14561B Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MOTOROLA CMOS LOGIC DATA
1
MC14561B
9's Complementer
The MC14561B 9’s complementer is a companion to the MC14560B
NBCD adder to allow BCD subtraction. A BCD number (8–4–2–1 code) is
applied to the inputs (A1 = 20, A2 = 21, A3 = 22, A4 = 23). If the complement
control (Comp) is low, the BCD number appears at the outputs unmodified.
The complement disable (Comp) allows the complement control to be gated,
or an inverted control signal to be used. If the complement input is high and
the disable input low, the 9’s complement of the number is displayed at the
outputs. The zero control (Z), when high, forces the outputs low regardless of
the state of the other inputs.
When the MC14561B is used to perform BCD subtraction in conjunction
with the MC14560B NBCD adder, the complement control becomes an
add/subtract control.
• All Inputs Buffered
• Supply Voltage Range = 3.0 Vdc to 18 Vdc
• Capable of Driving Two Low–Power TTL Loads or One Low–Power
Schottky TTL Load Over the Rated Temperature Range
MAXIMUM RATINGS* (Voltages Referenced to VSS)
Symbol
Parameter
Value
Unit
VDD
DC Supply Voltage
– 0.5 to + 18.0
V
Vin, Vout Input or Output Voltage (DC or Transient)
– 0.5 to VDD + 0.5
V
Iin, Iout
Input or Output Current (DC or Transient),
per Pin
± 10
mA
PD
Power Dissipation, per Package†
500
mW
Tstg
Storage Temperature
– 65 to + 150
_C
TL
Lead Temperature (8–Second Soldering)
260
_C
* Maximum Ratings are those values beyond which damage to the device may occur.
†Temperature Derating:
Plastic “P and D/DW” Packages: – 7.0 mW/
_C From 65_C To 125_C
Ceramic “L” Packages: – 12 mW/
_C From 100_C To 125_C
TRUTH TABLE
Z
Comp
Comp
F1
F2
F3
F4
Mode
0
0
0
0
0
1
A1
A2
A3
A4
Straight–through
0
1
1
0
1
0
A1
A2
A2A3 + A2A3
A2A3A4
Complement
1
X
X
0
0
0
0
Zero
X = Don’t Care.
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
© Motorola, Inc. 1995
REV 3
1/94
MC14561B
This device contains protection circuitry to
guard against damage due to high static
voltages or electric fields. However, pre-
cautions must be taken to avoid applications of
any voltage higher than maximum rated volt-
ages to this high–impedance circuit. For proper
operation, Vin and Vout should be constrained
to the range VSS v (Vin or Vout) v VDD.
Unused inputs must always be tied to an
appropriate logic voltage level (e.g., either VSS
or VDD). Unused outputs must be left open.
L SUFFIX
CERAMIC
CASE 632
ORDERING INFORMATION
MC14XXXBCP
Plastic
MC14XXXBCL
Ceramic
MC14XXXBD
SOIC
TA = – 55° to 125°C for all packages.
P SUFFIX
PLASTIC
CASE 646
D SUFFIX
SOIC
CASE 751A
PIN ASSIGNMENT
11
12
13
14
8
9
10
5
4
3
2
1
7
6
F4
F3
F2
F1
VDD
NC
Z
A4
A3
A2
A1
VSS
COMP
COMP
NC = NO CONNECTION


Số phần tương tự - MC14561B

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC145611 MOTOROLA-MC145611 Datasheet
45Kb / 1P
   PCM conference Circuit
More results

Mô tả tương tự - MC14561B

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
SANYO DENKI CO., LTD.
9S0812H401 SANYODENKI-9S0812H401 Datasheet
215Kb / 2P
   DC Fan San Ace 80 9S type
9S0612S401 SANYODENKI-9S0612S401 Datasheet
176Kb / 2P
   DC Fan San Ace 60 9S type
9S1212H401 SANYODENKI-9S1212H401 Datasheet
203Kb / 2P
   DC Fan San Ace 120 9S type
9S0912F401 SANYODENKI-9S0912F401 Datasheet
188Kb / 2P
   DC Fan San Ace 92 9S type
logo
Schneider Electric
DL1CD0061 SCHNEIDER-DL1CD0061 Datasheet
119Kb / 2P
   Harmony XB4, LED bulb, BA 9s, white, 6 V
Nov 22, 2021
DL1CF220 SCHNEIDER-DL1CF220 Datasheet
129Kb / 2P
   Harmony XB4, Neon bulb, BA 9s, clear, 230 V AC
Nov 22, 2021
DL1CS7220SP SCHNEIDER-DL1CS7220SP Datasheet
124Kb / 2P
   orange neon bulb for signalling - BA 9s - 220/240 V
Nov 22, 2021
DL1CE024 SCHNEIDER-DL1CE024 Datasheet
147Kb / 2P
   Harmony XB4, Incandescent bulb, BA 9s, clear, 24 V AC/DC
Nov 22, 2021
logo
Mallory Sonalert Produc...
ZT028LACTC30 MSPI-ZT028LACTC30 Datasheet
46Kb / 1P
   Continuous for 30s then flash at .1s on .9s off
logo
Schneider Electric
DL1CJ0241 SCHNEIDER-DL1CJ0241 Datasheet
121Kb / 2P
   Harmony XB4, LED bulb, BA 9s, white, 24 V AC/DC
Nov 22, 2021
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com