công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MC14415FP bảng dữ liệu(PDF) 3 Page - Motorola, Inc |
|
MC14415FP bảng dữ liệu(HTML) 3 Page - Motorola, Inc |
3 / 7 page MOTOROLA CMOS LOGIC DATA MC14415 292 SWITCHING CHARACTERISTICS* (CL = 15 pF, TA = 25_C) Characteristic Symbol VDD Vdc Min Typ # Max Unit Output Rise Time tTLH = (2.0 ns/pF) CL + 10 ns tTLH = (1.25 ns/pF) CL + 6 ns tTLH = (1.10 ns/pF) CL + 3 ns tTLH 5.0 10 15 — — — 40 25 20 85 60 — ns Output Fall Time tTHL = (1.5 ns/pF) CL + 47 ns tTHL = (0.75 ns/pF) CL + 24 ns tTHL = (0.55 ns/pF) CL + 17 ns tTHL 5.0 10 15 — — — 70 35 25 150 80 — ns Turn–Off Delay Time tPLH = (2.7 ns/pF) CL + 560 ns tPLH = (1.2 ns/pF) CL + 282 ns tPLH = (0.91 ns/pF) CL + 286 ns tPLH 5.0 10 15 — — — 600 300 150 1200 600 — ns Turn–On Delay Time tPHL = (2.4 ns/pF) CL + 564 ns tPHL = (1.0 ns/pF) CL + 285 ns tPHL = (0.75 ns/pF) CL + 289 ns tPHL 5.0 10 15 — — — 600 300 150 1200 600 — ns Turn–On Delay Time (Inhibit to Output) tPHL 5.0 10 15 — — — 300 225 110 550 425 — ns Turn–Off Delay Time (Inhibit to Output) tPLH 5.0 10 15 — — — 300 225 110 550 425 — ns Input Pulse Coincidence (Figure 3) PCmin 5.0 10 15 500 450 — 450 350 — — — — ns Input Pulse Width (Figure 1) tWH 5.0 10 15 500 450 — 450 350 — — — — ns Input Clock Frequency fcl 5.0 10 15 — — — 0.7 1.0 1.5 — — — MHz Clock Input Rise and Fall Times (Figure 1) tTLH, tTHL 5.0 10 15 — — — — — — 15 5.0 4.0 µs * The formulas given are for the typical characteristics only at 25 _C. #Data labelled “Typ” is not to be used for design purposes but is intended as an indication of the IC’s potential performance. Figure 1. Switching Characteristics — Waveform Relationships 20 ns 20 ns VSS VDD VOH VOL VDD VSS VOH VOL INPUT OUTPUT CLOCK OUTPUT 1 2 50% 90% 10% tWH tPLH tTLH tTHL tPHL 100 50% 10% 90% 50% |
Số phần tương tự - MC14415FP |
|
Mô tả tương tự - MC14415FP |