công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MC14415 bảng dữ liệu(PDF) 2 Page - Motorola, Inc |
|
MC14415 bảng dữ liệu(HTML) 2 Page - Motorola, Inc |
2 / 7 page MOTOROLA CMOS LOGIC DATA 291 MC14415 ELECTRICAL CHARACTERISTICS (Voltages Referenced to VSS) Characteristic Symbol VDD Vdc – 55 _C 25 _C 125 _C Unit Characteristic Symbol VDD Vdc Min Max Min Typ # Max Min Max Unit Output Voltage “0” Level (No Load) “1” Level VOL 5.0 10 15 — — — 0.01 0.01 — — — — 0 0 — 0.01 0.01 — — — — 0.05 0.05 — Vdc “1” Level VOH 5.0 10 15 — — — — — — 3.0 8.0 — 4.14 9.09 14.12 — — — — — — — — — Vdc Noise Immunity ( ∆Vout v 1.5 Vdc) ( ∆Vout v 3.0 Vdc) ( ∆Vout v 4.5 Vdc) ( ∆Vout v 1.5 Vdc) ( ∆Vout v 3.0 Vdc) ( ∆Vout v 4.5 Vdc) VNL 5.0 10 15 1.5 3.0 — — — — 1.5 3.0 — 2.25 4.50 6.75 — — — 1.4 2.9 — — — — Vdc v 1.5 Vdc) ( ∆Vout v 3.0 Vdc) ( ∆Vout v 4.5 Vdc) ( ∆Vout v 1.5 Vdc) ( ∆Vout v 3.0 Vdc) ( ∆Vout v 4.5 Vdc) VNH 5.0 10 15 1.4 2.9 — — — — 1.5 3.0 — 2.25 4.50 6.75 — — — 1.5 3.0 — — — — Vdc Output Drive Voltage (NPN Driver) (IOH = 0 mA) Source (IOH = 5.0 mA) (IOH = 10 mA) (IOH = 15 mA) VOH 5.0 — — — — — — — — 3.0 2.7 2.5 2.2 4.14 3.44 3.30 3.08 — — — — — — — — — — — — Vdc (IOH = 0 mA) (IOH = 5.0 mA) (IOH = 10 mA) (IOH = 15 mA) 10 — — — — — — — — 8.0 7.7 7.5 7.1 9.09 8.45 8.30 8.14 — — — — — — — — — — — — Vdc (IOH = 0 mA) (IOH = 5.0 mA) (IOH = 10 mA) (IOH = 15 mA) 15 — — — — — — — — — — — — 14.12 13.81 13.70 13.61 — — — — — — — — — — — — Vdc Output Drive Current (VOL = 0.4 Vdc) Sink (VOL = 0.5 Vdc) (VOL = 1.5 Vdc) IOL 5.0 10 15 0.23 0.60 — — — — 0.2 0.5 — 0.78 2.0 7.8 — — — 0.16 0.40 — — — — mAdc Input Leakage Current Iin 15 — ± 0.3 — ±0.00001 ± 0.3 — ± 1.0 µAdc Input Capacitance (Vin = 0) Cin — — — — 5.0 — — — pF Quiescent Dissipation PQ 5.0 10 15 — — — 0.25 1.0 — — — — 0.00005 0.00022 0.00050 0.25 1.0 — — — — 3.5 14 — mW Power Dissipation** (Dynamic plus Quiescent) (CL = 15 pF) PD 5.0 10 15 PD (56 mW/MHz) f + PQ PD (225 mW/MHz) f + PQ PD (510 mW/MHz) f + PQ mW #Data labelled “Typ” is not to be used for design purposes but is intended as an indication of the IC’s potential performance. ** The formulas given are for the typical characteristics only. This device contains protection circuitry to guard against damage due to high static voltages or electric fields. However, precautions must be taken to avoid applications of any voltage higher than maximum rated voltages to this high-impedance circuit. For proper operation, Vin and Vout should be constrained to the range VSS ≤ (Vin or Vout) ≤ VDD. Unused inputs must always be tied to an appropriate logic voltage level (e.g., either VSS or VDD). Unused outputs must be left open. |
Số phần tương tự - MC14415 |
|
Mô tả tương tự - MC14415 |