công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC13282A bảng dữ liệu(PDF) 5 Page - Motorola, Inc

tên linh kiện MC13282A
Giải thích chi tiết về linh kiện  100 MHz VIDEO PROCESSOR WITH OSD INTERFACE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC13282A bảng dữ liệu(HTML) 5 Page - Motorola, Inc

  MC13282A Datasheet HTML 1Page - Motorola, Inc MC13282A Datasheet HTML 2Page - Motorola, Inc MC13282A Datasheet HTML 3Page - Motorola, Inc MC13282A Datasheet HTML 4Page - Motorola, Inc MC13282A Datasheet HTML 5Page - Motorola, Inc MC13282A Datasheet HTML 6Page - Motorola, Inc MC13282A Datasheet HTML 7Page - Motorola, Inc MC13282A Datasheet HTML 8Page - Motorola, Inc MC13282A Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
MC13282A
5
MOTOROLA ANALOG IC DEVICE DATA
PIN FUNCTION DESCRIPTION (continued)
Pin
Description
Equivalent Internal Circuit
Name
14
Fast Commutate
VCC
40 k
20 k
This pin is used in conjunction with the RGB OSD
inputs. It is a high speed switch used for overlaying
text on picture. A logic low selects Pins 2, 4, 6. A logic
high selects Pins 8, 10, 12.
15
B Emitter Output
VCC
Vid
The video outputs are configured as emitter–followers
with a driving capability of about 15 mA each.
The dc voltage at these three emitters is set to 1.2 V
19
G Emitter Output
RE 330
Video
Signal
Contrast
The dc voltage at these three emitters is set to 1.2 V
(black level).
The dc current through the output stage is determined
by the emitter resistors (typically 330
Ω).
22
R Emitter Output
RE = 330
Typical
Contrast
by the emitter resistors (typically 330
Ω).
16
B Clamp
Capacitor
1.2 V
Video Out
A 100 nF capacitor is connected to each of these pins.
The capacitor is used for video output dc restoration.
18
G Clamp
Capacitor
VCC
21
R Clamp
Capacitor
17
Video VCC
Connect to 8.0 V dc supply,
±5%. This VCC is for the
video output stage. It is internally connected to the
collectors of the output transistors.
20
5.0 Vref (V5)
VCC
Band Gap
Regulator
5.0 V
10
µF
0.8 R
R
5.0 V regulator. Minimum 10
µF capacitor is required
for noise filtering and compensation. It can source
up to 20 mA but not sink current. Output impedance
is
≈ 10 Ω. Recommended for use as a voltage
reference only.


Số phần tương tự - MC13282A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC13280AY MOTOROLA-MC13280AY Datasheet
159Kb / 12P
   80/100 MHz Video Processor
MC13280AYP MOTOROLA-MC13280AYP Datasheet
159Kb / 12P
   80/100 MHz Video Processor
MC13281A MOTOROLA-MC13281A Datasheet
159Kb / 12P
   80/100 MHz Video Processor
MC13281AP MOTOROLA-MC13281AP Datasheet
159Kb / 12P
   80/100 MHz Video Processor
MC13281B MOTOROLA-MC13281B Datasheet
159Kb / 12P
   80/100 MHz Video Processor
More results

Mô tả tương tự - MC13282A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC13283 MOTOROLA-MC13283 Datasheet
58Kb / 2P
   130 MHz VIDEO PROCESSOR WITH OSD INTERFACE
logo
Analog Devices
ADV8002KBCZ-7B AD-ADV8002KBCZ-7B Datasheet
85Kb / 2P
   Video Signal Processor with Bitmap OSD
Rev. SpA
logo
Samsung semiconductor
KB2502 SAMSUNG-KB2502 Datasheet
724Kb / 62P
   VIDEO AMP MERGED OSD PROCESSOR
logo
Motorola, Inc
MC13280AY MOTOROLA-MC13280AY Datasheet
159Kb / 12P
   80/100 MHz Video Processor
logo
Texas Instruments
LM1279 TI1-LM1279 Datasheet
798Kb / 20P
[Old version datasheet]   110 MHz RGB Video Amplifier System with OSD
logo
National Semiconductor ...
LM1279 NSC-LM1279 Datasheet
533Kb / 14P
   110 MHz RGB Video Amplifier System with OSD
LM1212 NSC-LM1212 Datasheet
299Kb / 18P
   230 MHz Video Amplifier System with OSD Blanking
logo
Samsung semiconductor
KB2514 SAMSUNG-KB2514 Datasheet
563Kb / 55P
   VIDEO AMP MERGED OSD PROCESSOR FOR MONITORS
DS_S1D2502A01 SAMSUNG-DS_S1D2502A01 Datasheet
742Kb / 57P
   VIDEO AMP MERGED OSD PROCESSOR FOR MONITORS
logo
Analog Devices
ADV8002KBCZ AD-ADV8002KBCZ Datasheet
85Kb / 2P
   Video Signal Processor with Bitmap OSD, Dual HDMI Tx, and Video Encoder
Rev. PrA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com