công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC13159 bảng dữ liệu(PDF) 1 Page - Motorola, Inc

tên linh kiện MC13159
Giải thích chi tiết về linh kiện  WIDEBAND FM IF SUBSYSTEM FOR PHS AND DIGITAL APPLICATIONS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC13159 bảng dữ liệu(HTML) 1 Page - Motorola, Inc

  MC13159 Datasheet HTML 1Page - Motorola, Inc MC13159 Datasheet HTML 2Page - Motorola, Inc MC13159 Datasheet HTML 3Page - Motorola, Inc MC13159 Datasheet HTML 4Page - Motorola, Inc MC13159 Datasheet HTML 5Page - Motorola, Inc MC13159 Datasheet HTML 6Page - Motorola, Inc MC13159 Datasheet HTML 7Page - Motorola, Inc MC13159 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Device
Operating
Temperature Range
Package
MC13159
SEMICONDUCTOR
TECHNICAL DATA
WIDEBAND FM IF
SUBSYSTEM FOR PHS
AND DIGITAL
APPLICATIONS
ORDERING INFORMATION
TA = –30° to +85°C
TSSOP–16
DTB SUFFIX
PLASTIC PACKAGE
CASE 948F
(TSSOP–16)
16
1
Order this document by MC13159/D
MC13159DTB
1
MOTOROLA ANALOG IC DEVICE DATA
Advance Information
Wideband FM IF Subsystem
The MC13159 is a wideband FM IF subsystem that is designed for high
performance data and digital applications. Excellent high frequency
performance is achieved, with low cost, through the use of Motorola’s RF
bipolar process. The MC13159 includes a mixer, local oscillator buffer
amplifier, IF amplifier, limiter amplifier and RSSI functions. The mixer is
useful for a 240 MHz input used in a single–ended/balanced differential
configuration. The IF and limiter amplifier are separated so that an external
filter can be used in series, or connected directly with an external capacitor.
The RSSI output is derived by summing the output of both the IF and
Limiter sections. An enable control is provided to power down the IC for
power management in battery powered applications.
Suitable applications include PHS, DECT, PDC, and PCS telephones,
wideband wireless data links, and other battery powered radio systems.
Designed for PHS Applications
2.7 to 5.5 V Operating Voltage
Low Drain Current: 5.5 mA (Typ)
Wide Input Dynamic Range of Mixer (Maximum –16 dBm Input)
Enable Function for Power Down Mode
Over 80 dB of RSSI Dynamic Range (AC Coupling between IF Amplifier
and Limiter Amplifier)
Few External Components Required
Simplified Block Diagram
16
15
14
13
12
11
10
9
Mixin
VEE
Mixout
Enable
IFin
IFDec1
IFDec2
IFout
Mix
Decoup
VCC
LOin
RSSI
Mixer
IF Amp
LIM
Amp
RSSI
12
34
5
6
78
LIMout
LIMDec2
LIMDec1
LIMin
Local
Oscillator
Buffer
This device contains 164 active transistors.
This document contains information on a new product. Specifications and information herein
are subject to change without notice.
© Motorola, Inc. 1997
Rev 1


Số phần tương tự - MC13159

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC13150 MOTOROLA-MC13150 Datasheet
517Kb / 20P
   Narrowband FM Coilless Detector IF Subsystem
logo
LANSDALE Semiconductor ...
MC13150FTA LANSDALE-MC13150FTA Datasheet
1Mb / 20P
   Narrowband FM Coilless Detector IF Subsystem
MC13150FTB LANSDALE-MC13150FTB Datasheet
1Mb / 20P
   Narrowband FM Coilless Detector IF Subsystem
logo
Motorola, Inc
MC13155 MOTOROLA-MC13155 Datasheet
310Kb / 16P
   Wideband FM IF
logo
NXP Semiconductors
MC13155 NXP-MC13155 Datasheet
364Kb / 16P
   Wideband FM IF
Rev 1
More results

Mô tả tương tự - MC13159

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC13158 MOTOROLA-MC13158 Datasheet
381Kb / 24P
   WIDEBAND FM IF SUBSYSTEM FOR DECT AND DIGITAL APPLICATIONS
logo
LANSDALE Semiconductor ...
ML13158 LANSDALE-ML13158 Datasheet
1,008Kb / 23P
   Wideband FM IF Subsystem For Dect and Digital Applications
ML13158 LANSDALE-ML13158_08 Datasheet
1Mb / 23P
   Wideband FM IF Subsystem For Dect and Digital Applications
logo
Analog Devices
AD6676 AD-AD6676 Datasheet
2Mb / 90P
   Wideband IF Receiver Subsystem
AD6676 AD-AD6676_17 Datasheet
1Mb / 90P
   Wideband IF Receiver Subsystem
logo
LANSDALE Semiconductor ...
ML13155 LANSDALE-ML13155 Datasheet
1,018Kb / 16P
   Wideband FM IF
logo
Motorola, Inc
MC13155 MOTOROLA-MC13155 Datasheet
310Kb / 16P
   Wideband FM IF
logo
NXP Semiconductors
MC13155 NXP-MC13155 Datasheet
364Kb / 16P
   Wideband FM IF
Rev 1
logo
LANSDALE Semiconductor ...
ML13155 LANSDALE-ML13155_08 Datasheet
355Kb / 16P
   Wideband FM IF
ML13150 LANSDALE-ML13150 Datasheet
1Mb / 20P
   Narrowband FM Coilless Detector IF Subsystem
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com