công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC12439 bảng dữ liệu(PDF) 2 Page - Motorola, Inc

tên linh kiện MC12439
Giải thích chi tiết về linh kiện  HIGH FREQUENCY PLL CLOCK GENERATOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC12439 bảng dữ liệu(HTML) 2 Page - Motorola, Inc

  MC12439 Datasheet HTML 1Page - Motorola, Inc MC12439 Datasheet HTML 2Page - Motorola, Inc MC12439 Datasheet HTML 3Page - Motorola, Inc MC12439 Datasheet HTML 4Page - Motorola, Inc MC12439 Datasheet HTML 5Page - Motorola, Inc MC12439 Datasheet HTML 6Page - Motorola, Inc MC12439 Datasheet HTML 7Page - Motorola, Inc MC12439 Datasheet HTML 8Page - Motorola, Inc MC12439 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
MC12439
MOTOROLA
TIMING SOLUTIONS
BR1333 — Rev 6
2
1
N[1]
N[0]
NC
XTAL_SEL
M[6]
M[5]
M[4]
XTAL1
FREF_EXT
PWR_DOWN
PLL–VCC
S_LOAD
S_DATA
S_CLOCK
4
3
2
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
7
8
6
5
Figure 1. 28–Lead Pinout (Top View)
P_LOAD
VCC FOUT FOUT GND VCC
TEST GND
M[3]
M[2]
M[1]
M[0]
OE
XTAL2
N[1:0]
0 0
0 1
1 0
1 1
Output Division
2
4
8
1
Input
PWR_DOWN
XTAL_SEL
OE
0
FOUT
FREF_EXT
Disabled
1
FOUT/16
XTAL
Enabled
PIN DESCRIPTIONS
Pin Name
Type
Function
Inputs
XTAL1, XTAL2
These pins form an oscillator when connected to an external series–resonant crystal.
S_LOAD
Int. Pulldown
This pin loads the configuration latches with the contents of the shift registers. The latches will be
transparent when this signal is HIGH, thus the data must be stable on the HIGH–to–LOW transition of
S_LOAD for proper operation.
S_DATA
Int. Pulldown
This pin acts as the data input to the serial configuration shift registers.
S_CLOCK
Int. Pulldown
This pin serves to clock the serial configuration shift registers. Data from S_DATA is sampled on the rising
edge.
P_LOAD
Int. Pullup
This pin loads the configuration latches with the contents of the parallel inputs .The latches will be
transparent when this signal is LOW, thus the parallel data must be stable on the LOW–to–HIGH transition
of P_LOAD for proper operation.
M[6:0]
Int. Pullup
These pins are used to configure the PLL loop divider. They are sampled on the LOW–to–HIGH transition
of P_LOAD. M[6] is the MSB, M[0] is the LSB.
N[1:0]
Int. Pullup
These pins are used to configure the output divider modulus. They are sampled on the LOW–to–HIGH
transition of P_LOAD.
OE
Int. Pullup
Active HIGH Output Enable.
Outputs
FOUT, FOUT
These differential positive–referenced ECL signals (PECL) are the output of the synthesizer.
TEST
The function of this output is determined by the serial configuration bits T[2:0].
Power
VCC
This is the positive supply for the chip, and is connected to +3.3V or 5.0V (VCC = PLL_VCC).
PLL_VCC
This is the positive supply for the PLL, and should be as noise–free as possible for low–jitter operation. This
supply is connected to +3.3V or 5.0V (VCC = PLL_VCC).
GND
These pins are the negative supply for the chip and are normally all connected to ground.
Other
PWR_DOWN
Int. Pulldown
LVCMOS input that forces the FOUT output to synchronously reduce its frequency by a factor of 16.
FREF_EXT
Int. Pulldown
LVCMOS input which can be used as the PLL reference frequency.
XTAL_SEL
Int. Pullup
LVCMOS input that selects between the XTAL and FREF_EXT PLL reference inputs. A HIGH selects the
XTAL input.


Số phần tương tự - MC12439

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC12430 MOTOROLA-MC12430 Datasheet
168Kb / 12P
   HIGH FREQUENCY PLL CLOCK GENERATOR
More results

Mô tả tương tự - MC12439

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC12430 MOTOROLA-MC12430 Datasheet
168Kb / 12P
   HIGH FREQUENCY PLL CLOCK GENERATOR
logo
Renesas Technology Corp
M66238FP RENESAS-M66238FP Datasheet
151Kb / 15P
   Standard Clock Generator with PLL Frequency Synthesizer
logo
Mitsubishi Electric Sem...
M66238FP MITSUBISHI-M66238FP Datasheet
102Kb / 11P
   STANDARD CLOCK GENERATOR WITH PLL FREQUENCY SYNTHESIZER
logo
Integrated Device Techn...
ICS514 IDT-ICS514 Datasheet
192Kb / 7P
   PLL CLOCK GENERATOR
logo
TriQuint Semiconductor
TQ2060 TRIQUINT-TQ2060 Datasheet
191Kb / 6P
   High-Frequency Clock Generator
TQ2059 TRIQUINT-TQ2059 Datasheet
195Kb / 6P
   High-Frequency Clock Generator
TQ2061 TRIQUINT-TQ2061 Datasheet
191Kb / 6P
   High-Frequency Clock Generator
logo
Skyworks Solutions Inc.
SI5350C-B SKYWORKS-SI5350C-B Datasheet
1Mb / 40P
   FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR PLL
Rev. 1.2
logo
Integrated Circuit Syst...
ICS514 ICST-ICS514 Datasheet
42Kb / 4P
   LOCO??PLL Clock Generator
logo
Cypress Semiconductor
CY26114 CYPRESS-CY26114 Datasheet
50Kb / 5P
   One-PLL Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com