công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC12439 bảng dữ liệu(PDF) 1 Page - Motorola, Inc

tên linh kiện MC12439
Giải thích chi tiết về linh kiện  HIGH FREQUENCY PLL CLOCK GENERATOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC12439 bảng dữ liệu(HTML) 1 Page - Motorola, Inc

  MC12439 Datasheet HTML 1Page - Motorola, Inc MC12439 Datasheet HTML 2Page - Motorola, Inc MC12439 Datasheet HTML 3Page - Motorola, Inc MC12439 Datasheet HTML 4Page - Motorola, Inc MC12439 Datasheet HTML 5Page - Motorola, Inc MC12439 Datasheet HTML 6Page - Motorola, Inc MC12439 Datasheet HTML 7Page - Motorola, Inc MC12439 Datasheet HTML 8Page - Motorola, Inc MC12439 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
1
REV 3
© Motorola, Inc. 1997
1/97
High Frequency Clock Generator
The MC12439 is a general purpose synthesized clock source targeting
applications that require both serial and parallel interfaces. Its internal
VCO will operate over a range of frequencies from 400 to 800MHz. The
differential PECL output can be configured to be the VCO frequency
divided by 1, 2, 4, or 8. With the output configured to divide the VCO
frequency by 1, and with a 16.66MHz external quartz crystal used to
provide the reference frequency, the output frequency can be specified in
16.66MHz steps.
50 to 800MHz Differential PECL Outputs
±25ps Typical Peak–to–Peak Output Jitter
Minimal Frequency Over–Shoot
Synthesized Architecture
Serial 3–Wire Interface
Parallel Interface for Power–Up
Quartz Crystal Interface
28–Lead PLCC Package
Operates from 3.3V or 5.0V Power Supply
Functional Description
The internal oscillator uses the external quartz crystal as the basis of its frequency reference. The output of the reference
oscillator is sent directly to the phase detector. With a 16.66MHz crystal, this provides a reference frequency of 16.66MHz.
Although this data sheet illustrates functionality only for a 16MHz and 16.66MHz crystal, any crystal in the 10–20MHz range can
be used. In addition to the crystal, an LVCMOS input can also be used as the PLL reference. The reference is selected via the
XTAL_SEL input pin.
The VCO within the PLL operates over a range of 400 to 800MHz. Its output is scaled by a divider that is configured by either
the serial or parallel interfaces. The output of this loop divider is also applied to the phase detector.
The phase detector and loop filter attempt to force the VCO output frequency to be M times the reference frequency by
adjusting the VCO control voltage. Note that for some values of M (either too high or too low) the PLL will not achieve loop lock.
The output of the VCO is also passed through an output divider before being sent to the PECL output driver. This output divider
is configured through either the serial or the parallel interfaces, and can provide one of four division ratios (1, 2, 4, or 8). This
divider extends performance of the part while providing a 50% duty cycle.
The output driver is driven differentially from the output divider, and is capable of driving a pair of transmission lines terminated
in 50
Ω to VCC – 2.0.
The configuration logic has two sections: serial and parallel. The parallel interface uses the values at the M[6:0] and N[1:0]
inputs to configure the internal counters. Normally, on system reset, the P_LOAD input is held LOW until sometime after power
becomes valid. On the LOW–to–HIGH transition of P_LOAD, the parallel inputs are captured. The parallel interface has priority
over the serial interface. Internal pullup resistors are provided on the M[6:0] and N[1:0] inputs to reduce component count in the
application of the chip.
The serial interface centers on a twelve bit shift register. The shift register shifts once per rising edge of the S_CLOCK input.
The serial input S_DATA must meet setup and hold timing as specified in the AC Characteristics section of this document. The
configuration latches will capture the value of the shift register on the HIGH–to–LOW edge of the S_LOAD input. See the
programming section for more information.
The TEST output reflects various internal node values, and is controlled by the T[2:0] bits in the serial data stream. See the
programming section for more information.
The PWR_DOWN pin, when asserted, will synchronously divide the FOUT by 16. The power down sequence is clocked by the
PLL reference clock, thereby causing the frequency reduction to happen relatively slowly. Upon de–assertion of the
PWR_DOWN pin, the FOUT input will step back up to its programmed frequency in four discrete increments.
MC12439
HIGH FREQUENCY PLL
CLOCK GENERATOR
FN SUFFIX
28–LEAD PLCC PACKAGE
CASE 776–02


Số phần tương tự - MC12439

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC12430 MOTOROLA-MC12430 Datasheet
168Kb / 12P
   HIGH FREQUENCY PLL CLOCK GENERATOR
More results

Mô tả tương tự - MC12439

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC12430 MOTOROLA-MC12430 Datasheet
168Kb / 12P
   HIGH FREQUENCY PLL CLOCK GENERATOR
logo
Renesas Technology Corp
M66238FP RENESAS-M66238FP Datasheet
151Kb / 15P
   Standard Clock Generator with PLL Frequency Synthesizer
logo
Mitsubishi Electric Sem...
M66238FP MITSUBISHI-M66238FP Datasheet
102Kb / 11P
   STANDARD CLOCK GENERATOR WITH PLL FREQUENCY SYNTHESIZER
logo
Integrated Device Techn...
ICS514 IDT-ICS514 Datasheet
192Kb / 7P
   PLL CLOCK GENERATOR
logo
TriQuint Semiconductor
TQ2060 TRIQUINT-TQ2060 Datasheet
191Kb / 6P
   High-Frequency Clock Generator
TQ2059 TRIQUINT-TQ2059 Datasheet
195Kb / 6P
   High-Frequency Clock Generator
TQ2061 TRIQUINT-TQ2061 Datasheet
191Kb / 6P
   High-Frequency Clock Generator
logo
Skyworks Solutions Inc.
SI5350C-B SKYWORKS-SI5350C-B Datasheet
1Mb / 40P
   FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR PLL
Rev. 1.2
logo
Integrated Circuit Syst...
ICS514 ICST-ICS514 Datasheet
42Kb / 4P
   LOCO??PLL Clock Generator
logo
Cypress Semiconductor
CY26114 CYPRESS-CY26114 Datasheet
50Kb / 5P
   One-PLL Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com