công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC12439 bảng dữ liệu(PDF) 9 Page - Motorola, Inc

tên linh kiện MC12439
Giải thích chi tiết về linh kiện  HIGH FREQUENCY PLL CLOCK GENERATOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC12439 bảng dữ liệu(HTML) 9 Page - Motorola, Inc

Back Button MC12439 Datasheet HTML 3Page - Motorola, Inc MC12439 Datasheet HTML 4Page - Motorola, Inc MC12439 Datasheet HTML 5Page - Motorola, Inc MC12439 Datasheet HTML 6Page - Motorola, Inc MC12439 Datasheet HTML 7Page - Motorola, Inc MC12439 Datasheet HTML 8Page - Motorola, Inc MC12439 Datasheet HTML 9Page - Motorola, Inc MC12439 Datasheet HTML 10Page - Motorola, Inc MC12439 Datasheet HTML 11Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
MC12439
TIMING SOLUTIONS
BR1333 — Rev 6
9
MOTOROLA
Figure 8. RMS Jitter versus Output Frequency
0
5
10
15
20
25
25 50 75 100 125 150 175 200 225 250 275 300 325 350 375 400
Output Frequency (MHz)
6.25ps Reference
NO TAG shows the jitter as a function of the output
frequency. For the 12439 this information is probably of more
importance. The flat line represents an RMS jitter value that
corresponds to an 8 sigma
±25ps peak–to–peak long term
period jitter. The graph shows that for output frequencies
from 87.5 to 400MHz the jitter falls within the
±25ps
peak–to–peak specification. The general trend is that as the
output frequency is decreased the output edge jitter will
increase.
The jitter data from NO TAG and NO TAG do not include
the performance of the 12439 when the output is in the divide
by 1 mode. In divide by one mode the output signal is a
digitally doubled version of the VCO output. The period of the
outputs of the digital doubler is dependent on the duty cycle
of the VCO output. Since the VCO output duty cycle cannot
be guaranteed to be always 50% the resulting 12439 output
in divide by one mode will be bimodal at times. Since a
bimodal distribution cannot be acurately represented with an
rms value, peak–to–peak values of jitter for the divide by one
mode are presented.
Figure 9 shows the peak–to–peak jitter of the 12439
output in divide by one mode as a function of output
frequency. Notice that as with the other modes the jitter
improves with increasing frequency. The
±65ps shown in the
data sheet table represents a conservative value of jitter,
especially for the higher vco, and thus output frequencies.
Figure 9. Peak–to–Peak Jitter versus
Output Frequency
40
60
80
100
120
140
400
500
600
700
800
Spec Limit
N=1
Output Frequency (MHz)
The jitter data presented should provide users with
enough information to determine the effect on their overall
timing budget. The jitter performance meets the needs of
most system designs while adding the flexibility of frequency
margining and field upgrades. These features are not
available with a fixed frequency SAW oscillator.
Output Voltage Swing vs Frequency
In the divide by one mode the output rise and fall times will
limit the peak to peak output voltage swing. For a 400MHz
output the peak to peak swing of the 12439 output will be
approximately 700mV. This swing will gradually degrade as
the output frequency increases, at 800MHz the output swing
will be reduced to approximately 500mV. For a worst case
analysis it would be safe to assume that the 12439 output will
always generate at least a 400mV output swing. Note that
most high speed ECL receivers require only a few hundred
millivolt input swings for reliable operation. As a result the
output generated by the 12439 will, under all conditions, be
sufficient for clocking standard ECL devices. Note that if a
larger swing is desired the 12439 could drive a single gate
ECLinPS Lite amplifier like the MC100LVEL16. The LVEL16
will speed up the output edge rates and produce a full swing
ECL output at 800MHz.


Số phần tương tự - MC12439

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC12430 MOTOROLA-MC12430 Datasheet
168Kb / 12P
   HIGH FREQUENCY PLL CLOCK GENERATOR
More results

Mô tả tương tự - MC12439

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC12430 MOTOROLA-MC12430 Datasheet
168Kb / 12P
   HIGH FREQUENCY PLL CLOCK GENERATOR
logo
Renesas Technology Corp
M66238FP RENESAS-M66238FP Datasheet
151Kb / 15P
   Standard Clock Generator with PLL Frequency Synthesizer
logo
Mitsubishi Electric Sem...
M66238FP MITSUBISHI-M66238FP Datasheet
102Kb / 11P
   STANDARD CLOCK GENERATOR WITH PLL FREQUENCY SYNTHESIZER
logo
Integrated Device Techn...
ICS514 IDT-ICS514 Datasheet
192Kb / 7P
   PLL CLOCK GENERATOR
logo
TriQuint Semiconductor
TQ2060 TRIQUINT-TQ2060 Datasheet
191Kb / 6P
   High-Frequency Clock Generator
TQ2059 TRIQUINT-TQ2059 Datasheet
195Kb / 6P
   High-Frequency Clock Generator
TQ2061 TRIQUINT-TQ2061 Datasheet
191Kb / 6P
   High-Frequency Clock Generator
logo
Skyworks Solutions Inc.
SI5350C-B SKYWORKS-SI5350C-B Datasheet
1Mb / 40P
   FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR PLL
Rev. 1.2
logo
Integrated Circuit Syst...
ICS514 ICST-ICS514 Datasheet
42Kb / 4P
   LOCO??PLL Clock Generator
logo
Cypress Semiconductor
CY26114 CYPRESS-CY26114 Datasheet
50Kb / 5P
   One-PLL Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com