công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC12202 bảng dữ liệu(PDF) 9 Page - Motorola, Inc

tên linh kiện MC12202
Giải thích chi tiết về linh kiện  Serial Input PLL Frequency Synthesizer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC12202 bảng dữ liệu(HTML) 9 Page - Motorola, Inc

Back Button MC12202 Datasheet HTML 4Page - Motorola, Inc MC12202 Datasheet HTML 5Page - Motorola, Inc MC12202 Datasheet HTML 6Page - Motorola, Inc MC12202 Datasheet HTML 7Page - Motorola, Inc MC12202 Datasheet HTML 8Page - Motorola, Inc MC12202 Datasheet HTML 9Page - Motorola, Inc MC12202 Datasheet HTML 10Page - Motorola, Inc MC12202 Datasheet HTML 11Page - Motorola, Inc MC12202 Datasheet HTML 12Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
MC12202
HIPERCOMM
BR1334 — Rev 4
9
MOTOROLA
ELECTRICAL CHARACTERISTICS (VCC = 2.7 to 5.5V; TA = –40 to +85°C)
Symbol
Parameter
Min
Typ
Max
Unit
Condition
ICC
Supply Current for VCC
5.8
9.0
mA
Note 1
7.2
10.5
Note 2
IP
Supply Current for VP
0.7
1.1
mA
Note 3
0.8
1.3
Note 4
FIN
Operating Frequency
fINmax
fINmin
1100
100
MHz
Note 5
FOSC
Operating Frequency (OSCin)
12
20
MHz
Crystal Mode
40
MHz
External Reference Mode
VIN
Input Sensitivity
fIN
200
1000
mVP–P
VOSC
OSCin
500
2200
mVP–P
VIH
Input HIGH Voltage
CLK, DATA, LE, FC
0.7VCC
V
VIL
Input LOW Voltage
CLK, DATA, LE, FC
0.3VCC
V
VCC = 5.5V
IIH
Input HIGH Current (DATA and CLK)
1.0
2.0
µA
VCC = 5.5V
IIL
Input LOW Current (DATA and CLK)
–10
–5.0
µA
VCC = 5.5V
IOSC
Input Current (OSCin)
130
–310
µA
OSCin = VCC
OSCin = VCC – 2.2V
IIH
Input HIGH Current (LE and FC)
1.0
2.0
µA
IIL
Input LOW Current (LE and FC)
–75
–60
µA
ISource6
Charge Pump Output Current
–2.6
–2.0
–1.4
mA
VDo = VP/2; VP = 2.7V
ISink6
Do and BISW
+1.4
+2.0
+2.6
VBISW = VP/2; VP = 2.7V
IHi–Z
–15
+15
nA
0.5 < VDO < VP–0.5
0.5 < VBISW < VP–0.5
VOH
Output HIGH Voltage (LD,
φR, φP, fOUT)
4.4
V
VCC = 5.0V
2.4
V
VCC = 3.0V
VOL
Output LOW Voltage (LD,
φR, φP, fOUT)
0.4
V
VCC = 5.0V
0.4
V
VCC = 3.0V
IOH
Output HIGH Current (LD,
φR, φP, fOUT)
–1.0
mA
IOL
Output LOW Current (LD,
φR, φP, fOUT)
1.0
mA
1. VCC = 3.3V, all outputs open.
4. VP = 6.0V, all outputs open.
2. VCC = 5.5V, all outputs open.
5. AC coupling, FIN measured with a 1000pF capacitor.
3. VP = 3.3V, all outputs open.
6. Source current flows out of the pin and sink current flows into the pin.
Figure 8. Typical External Charge Pump Circuit
φP
EXTERNAL CHARGE
PUMP OUTPUT
φR
VP
10k
10k
12k
12k
Figure 9. Typical Lock Detect Circuit
LD
LOCK DETECT
OUTPUT
VCC
100k
10k
33k
0.01
µF


Số phần tương tự - MC12202

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC12206 MOTOROLA-MC12206 Datasheet
148Kb / 12P
   MECL PLL COMPONENTS Serial Input PLL Frequency Synthesizer
More results

Mô tả tương tự - MC12202

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Nippon Precision Circui...
SM5158A NPC-SM5158A Datasheet
60Kb / 7P
   Serial input PLL frequency synthesizer
logo
Fujitsu Component Limit...
MB15A02 FUJITSU-MB15A02 Datasheet
2Mb / 16P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
logo
Motorola, Inc
MC12210 MOTOROLA-MC12210 Datasheet
98Kb / 12P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
logo
Fujitsu Component Limit...
MB1501 FUJITSU-MB1501 Datasheet
238Kb / 17P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
MB1511 FUJITSU-MB1511 Datasheet
127Kb / 15P
   Serial Input PLL Frequency Synthesizer
logo
LANSDALE Semiconductor ...
ML12210 LANSDALE-ML12210 Datasheet
453Kb / 11P
   Serial Input PLL Frequency Synthesizer
ML12210 LANSDALE-ML12210_08 Datasheet
145Kb / 11P
   Serial Input PLL Frequency Synthesizer
logo
Fujitsu Component Limit...
MB1502 FUJITSU-MB1502 Datasheet
244Kb / 15P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
logo
Nippon Precision Circui...
PLL200 NPC-PLL200 Datasheet
629Kb / 7P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
logo
Fujitsu Component Limit...
MB1507 FUJITSU-MB1507 Datasheet
117Kb / 14P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com