công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MC1408-8F bảng dữ liệu(PDF) 1 Page - NXP Semiconductors |
|
MC1408-8F bảng dữ liệu(HTML) 1 Page - NXP Semiconductors |
1 / 6 page Philips Semiconductors Linear Products Product specification MC1508-8/1408-8 8-bit multiplying D/A converter 737 August 31, 1994 853-0935 13721 DESCRIPTION The MC1508/MC1408 series of 8-bit monolithic digital-to-analog converters provide high-speed performance with low cost. They are designed for use where the output current is a linear product of an 8-bit digital word and an analog reference voltage FEATURES • Fast settling time — 70ns (typ) • Relative accuracy ±0.19% (max error) • Non-inverting digital inputs are TTL and CMOS compatible • High-speed multiplying rate 4.0mA/µs (input slew) • Output voltage swing +0.5V to –5.0V • Standard supply voltages +5.0V and –5.0V to –15V • Military qualifications pending APPLICATIONS • Tracking A-to-D converters • 2 1/2-digit panel meters and DVMs • Waveform synthesis • Sample-and-Hold • Peak detector • Programmable gain and attenuation • CRT character generation • Audio digitizing and decoding • Programmable power supplies • Analog-digital multiplication • Digital-digital multiplication • Analog-digital division • Digital addition and subtraction • Speech compression and expansion • Stepping motor drive modems • Servo motor and pen drivers PIN CONFIGURATIONS F, N Packages D Package1 NC GND VEE COMPEN TOP VIEW 1 2 3 4 5 6 7 8 9 10 11 12 13 14 16 15 1 2 3 4 5 6 7 8 9 10 11 12 13 14 16 15 VREF(–) IO MSB A1 A2 A3 A4 VREF(+) VCC A8 LSB A7 A6 A5 A1 MSB A2 A3 A4 A8 LSB A7 A6 A5 VREF(–) VREF(+) COMPEN NC GND V– IO V+ NOTE: 1. SO and non-standard pinouts. ORDERING INFORMATION DESCRIPTION TEMPERATURE RANGE ORDER CODE DWG # 16-Pin Ceramic Dual In-Line Package (CERDIP) -55 to +125 °C MC1508-8F 0582B 16-Pin Ceramic Dual In-Line Package (CERDIP) 0 to +70 °C MC1408-8F 0582B 16-Pin Plastic Dual In-Line Package (DIP) 0 to +70 °C MC1408-8N 0406C 16-Pin Small Outline (SO) Package 0 to +70 °C MC1408-8D 0005D |
Số phần tương tự - MC1408-8F |
|
Mô tả tương tự - MC1408-8F |