công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC26C31D bảng dữ liệu(PDF) 2 Page - Motorola, Inc

tên linh kiện MC26C31D
Giải thích chi tiết về linh kiện  Quad EIA-422-A Line Driver
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC26C31D bảng dữ liệu(HTML) 2 Page - Motorola, Inc

  MC26C31D Datasheet HTML 1Page - Motorola, Inc MC26C31D Datasheet HTML 2Page - Motorola, Inc MC26C31D Datasheet HTML 3Page - Motorola, Inc MC26C31D Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MC26C31
MOTOROLA
2
TRUTH TABLE
Control Inputs E/E
Input
Non–Inverting
Output
Inverting
Output
L/H
X
Z
Z
All other combinations of
enable inputs
H
H
L
enable inputs
L
L
H
X = Don’t Care
H = High Logic State
Z = High Impedance
L = Low Logic State
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Power Supply Voltage
VCC
7
V
DC Input Voltage
Vin
– 1.5 to VCC + 1.5
V
DC Output Voltage*
Vout
– 0.5 to VCC + 0.5
V
DC Output Current, per Pin
Iout
150
mA
DC VCC or GND Current, per Pin
IDD
150
mA
Storage Temperature
Tstg
– 65 to + 150
°C
Power Dissipation
PD
500
mW
ESD (Human Body Model)
2000
V
* Power–on conditions.
OPERATING CONDITIONS
Rating
Symbol
Min
Max
Unit
Power Supply Voltage
VCC
4.5
5.5
V
DC Input Voltage
Vin
0
VCC
V
Operating Temperature Range
TA
– 40
+ 85
°C
Input Rise and Fall Time
tr, tf
500
ns
DC CHARACTERISTICS (VCC = 4.5 to 5.5 V, TA = – 40 to + 85°C, unless otherwise stated)
Parameter
Symbol
Min
Typ
Max
Unit
Input Voltage (Low Logic State)
VIL
0.8
V
Input Voltage (High Logic State)
VIH
2.0
V
Output Voltage (Low Logic State) Isink = 20 mA
VOL
0.3
0.5
V
Output Voltage (High Logic State) Isource = 20 mA
VOH
2.5
2.8
V
Output Differential Voltage RL = 100 Ω (Note 1)
VOD
2.0
V
Output Differential Voltage Difference RL = 100 Ω (Note 1)
D(VOD)
± 0.4
V
Output Offset Voltage RL = 100 Ω (Note 1)
VOS
3.0
V
Output Offset Voltage Difference RL = 100 Ω (Note 1)
D(VOS)
± 0.4
V
Input Current VIH = VCC, GND, VIH or VIL
Iin
± 1.0
µA
Quiescent Supply Current Iout = 0 µA
ICC
3.0
mA
Output Short Circuit Current (Note 2)
IOS
– 30
– 100
– 150
mA
Output Leakage Current (High–Z State) Vout = VCC or GND
IO(Z)
± 1.0
µA
Input Leakage Current (Power Off)
Vout = 6 V
Vout = – 0.25 V
Ioxh
Ioxl
100
– 100
µA
NOTES:
1. See EIA specifications EIA–422–A for exact test conditions.
2. Only one output may be shorted at a time.
This device contains circuitry to protect the
inputs against damage due to high static volt-
ages or electric fields; however, it is advised that
normal precautions be taken to avoid applica-
tions of any voltage higher than the maximum
rated voltages to this high impedance circuit.
For proper operation it is recommended that
Vin and Vout be constrained to the range VSS ≤
(Vin or Vout) ≤ VDD. Reliability of operation is
enhanced if unused inputs are tied to and
appropriate logic voltage level (e.g., either VSS
or VDD).


Số phần tương tự - MC26C31D

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC26C32 MOTOROLA-MC26C32 Datasheet
115Kb / 4P
   Quad EIA-422-A Line Receiver
MC26C32D MOTOROLA-MC26C32D Datasheet
115Kb / 4P
   Quad EIA-422-A Line Receiver
MC26C32P MOTOROLA-MC26C32P Datasheet
115Kb / 4P
   Quad EIA-422-A Line Receiver
More results

Mô tả tương tự - MC26C31D

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC34C87 MOTOROLA-MC34C87 Datasheet
119Kb / 4P
   Quad EIA-422-A Line Driver
MC26C32 MOTOROLA-MC26C32 Datasheet
115Kb / 4P
   Quad EIA-422-A Line Receiver
MC34C86 MOTOROLA-MC34C86 Datasheet
116Kb / 4P
   Quad EIA-422-A Line Receiver CMOS
logo
ON Semiconductor
MC26LS30 ONSEMI-MC26LS30_05 Datasheet
117Kb / 14P
   Dual Differential (EIA-422-A)/Quad Single-Ended (EIA-423-A) Line Drivers
March, 2005 ??Rev. 2
MC1488 ONSEMI-MC1488_06 Datasheet
179Kb / 11P
   Quad Line EIA??32D Driver
October, 2006 ??Rev. 8
logo
Texas Instruments
DS96F172MQML TI1-DS96F172MQML_13 Datasheet
472Kb / 14P
[Old version datasheet]   EIA-485/EIA-422 Quad Differential Drivers
logo
National Semiconductor ...
DS96F172M NSC-DS96F172M Datasheet
717Kb / 11P
   EIA-485/EIA-422 Quad Differential Drivers
logo
ON Semiconductor
MC1488 ONSEMI-MC1488 Datasheet
157Kb / 8P
   QUAD MDTL LINE DRIVER EIA-232D
1996 REV 3
logo
Motorola, Inc
AM26LS32 MOTOROLA-AM26LS32 Datasheet
81Kb / 4P
   QUAD EIA-422/3 LINE RECEIVER WITH THREE.STATE OUTPUTS
logo
Texas Instruments
DS96F173MQML TI1-DS96F173MQML Datasheet
467Kb / 14P
[Old version datasheet]   DS96F173MQML/DS96F175MQML EIA-485/EIA-422 Quad Differential Receivers
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com