công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MC14C88B bảng dữ liệu(PDF) 4 Page - Motorola, Inc |
|
MC14C88B bảng dữ liệu(HTML) 4 Page - Motorola, Inc |
4 / 8 page MC14C88B 4 MOTOROLA ANALOG IC DEVICE DATA Figure 1. Timing Diagram tR3 VOH tF3 tF1 tF2 tPHL 1.5 V 0 V S.G. 3.0 V VOUT CL 3.0 k VCC VEE S.G. –3.3 V tPLH 90% 3.3 V 3.0 V –3.0 V 10% tR2 tR1 0 V VOL NOTES: S.G. set to: f = 20 kHz for Propogation Delay A and f = 64 kHz for Propagation Delay B; Duty Cycle = 50%; tR, tFp 5.0 ns Vout STANDARDS COMPLIANCE The MC14C88 is designed to comply with EIA–232–D (formerly RS–232), the newer EIA–562 (which is a higher speed version of the EIA–232), and CCITT’s V.28. EIA–562 was written around modern integrated circuit technology, whereas EIA–232 retains many of the specs written around the electro–mechanical circuitry in use at the time of its creation. Yet the user will find enough similarities to allow a certain amount of compatibility among equipment built to the two standards. Following is a summary of the key specifications relating to the systems and the drivers. Parameter EIA–232–D EIA–562 Maximum Data Rate 20 kbaud 38.4 kbaud Asynchronous 64 kbaud Synchronous Maximum Cable Length 50 feet Based on cable capacitance/data rate Maximum Slew Rate p 30 V/µs anywhere on the waveform p 30 V/µs anywhere on the waveform q 4.0 V/µs between +3.0 and –3.0 V Transition Region –3.0 to +3.0 V –3.3 to +3.3 V Transition Time For UI q 25 ms, tR p1.0 ms For 25 ms > UI > 125 µs, tR p 4% UI For UI t 125 µs, tR p 5.0 µs For UI q 50 µs, 220 ns t tR p 3.1 µs For UI t 50 µs, 220 ns t tR p 2.1 µs (within the transition region) MARK (one, off) More negative than –3.0 V More negative than –3.3 V Space (zero, on) More positive than +3.0 V More positive than +3.3 V Short Circuit Proof ? Yes, to any system voltage Yes, to ground Short Circuit Current p 500 mA to any system voltage p 60 mA to ground Open Circuit Voltage VOC p 25 V VOC t 13.2 V Loaded Output Voltage 5.0 V p VO p15 V for loads between 3.0 k Ω and 7.0 kΩ VO q 3.7 V for a load of 3.0 kΩ Power Off Input Source Impedance q 300 Ω for VO p 2.0 V q 300 Ω for VO p 2.0 V NOTE: UI = Unit Interval, or bit time. V.28 standard has the same specifications as EIA–232, with the exception of transition time which is listed as “less than 1.0 ms, or 3% of the UI, whichever is less”. |
Số phần tương tự - MC14C88B |
|
Mô tả tương tự - MC14C88B |