công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STK15C68-S25I bảng dữ liệu(PDF) 3 Page - List of Unclassifed Manufacturers

tên linh kiện STK15C68-S25I
Giải thích chi tiết về linh kiện  8K x 8 AutoStore nvSRAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC - List of Unclassifed Manufacturers

STK15C68-S25I bảng dữ liệu(HTML) 3 Page - List of Unclassifed Manufacturers

  STK15C68-S25I Datasheet HTML 1Page - List of Unclassifed Manufacturers STK15C68-S25I Datasheet HTML 2Page - List of Unclassifed Manufacturers STK15C68-S25I Datasheet HTML 3Page - List of Unclassifed Manufacturers STK15C68-S25I Datasheet HTML 4Page - List of Unclassifed Manufacturers STK15C68-S25I Datasheet HTML 5Page - List of Unclassifed Manufacturers STK15C68-S25I Datasheet HTML 6Page - List of Unclassifed Manufacturers STK15C68-S25I Datasheet HTML 7Page - List of Unclassifed Manufacturers STK15C68-S25I Datasheet HTML 8Page - List of Unclassifed Manufacturers STK15C68-S25I Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
STK15C68
4-63
SRAM READ CYCLES #1 & #2
(Vcc = 5.0V ± 10%)
Note f:
W must be high during SRAM read cycles and low during SRAM write cycles.
Note g:
I/O state assumes E, G, < VIL and W > VIH; device is continuously selected
Note h:
Measured + 200mV from steady state output voltage
SRAM READ CYCLE #1 (Address Controlled)f, g
SRAM READ CYCLE #2 (E Controlled)f
NO.
SYMBOLS
PARAMETER
STK15C68-25
STK15C68-35
STK15C68-45
UNITS
#1, #2
Alt.
MIN
MAX
MIN
MAX
MIN
MAX
1tELQV
tACS
Chip Enable Access Time
25
35
45
ns
2tAVAV
f
tRC
Read Cycle Time
25
35
45
ns
3tAVQV
g
tAA
Address Access Time
25
35
45
ns
4tGLQV
tOE
Output Enable to Data Valid
10
20
25
ns
5tAXQX
g
tOH
Output Hold After Address Change
3
3
3
ns
6tELQX
tLZ
Chip Enable to Output Active
5
5
5
ns
7tEHQZ
h
tHZ
Chip Disable to Output Inactive
10
17
20
ns
8tGLQX
tOLZ
Output Enable to Output Active
0
0
0
ns
9tGHQZ
h
tOHZ
Output Disable to Output Inactive
10
17
20
ns
10
tELICCH
e
tPA
Chip Enable to Power Active
0
0
0
ns
11
tEHICCL
d, e
tPS
Chip Disable to Power Standby
25
35
45
ns
DATA VALID
5
tAXQX
3
tAVQV
DQ(Data Out)
ADDRESS
2
tAVAV
6
tELQX
STANDBY
DATA VALID
8
tGLQX
4
tGLQV
DQ(Data Out)
E
ADDRESS
2
tAVAV
G
ICC
ACTIVE
1
tELQV
10
tELICCH
11
tEHICCL
7
tEHQZ
9
tGHQZ


Số phần tương tự - STK15C68-S25I

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Simtek Corporation
STK15C68-SF25 SIMTEK-STK15C68-SF25 Datasheet
382Kb / 10P
   8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK15C68-SF25 SIMTEK-STK15C68-SF25 Datasheet
397Kb / 14P
   32Kx8 PowerStore nvSRAM
STK15C68-SF25I SIMTEK-STK15C68-SF25I Datasheet
382Kb / 10P
   8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK15C68-SF25I SIMTEK-STK15C68-SF25I Datasheet
397Kb / 14P
   32Kx8 PowerStore nvSRAM
STK15C68-SF25ITR SIMTEK-STK15C68-SF25ITR Datasheet
397Kb / 14P
   32Kx8 PowerStore nvSRAM
More results

Mô tả tương tự - STK15C68-S25I

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Cypress Semiconductor
STK12C68 CYPRESS-STK12C68 Datasheet
751Kb / 20P
   64 Kbit (8K x 8) AutoStore nvSRAM
STK12C68-5 CYPRESS-STK12C68-5 Datasheet
591Kb / 18P
   64 Kbit (8K x 8) AutoStore nvSRAM
logo
Simtek Corporation
STK17T88 SIMTEK-STK17T88 Datasheet
581Kb / 28P
   32K x 8 AutoStore nvSRAM
logo
List of Unclassifed Man...
STK25C48 ETC-STK25C48 Datasheet
84Kb / 8P
   2K X 8 AUTOSTORE NVSRAM
logo
Simtek Corporation
STK15C68 SIMTEK-STK15C68 Datasheet
382Kb / 10P
   8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK12C68 ETC-STK12C68 Datasheet
388Kb / 13P
   8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK12C68-C20 ETC-STK12C68-C20 Datasheet
125Kb / 12P
   8k x 8 AUTOSTORE NVSRAM QUANTUM TRAP CMOS NONVOLATILE STATIC RAM
STK1743 ETC-STK1743 Datasheet
253Kb / 10P
   NV TIME 8K X 8 AUTOSTORE NVSRAM WITH REAL - TIME CLOCK
logo
Cypress Semiconductor
STK14C88-5 CYPRESS-STK14C88-5 Datasheet
535Kb / 17P
   256 Kbit (32K x 8) AutoStore nvSRAM
logo
List of Unclassifed Man...
U630H64 ETC1-U630H64 Datasheet
210Kb / 14P
   HardStore 8K x 8 nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com