công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STK15C68-P45 bảng dữ liệu(PDF) 2 Page - List of Unclassifed Manufacturers

tên linh kiện STK15C68-P45
Giải thích chi tiết về linh kiện  8K x 8 AutoStore nvSRAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC - List of Unclassifed Manufacturers

STK15C68-P45 bảng dữ liệu(HTML) 2 Page - List of Unclassifed Manufacturers

  STK15C68-P45 Datasheet HTML 1Page - List of Unclassifed Manufacturers STK15C68-P45 Datasheet HTML 2Page - List of Unclassifed Manufacturers STK15C68-P45 Datasheet HTML 3Page - List of Unclassifed Manufacturers STK15C68-P45 Datasheet HTML 4Page - List of Unclassifed Manufacturers STK15C68-P45 Datasheet HTML 5Page - List of Unclassifed Manufacturers STK15C68-P45 Datasheet HTML 6Page - List of Unclassifed Manufacturers STK15C68-P45 Datasheet HTML 7Page - List of Unclassifed Manufacturers STK15C68-P45 Datasheet HTML 8Page - List of Unclassifed Manufacturers STK15C68-P45 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
STK15C68
4-62
SRAM READ CYCLES #1 & SRAM READ
ABSOLUTE MAXIMUM RATINGSa
Voltage on input relative to VSS. . . . . . . . . . . –0.6V to (VCC + 0.5V)
Voltage on DQ0-7. . . . . . . . . . . . . . . . . . . . . . –0.5V to (VCC + 0.5V)
Temperature under bias . . . . . . . . . . . . . . . . . . . . . –55
°C to 125°C
Storage temperature . . . . . . . . . . . . . . . . . . . . . . . . –65
°C to 150°C
Power dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1W
DC output current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15mA
DC CHARACTERISTICS
(Vcc = 5.0V ± 10%)
Note b:
ICC
1
and ICC
3
are dependent on output loading and cycle rate. The specified values are obtained with outputs unloaded.
Note c:
ICC
2
and ICC
4
are the average currents required for the duration of the respective STORE cycles (tSTORE ).
Note d:
E
≥ V
IH will not produce standby current levels until any nonvolatile cycle in progress has timed out.
AC TEST CONDITIONS
CAPACITANCEe
(T
A = 25
°C, f = 1.0MHz)
Note e:
These parameters are guaranteed but not tested.
SYMBOL
PARAMETER
COMMERCIAL
INDUSTRIAL
UNITS
NOTES
MIN
MAX
MIN
MAX
ICC1
b
Average Current
85
80
75
95
85
80
mA
mA
mA
tAVAV = 25ns
tAVAV = 35ns
tAVAV = 45ns
ICC2
c
Average Current During STORE
6
7
mA
All inputs Don’t Care
ICC3
b
Average V
CC Current at tAVAV = 200ns
15
15
mA
W
≥ (V
CC – 0.2V)
All others cycling, CMOS levels
ICC4
c
Average Current During
AutoStore
Cycle
44
mA
All inputs Don’t Care
ISB1
d
Average Current
(Standby, Cycling TTL Input Levels)
35
32
28
39
35
32
mA
mA
mA
tAVAV = 25ns, E ≥ VIH
tAVAV = 35ns, E ≥ VIH
tAVAV = 45ns, E ≥ VIH
ISB2
d
Standby Current
(Standby, Stable CMOS Input Levels)
33
mA
E
≥ (V
CC – 0.2V)
All others VIN ≤ 0.2V or ≥ (VCC – 0.2V)
IILK
Input Leakage Current
±1
±1
µA
VCC = max
VIN = VSS to VCC
IOLK
Off-State Output Leakage Current
±5
±5
µA
VCC = max
VIN = VSS to VCC, E or G ≥ VIH
VIH
Input Logic “1” Voltage
2.2
VCC + .5
2.2
VCC + .5
V
All inputs
VIL
Input Logic “0” Voltage
VSS – .5
0.8
VSS – .5
0.8
V
All inputs
VOH
Output Logic “1” Voltage
2.4
2.4
V
IOUT =– 4mA
VOL
Output Logic “0” Voltage
0.4
0.4
V
IOUT = 8mA
TA
Operating Temperature
0
70
-40
85
°C
Input pulse levels . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0V to 3V
Input rise and fall times
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ≤ 5ns
Input and output timing reference levels . . . . . . . . . . . . . . . . . 1.5V
Output load . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . See Figure 1
SYMBOL
PARAMETER
MAX
UNITS
CONDITIONS
CIN
Input capacitance
8pF
∆V = 0 to 3V
COUT
Output capacitance
7pF
∆V = 0 to 3V
Note a:
Stresses greater than those listed under “Absolute Max-
mum Ratings” may cause permanent damage to the
device. This a stress rating only, and functional operation
of the device at conditions above those indicated in the
operational sections of this specification is not implied.
Exposure to absolute maximum rating conditions for
extended periods may affect reliability.
Figure 1: AC Output Loading
AND FIXTURE
SCOPE
INCLUDING
5.0V
Output
30pF
480 Ohms
255 Ohms


Số phần tương tự - STK15C68-P45

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Simtek Corporation
STK15C68-PF25 SIMTEK-STK15C68-PF25 Datasheet
382Kb / 10P
   8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK15C68-PF25I SIMTEK-STK15C68-PF25I Datasheet
382Kb / 10P
   8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK15C68-PF35 SIMTEK-STK15C68-PF35 Datasheet
382Kb / 10P
   8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK15C68-PF35I SIMTEK-STK15C68-PF35I Datasheet
382Kb / 10P
   8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK15C68-PF45 SIMTEK-STK15C68-PF45 Datasheet
382Kb / 10P
   8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
More results

Mô tả tương tự - STK15C68-P45

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Cypress Semiconductor
STK12C68 CYPRESS-STK12C68 Datasheet
751Kb / 20P
   64 Kbit (8K x 8) AutoStore nvSRAM
STK12C68-5 CYPRESS-STK12C68-5 Datasheet
591Kb / 18P
   64 Kbit (8K x 8) AutoStore nvSRAM
logo
Simtek Corporation
STK17T88 SIMTEK-STK17T88 Datasheet
581Kb / 28P
   32K x 8 AutoStore nvSRAM
logo
List of Unclassifed Man...
STK25C48 ETC-STK25C48 Datasheet
84Kb / 8P
   2K X 8 AUTOSTORE NVSRAM
logo
Simtek Corporation
STK15C68 SIMTEK-STK15C68 Datasheet
382Kb / 10P
   8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK12C68 ETC-STK12C68 Datasheet
388Kb / 13P
   8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK12C68-C20 ETC-STK12C68-C20 Datasheet
125Kb / 12P
   8k x 8 AUTOSTORE NVSRAM QUANTUM TRAP CMOS NONVOLATILE STATIC RAM
STK1743 ETC-STK1743 Datasheet
253Kb / 10P
   NV TIME 8K X 8 AUTOSTORE NVSRAM WITH REAL - TIME CLOCK
logo
Cypress Semiconductor
STK14C88-5 CYPRESS-STK14C88-5 Datasheet
535Kb / 17P
   256 Kbit (32K x 8) AutoStore nvSRAM
logo
List of Unclassifed Man...
U630H64 ETC1-U630H64 Datasheet
210Kb / 14P
   HardStore 8K x 8 nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com