công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STS31-DIS-2.5kS bảng dữ liệu(PDF) 2 Page - List of Unclassifed Manufacturers

tên linh kiện STS31-DIS-2.5kS
Giải thích chi tiết về linh kiện  Fully calibrated and linearized digital output
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

STS31-DIS-2.5kS bảng dữ liệu(HTML) 2 Page - List of Unclassifed Manufacturers

  STS31-DIS-2.5kS Datasheet HTML 1Page - List of Unclassifed Manufacturers STS31-DIS-2.5kS Datasheet HTML 2Page - List of Unclassifed Manufacturers STS31-DIS-2.5kS Datasheet HTML 3Page - List of Unclassifed Manufacturers STS31-DIS-2.5kS Datasheet HTML 4Page - List of Unclassifed Manufacturers STS31-DIS-2.5kS Datasheet HTML 5Page - List of Unclassifed Manufacturers STS31-DIS-2.5kS Datasheet HTML 6Page - List of Unclassifed Manufacturers STS31-DIS-2.5kS Datasheet HTML 7Page - List of Unclassifed Manufacturers STS31-DIS-2.5kS Datasheet HTML 8Page - List of Unclassifed Manufacturers STS31-DIS-2.5kS Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Datasheet STS3x-DIS
www.sensirion.com
November 2016 - Version 1
2/17
1 Sensor Performance
1.1
Temperature Sensor Performance
Parameter
Condition
Value
Units
Accuracy tolerance1 STS30-DIS
typ., 0°C to 65°C
0.3
°C
Accuracy tolerance1 STS31-DIS
typ., -40°C to 90°C
0.3
°C
Repeatability2
Low
0.24
°C
Medium
0.12
°C
High
0.06
°C
Resolution
Typ.
0.015
°C
Specified Range
-
-40 to 125
°C
Response time 3
63%
>2
s
Long Term Drift
max
<0.03
°C/yr
Table 1 Temperature sensor specification.
STS30
STS31
Figure 2 Temperature accuracy of the STS30 sensor.
Figure 3 Temperature accuracy of the STS31 sensor.
1 For definition of typical and maximum accuracy tolerance, please refer to the document “Sensirion Humidity Sensor Specification Statement”.
2 The stated repeatability is 3 times the standard deviation (3σ) of multiple consecutive measurements at the stated repeatability and at constant ambient conditions. It
is a measure for the noise on the physical sensor output.
3 Temperature response times strongly depend on the type of heat exchange, the available sensor surface and the design environment of the sensor in the final
application.
±0.0
±0.5
±1.0
±1.5
-40
-20
0
20
40
60
80
100 120
Temperature (°C)
maximal tolerance
typical tolerance
DT (°C)
DT (°C)
DT (°C)
DT (°C)
DT (°C)
DT (°C)
±0.0
±0.5
±1.0
±1.5
-40
-20
0
20
40
60
80
100 120
Temperature (°C)
maximal tolerance
typical tolerance
DT (°C)
DT (°C)
DT (°C)
DT (°C)
DT (°C)
DT (°C)


Số phần tương tự - STS31-DIS-2.5kS

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
SamHop Microelectronics...
STS3116E SAMHOP-STS3116E Datasheet
116Kb / 8P
   Super high dense cell design for low RDS(ON).
logo
VBsemi Electronics Co.,...
STS3116E VBSEMI-STS3116E Datasheet
481Kb / 9P
   N-Channel 30-V (D-S) MOSFET
More results

Mô tả tương tự - STS31-DIS-2.5kS

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
SHT30 ETC2-SHT30 Datasheet
910Kb / 20P
   Fully calibrated, linearized, and temperature compensated digital output
logo
Freescale Semiconductor...
MPXY8020A FREESCALE-MPXY8020A_03 Datasheet
284Kb / 16P
   Tire Pressure Monitoring Sensor Temperature Compensated and Calibrated, Fully Integrated Digital Output
MPXY8021A FREESCALE-MPXY8021A Datasheet
299Kb / 15P
   Tire Pressure Monitoring Sensor Temperature Compensated and Calibrated, Fully Integrated, Digital Output
MPXY8020A FREESCALE-MPXY8020A Datasheet
303Kb / 17P
   Tire Pressure Monitoring Sensor Temperature Compensated and Calibrated, Fully Integrated Digital Output
logo
Motorola, Inc
MPXY8020A MOTOROLA-MPXY8020A Datasheet
283Kb / 16P
   TIRE PRESSURE MONITORING SENSOR TEMPERATURE COMPENSATED AND CALIBRATED FULLY INTEGRATED DIGITAL OUTPUT
logo
List of Unclassifed Man...
LPG10 ETC2-LPG10 Datasheet
354Kb / 5P
   Calibrated and temperature compensated digital output
logo
Amphenol Corporation
T9602 AMPHENOL-T9602 Datasheet
295Kb / 4P
   Fully calibrated and temperature compensated
logo
List of Unclassifed Man...
SHT10 ETC2-SHT10 Datasheet
355Kb / 12P
   Fully calibrated
logo
General Semiconductor
SOP-14 GE-SOP-14 Datasheet
96Kb / 4P
   The Fully Calibrated Humidity and Temperature Solution
logo
Amphenol Corporation
CHIPCAP2 AMPHENOL-CHIPCAP2 Datasheet
222Kb / 4P
   Fully Calibrated & Temperature Compensated
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com