công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STS31-DIS-2.5kS bảng dữ liệu(PDF) 1 Page - List of Unclassifed Manufacturers

tên linh kiện STS31-DIS-2.5kS
Giải thích chi tiết về linh kiện  Fully calibrated and linearized digital output
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

STS31-DIS-2.5kS bảng dữ liệu(HTML) 1 Page - List of Unclassifed Manufacturers

  STS31-DIS-2.5kS Datasheet HTML 1Page - List of Unclassifed Manufacturers STS31-DIS-2.5kS Datasheet HTML 2Page - List of Unclassifed Manufacturers STS31-DIS-2.5kS Datasheet HTML 3Page - List of Unclassifed Manufacturers STS31-DIS-2.5kS Datasheet HTML 4Page - List of Unclassifed Manufacturers STS31-DIS-2.5kS Datasheet HTML 5Page - List of Unclassifed Manufacturers STS31-DIS-2.5kS Datasheet HTML 6Page - List of Unclassifed Manufacturers STS31-DIS-2.5kS Datasheet HTML 7Page - List of Unclassifed Manufacturers STS31-DIS-2.5kS Datasheet HTML 8Page - List of Unclassifed Manufacturers STS31-DIS-2.5kS Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
www.sensirion.com
November 2016 - Version 1
1/17
Datasheet STS3x-DIS
High-Accuracy Digital Temperature Sensor IC
Fully calibrated and linearized digital output
Wide supply voltage range, from 2.4 V to 5.5 V
I2C Interface with communication speeds up to 1
MHz and two user selectable addresses
Typical accuracy of
 0.3 °C
Very fast start-up and measurement time
Tiny 8-Pin DFN package
Product Summary
The STS3x-DIS is Sensirion’s new high accuracy digital
temperature sensor. It relies on the industry proven
CMOSens® technology, providing for increased
intelligence,
reliability
and
improved
accuracy
specifications compared to its predecessors. Its
functionality includes enhanced signal processing, two
distinctive and user selectable I2C addresses and
communication speeds of up to 1 MHz. The DFN
package has a footprint of 2.5 x 2.5 mm2 while keeping
a height of 0.9 mm. This allows for integration of the
STS3x-DIS into a great variety of applications.
Additionally, the wide supply voltage range of 2.4 V to
5.5 V guarantees compatibility with a wide range of
applications. All in all, the STS3x-DIS incorporates more
than 15 years of Sensirion’s digital sensor know-how.
Benefits of Sensirion’s CMOSens® Technology
High reliability and long-term stability
Industry-proven technology with a track record of
more than 15 years
Designed for mass production
High process capability
High signal-to-noise ratio
Content
1
Sensor Performance.............................................2
2
Specifications .......................................................3
3
Pin Assignment ....................................................5
4
Operation and Communication.............................6
5
Packaging...........................................................12
6
Shipping Package ..............................................14
7
Quality ................................................................15
8
Ordering Information...........................................15
9
Further Information.............................................15
Figure 1 Functional block diagram of the STS3x-DIS. The
CMOSens™ technology allows providing for a fully
calibrated I2C signal.


Số phần tương tự - STS31-DIS-2.5kS

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
SamHop Microelectronics...
STS3116E SAMHOP-STS3116E Datasheet
116Kb / 8P
   Super high dense cell design for low RDS(ON).
logo
VBsemi Electronics Co.,...
STS3116E VBSEMI-STS3116E Datasheet
481Kb / 9P
   N-Channel 30-V (D-S) MOSFET
More results

Mô tả tương tự - STS31-DIS-2.5kS

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
SHT30 ETC2-SHT30 Datasheet
910Kb / 20P
   Fully calibrated, linearized, and temperature compensated digital output
logo
Freescale Semiconductor...
MPXY8020A FREESCALE-MPXY8020A_03 Datasheet
284Kb / 16P
   Tire Pressure Monitoring Sensor Temperature Compensated and Calibrated, Fully Integrated Digital Output
MPXY8021A FREESCALE-MPXY8021A Datasheet
299Kb / 15P
   Tire Pressure Monitoring Sensor Temperature Compensated and Calibrated, Fully Integrated, Digital Output
MPXY8020A FREESCALE-MPXY8020A Datasheet
303Kb / 17P
   Tire Pressure Monitoring Sensor Temperature Compensated and Calibrated, Fully Integrated Digital Output
logo
Motorola, Inc
MPXY8020A MOTOROLA-MPXY8020A Datasheet
283Kb / 16P
   TIRE PRESSURE MONITORING SENSOR TEMPERATURE COMPENSATED AND CALIBRATED FULLY INTEGRATED DIGITAL OUTPUT
logo
List of Unclassifed Man...
LPG10 ETC2-LPG10 Datasheet
354Kb / 5P
   Calibrated and temperature compensated digital output
logo
Amphenol Corporation
T9602 AMPHENOL-T9602 Datasheet
295Kb / 4P
   Fully calibrated and temperature compensated
logo
List of Unclassifed Man...
SHT10 ETC2-SHT10 Datasheet
355Kb / 12P
   Fully calibrated
logo
General Semiconductor
SOP-14 GE-SOP-14 Datasheet
96Kb / 4P
   The Fully Calibrated Humidity and Temperature Solution
logo
Amphenol Corporation
CHIPCAP2 AMPHENOL-CHIPCAP2 Datasheet
222Kb / 4P
   Fully Calibrated & Temperature Compensated
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com