công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
F-SBAND-T bảng dữ liệu(PDF) 1 Page - THOR communications |
|
F-SBAND-T bảng dữ liệu(HTML) 1 Page - THOR communications |
|
1 / 1 page Data Sheet: F-SBAND-Tx/Rx The F-SBAND series wide band laser transceivers are designed for enabling a high linearity optical link for RF over fiber in the S-BAND up to 5 GHz. The unit can also be used as a repeater for extending the transmission distance of a 5 Gbps link. The F-SBAND incorporates a broadband optical transmitter and linear receiver into a compact rack mounted unit. The F-SBAND can be used for carrying almost any type of RF modulated signals such as RF over Fiber (RFoG), satellite/IF link, WiMax optical link, microwave over fiber, and mobile signals in fiber. The unit uses a lithium-niobate external modulator to convert input microwave/RF signals to optical waveforms from a frequency range of 100 kHz up to 5 GHz. The unit functions as a transparent link, transporting all satellite modulation formats over a single fiber. The F-SBAND maintains excellent gain flatness over a wide frequency range due to a very narrow line width DFB laser. Transmission distances of up to 75 miles are possible using singlemode optical fiber. The F-SBAND link is a cost effective and high performance solution for S-Band Satellite links. Typical S-BAND-Rx/Tx Application Technical Specifications Optical Wavelength 1310 – 1550 nm FP/DFB Optical Output Power 6.0 dbm Optical Budget loss 24 – 32 dB Optical Return Loss 40 dB RF Frequency Range 100 kHz – 5.0 GHz RF Input Level 12 dBm Max RF Gain 10 – 25 dB RF Gain Flatness 4.0 +/- 2.0 Input Impedance 50 Ohm RF Return Loss 10 dB <10 GHz 8 dB 13~15 GHz 6 dB 18~20 GHz RF Noise 15 dB Max VSWR Input / Output 2.0 : 1 CNR 40 dB IMD 40 dB Communications Interface RS232 SNMP Interface RJ45 Power Consumption 8 W Power Supply 12V DC RF Connector SMA Female Optical Connector FC/APC or by request Dimensions (H x W x D) 19in x 11.0in x 1.75in Weight 0.75 Kg Operating Temp. (℃) -10 to +65 (℃) Storage Temp. (℃) -40 to +85 (℃) Relative Humidity (%) 0 to 95 % LNA F-SBAND-Tx F-SBAND-Rx RF Output 100kHz - 5GHz |
Số phần tương tự - F-SBAND-T |
|
Mô tả tương tự - F-SBAND-T |