công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

F-LB41-DWDM bảng dữ liệu(PDF) 1 Page - THOR communications

tên linh kiện F-LB41-DWDM
Giải thích chi tiết về linh kiện  Four Channel Rack Mount LBand RF Over Fiber Link
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  THOR [THOR communications]
Trang chủ  http://www.thorfiber.com
Logo THOR - THOR communications

F-LB41-DWDM bảng dữ liệu(HTML) 1 Page - THOR communications

  F-LB41-DWDM Datasheet HTML 1Page - THOR communications  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
 
 
 
F-LB41-DWDM
 
4 CH FIBER OPTIC L-BAND LINK 
Compatible with EDFA 
 
Four Channel Rack Mount L­Band RF Over Fiber Link  
Single fiber DWDM transport compatible with EDFA optical amplifiers.  
 
The F­LB41 platform from Thor Fiber 
combines four independent L­Band 
transmitters and receivers into a common 19 
inch rackmount enclosure with dual power 
supplies.  The power supplies can be 
ordered for AC or DC power, and function in 
hot or cold standby mode.  The optics in the 
standard model are DWDM type lasers. 
These systems can be custom ordered with special optics or connectors for various 
applications, but the most common use is for remote location of satellite TV antennas.  In the 
standard configuration, this system will support satellite TV services that have four coax 
cables coming from the antenna to the multiswitch.  Options include optical power levels and 
for supplying DC voltage over coax to power LNBs or active antennas.   
 
Product Specifications and Information Table 
Transmitter Parameters
   
Optical Power Outputs
   
Optical Wavelength 
ITU­100GHz Type DWDM 
Laser Rating =    2 mW 
Laser Rating =    4 mW 
Laser Rating =    6 mW 
Laser Rating =  10 mW 
Optical Power Out = 3.0 dBm 
Optical Power Out = 6.0 dBm 
Optical Power Out = 8.0 dBm 
Optical Power Out = 10. dBm 
Standard Wavelengths  
1550nm Band, by request  
RF Input Impedance 
75Ω 
Return loss 
>12 dB 
RF Frequency Response 
45­2800 MHz  model specific 
Power Consumption 
 
RF Input Power Range 
(­25) ­ (­14)  dBmV 
Power supply 
DC 18V 
RF Connector Type 
F­Type, (Or by Request) 
DC input voltage range 
18V~24V  
CNR 
40 dB 
Power consumption 
3.5W±10
% 
IMD 
40 dB  
Environmental 
 
Receiver Parameters 
 
Working temperature 
­30
~60℃ 
Optical Wavelength 
Matched to Transmitter 
Relative Humidity 
≤95
%, no condensation 
Optical Power Range 
­13 dBm ­ 0 dBm 
Storage temperature 
­40
~85℃ 
RF Frequency Response   
45 ­ 2800 MHz 
Dimensions 
 
RF Connector Type 
F­Type, (Or by Request) 
Rackmount Enclosure 
118mm×210mm×40mm 
 
Copyright 2015      Thor Broadcast
1-800-521-8467 (Phone)
Sales@ThorFiber.com
 


Số phần tương tự - F-LB41-DWDM

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
THOR communications
F-LB41 THOR-F-LB41 Datasheet
603Kb / 2P
   Four Channel Rack Mount LBand RF Over Fiber Link
More results

Mô tả tương tự - F-LB41-DWDM

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
THOR communications
F-LB41 THOR-F-LB41 Datasheet
603Kb / 2P
   Four Channel Rack Mount LBand RF Over Fiber Link
F-LBAND THOR-F-LBAND Datasheet
525Kb / 1P
   Single Channel Compact LBand RF Over Fiber Link
F-LB61 THOR-F-LB61 Datasheet
597Kb / 1P
   Six Channel High Density LBand Coax Over Fiber Kit
logo
Maxim Integrated Produc...
MAXREFDES165 MAXIM-MAXREFDES165 Datasheet
1Mb / 11P
   Four-Channel IO-Link Master Quick Start Guide
2018
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-7934EWZ AVAGO-HFBR-7934EWZ Datasheet
552Kb / 18P
   Four-Channel Pluggable Parallel Fiber Optic Transceiver
HFBR-7934WZ AVAGO-HFBR-7934WZ Datasheet
552Kb / 18P
   Four-Channel Pluggable Parallel Fiber Optic Transceiver
HFBR-7934Z AVAGO-HFBR-7934Z Datasheet
447Kb / 18P
   Four-Channel Pluggable Parallel Fiber Optic Transceiver
logo
Adam Technologies, Inc.
FODL-002 ADAM-TECH-FODL-002 Datasheet
77Kb / 1P
   FIBER OPTIC DATA LINK
logo
PANDUIT CORP.
F9E10-10M3Y PANDUIT-F9E10-10M3Y Datasheet
315Kb / 2P
   Opticom QuickNet Rack Mount Fiber Cassette Enclosures
FCE1U PANDUIT-FCE1U Datasheet
92Kb / 2P
   Opticom짰 QuickNet Rack Mount Fiber Cassette Enclosures
More results


Html Pages

1


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com