công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISL1561IRZ bảng dữ liệu(PDF) 3 Page - Intersil Corporation

tên linh kiện ISL1561IRZ
Giải thích chi tiết về linh kiện  3 pin serial port interface
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL1561IRZ bảng dữ liệu(HTML) 3 Page - Intersil Corporation

  ISL1561IRZ Datasheet HTML 1Page - Intersil Corporation ISL1561IRZ Datasheet HTML 2Page - Intersil Corporation ISL1561IRZ Datasheet HTML 3Page - Intersil Corporation ISL1561IRZ Datasheet HTML 4Page - Intersil Corporation ISL1561IRZ Datasheet HTML 5Page - Intersil Corporation ISL1561IRZ Datasheet HTML 6Page - Intersil Corporation ISL1561IRZ Datasheet HTML 7Page - Intersil Corporation ISL1561IRZ Datasheet HTML 8Page - Intersil Corporation ISL1561IRZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
ISL1561
3
FN7941.1
February 26, 2013
FIGURE 3. CONNECTION DIAGRAM
5.1
Ω
3.5k
Ω
Rf
VSP
+
-
AFE
3.5k
Ω
Rf
+
-
Rg
GND
¼
ISL1561
¼
ISL1561
5.1
Ω
100
Ω
LINE
1:1.4
TYPICAL DIFFERENTIAL I/O LINE DRIVER (1 OF 2 PORTS)
Rp
Rp
Rc
VCM
+VSP
Rc
FB
FB
OUT
OUT
INP
INP
ISP
ADJUST
LOGIC
SPI
ISP PORT
CONTROL
OUTPUT
POSITIVE
SUPPLY
OUTPUT
NEGATIVE
SUPPLY
CLASS G
CONTROL
BOOST
CONTROL
POWER
CONTROL
CMSW
CMM
POWER
CONTROL
CPSW
CPP
0.1µF
0.1µF
0.1µF
1µF
1µF
100k
Ω
100k
Ω
733
Ω
1.33k
Ω
1.33k
Ω
1.78k
Ω
1.78k
Ω
Ordering Information
PART NUMBER
(Notes 2, 3)
PART
MARKING
OPERATING AMBIENT
TEMP RANGE
(°C)
PACKAGE
(Pb-free)
PKG.
DWG. #
ISL1561IRZ
15 61IRZ
-40 to +85
24 Ld QFN
L24.4x4H
ISL1561IRZ-T13 (Note 1)
15 61IRZ
-40 to +85
24 Ld QFN
L24.4x4H
NOTES:
1. Please refer to TB347 for details on reel specifications.
2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte
tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil
Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
3. For Moisture Sensitivity Level (MSL), please see device information page for ISL1561. For more information on MSL please see tech brief TB363.


Số phần tương tự - ISL1561IRZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL1561IRZ INTERSIL-ISL1561IRZ Datasheet
459Kb / 13P
   Fixed Gain Dual Port Class-G Differential xDSL Line Driver
February 26, 2013
logo
Renesas Technology Corp
ISL1561IRZ RENESAS-ISL1561IRZ Datasheet
667Kb / 13P
   Fixed Gain Dual Port Class-G Differential xDSL Line Driver
logo
Intersil Corporation
ISL1561IRZ-T13 INTERSIL-ISL1561IRZ-T13 Datasheet
459Kb / 13P
   Fixed Gain Dual Port Class-G Differential xDSL Line Driver
February 26, 2013
logo
Renesas Technology Corp
ISL1561IRZ-T13 RENESAS-ISL1561IRZ-T13 Datasheet
667Kb / 13P
   Fixed Gain Dual Port Class-G Differential xDSL Line Driver
More results

Mô tả tương tự - ISL1561IRZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TUSB2036 TI1-TUSB2036_12 Datasheet
662Kb / 20P
[Old version datasheet]   2/3-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
TUSB2036 TI-TUSB2036 Datasheet
282Kb / 20P
[Old version datasheet]   2/3-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
logo
Assmann Electronics Inc...
AK231-2-R ASSMANN-AK231-2-R Datasheet
108Kb / 1P
   Serial Connection Cable for 9 Pin Interface
AK138-2-R ASSMANN-AK138-2-R Datasheet
261Kb / 1P
   SERIAL EXTENSION CABLE FOR 36-PIN INTERFACE
logo
ON Semiconductor
LE24CBK23MC ONSEMI-LE24CBK23MC Datasheet
1Mb / 21P
   Dual port EEPROM Two Wire Serial Interface
July, 2013
logo
NXP Semiconductors
PDI1394P11A PHILIPS-PDI1394P11A Datasheet
135Kb / 20P
   3-port physical layer interface
1999 Mar 10
PDI1394P22 PHILIPS-PDI1394P22 Datasheet
163Kb / 30P
   3-port physical layer interface
1999 Jul 09
PDI1394P11 PHILIPS-PDI1394P11 Datasheet
148Kb / 20P
   3-port physical layer interface
1999 Apr 09
PDI1394P21 PHILIPS-PDI1394P21 Datasheet
148Kb / 28P
   3-port physical layer interface
1999 Jul 09
logo
Texas Instruments
DAC8043 TI-DAC8043 Datasheet
281Kb / 11P
[Old version datasheet]   12-BIT ACCURACY IN 8-PIN SOIC, FAST 3-WIRE SERIAL INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com