công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STK505 bảng dữ liệu(PDF) 7 Page - ATMEL Corporation

tên linh kiện STK505
Giải thích chi tiết về linh kiện  Supports the ATtiny24 and ATtiny26
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ATMEL [ATMEL Corporation]
Trang chủ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

STK505 bảng dữ liệu(HTML) 7 Page - ATMEL Corporation

Back Button STK505 Datasheet HTML 3Page - ATMEL Corporation STK505 Datasheet HTML 4Page - ATMEL Corporation STK505 Datasheet HTML 5Page - ATMEL Corporation STK505 Datasheet HTML 6Page - ATMEL Corporation STK505 Datasheet HTML 7Page - ATMEL Corporation STK505 Datasheet HTML 8Page - ATMEL Corporation STK505 Datasheet HTML 9Page - ATMEL Corporation STK505 Datasheet HTML 10Page - ATMEL Corporation STK505 Datasheet HTML 11Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
Figure 2-2: In-System Programming of the ATtiny26
Note: To be able to ISP program the AVR, the ISP programming enable fuse
must be set. The ISP programming enable fuse can be programmed by High-
Voltage Programming.
Please consult the Fuses section in the STK500 documentation.
High Voltage Programming
High-Voltage Programming requires the target voltage to be set to between 4.5
and 5.5V. If you have any external hardware connected to STK505/STK500 that
does not tolerate these levels, it must be disconnected before you High-Voltage
program the AVR.
High Voltage Programming the ATtiny24
To program the ATtiny24 mounted on STK505 using High-Voltage Programming,
follow these steps:
1. Turn off the STK500 power switch
2. Disconnect from STK500 and STK505 any hardware that does not tolerate
5V.
3. Connect the PROGDATA on STK500 to HVSPROG on STK505, as
shown on figure 2-3.
4. Connect the PROGCTRL on STK500 to the PORTA header on STK500,
as shown on figure 2-3.
5. Set jumpers and switches according to table 2-1.
6. Turn on STK500 power.
7. Start the Programming Dialog in AVR Studio


Số phần tương tự - STK505

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
STK500 ETC1-STK500 Datasheet
2Mb / 61P
   User Guide
logo
ATMEL Corporation
STK500 ATMEL-STK500 Datasheet
2Mb / 61P
   AVR Studio Compatible
Rev. 1925C-AVR-3/03
logo
SHENZHEN DOINGTER SEMIC...
STK5006P DOINGTER-STK5006P Datasheet
1Mb / 3P
   N-Channel MOSFET uses advanced trench technology
logo
VBsemi Electronics Co.,...
STK5006P VBSEMI-STK5006P Datasheet
2Mb / 9P
   N-Channel 60 V (D-S) MOSFET
logo
ATMEL Corporation
STK501 ATMEL-STK501 Datasheet
1Mb / 29P
   STK500 Compatible
More results

Mô tả tương tự - STK505

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ATMEL Corporation
STK503 ATMEL-STK503 Datasheet
704Kb / 17P
   Supports the ATmega2560, ATmega1280 and ATmega640
logo
Freescale Semiconductor...
KL16P64M48SF4 FREESCALE-KL16P64M48SF4 Datasheet
1Mb / 55P
   Supports the following MKL16Z256VLH4, MKL16Z256VMP4
logo
Analog Devices
EVAL-ADPD105Z-GEN AD-EVAL-ADPD105Z-GEN Datasheet
1Mb / 26P
   Supports the detection of UART
logo
ATMEL Corporation
STK504 ATMEL-STK504 Datasheet
568Kb / 21P
   Supports the ATmega3290 and ATmega6490 with built-in LCD controller
logo
NXP Semiconductors
K70P256M120SF3 NXP-K70P256M120SF3 Datasheet
1Mb / 97P
   K70 Sub-Family Supports the following
Rev. 7, 02/2018
K10P64M50SF0 NXP-K10P64M50SF0_V01 Datasheet
988Kb / 62P
   K10 Sub-Family Supports the following
Rev. 5 10/2023
K61P256M150SF3 NXP-K61P256M150SF3 Datasheet
1Mb / 94P
   K61 Sub-Family Supports the following
Rev. 7, 02/2018
S32M2XX NXP-S32M2XX Datasheet
2Mb / 135P
   Supports S32M24x and S32M27x
Rev. 3 - 10/2023
MC56F80XXX NXP-MC56F80XXX_V01 Datasheet
1Mb / 71P
   Supports MC56F807xx and MC56F806xx
Rev. 2.1, 02/2023
logo
Dialog Semiconductor
DA14AVDDECT DIALOG-DA14AVDDECT Datasheet
1Mb / 25P
   The module is based on Dialogs DA14495 chip that supports DQPSK and D8PSK besides the
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com