công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISL1561 bảng dữ liệu(PDF) 5 Page - Intersil Corporation

tên linh kiện ISL1561
Giải thích chi tiết về linh kiện  3 pin serial port interface
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL1561 bảng dữ liệu(HTML) 5 Page - Intersil Corporation

  ISL1561 Datasheet HTML 1Page - Intersil Corporation ISL1561 Datasheet HTML 2Page - Intersil Corporation ISL1561 Datasheet HTML 3Page - Intersil Corporation ISL1561 Datasheet HTML 4Page - Intersil Corporation ISL1561 Datasheet HTML 5Page - Intersil Corporation ISL1561 Datasheet HTML 6Page - Intersil Corporation ISL1561 Datasheet HTML 7Page - Intersil Corporation ISL1561 Datasheet HTML 8Page - Intersil Corporation ISL1561 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
ISL1561
5
FN7941.1
February 26, 2013
ILOW
Input Low Current for Pull-up Pins CS,
BOOST
VIN = 0V
-88
-73
-58
µA
ILOW
Input Low Current for Pull-down Pins
SCLK, SDATA
VIN = 0V
-0.2
0
+0.2
µA
SUPPLY CHARACTERISTICS
VS
Operating Supply Voltage
+10
+14
+14.7
V
VCPP
Voltage on the CPP Pin
BOOST = 0V (Class AB)
7
V
VCPSW
Maximum Voltage on the CPSW Pin
BOOST = 0V (Class AB)
14
V
VCMM
Voltage on the CMM Pin
BOOST = 0V (Class AB)
7
V
VCMSW
Minimum Voltage on the CMSW Pin
BOOST = 0V (Class AB)
0
V
ISP
Positive Supply Current per Port
All outputs at 0V, BOOST = 0V, SDATA = 8’h7F
for Registers 3 and 7
17.5
19.5
21.5
mA
All outputs at 0V, BOOST = 0V, SDATA = 8’h1C
for Registers 3 and 7
9.8
10.3
10.8
mA
All outputs at 0V, BOOST = 0V, SDATA = 8’h0F
for Registers 3 and 7
6.8
7.2
7.6
mA
ISP (Power-down)
Supply Current per Port
All outputs at 0V, BOOST = 0V, SDATA = 8’h80
for Registers 3 and 7
2.0
2.5
3.0
mA
OUTPUT CHARACTERISTICS
VOUT
Loaded Output Swing High
(Single-ended to GND)
RL = 51Ω, Class AB (see Figure 3)
11.9
12.4
V
Loaded Output Swing High
(Single-ended to GND)
RL = 51Ω, Class AB (see Figure 3)
1.6
2.1
V
IOL
Linear Output Current
RL = 10Ω, f = 100kHz, THD = -60dBc (5Ω
differential)
±360
mA
VOS-DM
Differential Output Offset Voltage
SDATA = 8’h1C
-125
18
+125
mV
VOS-CM
Common Mode Output Offset Voltage
SDATA = 8’h1C (Offset from input VCM)
6.85
7.09
mV
INPUT CHARACTERISTICS
CMIR
Common Mode Input Range at each of
the 4 Non-inverting Input Pins
Class AB
+4.5
+9.5
V
CMRR
DC Common Mode Rejections for each
Port. VCM = +4.5V to +9.5V
VCM to Differential Mode Output (Input
Referred) ISP = 10mA/port
66
dB
VCM to Common Mode Output (Output
Referred) ISP = 10mA/port
40
dB
PSRR
DC Power Supply Rejections for each
Port to Differential Output (Input
Referred)
+VS = +7V to +14V, GND = 0V, ISP = 10mA/port
74
dB
DC Power Supply Rejections for each
Port to Common Mode Output (Output
Referred)
+VS = +7V to +14V, GND = 0V, ISP = 10mA/port
55
dB
RIN
Input Resistance
Differential
5.0
6.0
7.1
k
Ω
DIGITAL
fCLK
Clock Frequency
0.1
10
MHz
NOTE:
6. Compliance to datasheet limits is assured by one or more methods: production test, characterization and/or design.
Electrical Specifications VSP = +14V, RL-DIFF =51Ω differential (emulating transformer input load), Refer to Figure 3, TA = +25°C. Ports
tested separately unless otherwise indicated.(Continued)
PARAMETER
DESCRIPTION
CONDITIONS
MIN
(Note 6)
TYP
MAX
(Note 6)
UNIT


Số phần tương tự - ISL1561

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Renesas Technology Corp
ISL1561 RENESAS-ISL1561 Datasheet
667Kb / 13P
   Fixed Gain Dual Port Class-G Differential xDSL Line Driver
logo
Intersil Corporation
ISL1561 INTERSIL-ISL1561 Datasheet
459Kb / 13P
   Fixed Gain Dual Port Class-G Differential xDSL Line Driver
February 26, 2013
ISL1561IRZ INTERSIL-ISL1561IRZ Datasheet
459Kb / 13P
   Fixed Gain Dual Port Class-G Differential xDSL Line Driver
February 26, 2013
logo
Renesas Technology Corp
ISL1561IRZ RENESAS-ISL1561IRZ Datasheet
667Kb / 13P
   Fixed Gain Dual Port Class-G Differential xDSL Line Driver
logo
Intersil Corporation
ISL1561IRZ-T13 INTERSIL-ISL1561IRZ-T13 Datasheet
459Kb / 13P
   Fixed Gain Dual Port Class-G Differential xDSL Line Driver
February 26, 2013
More results

Mô tả tương tự - ISL1561

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TUSB2036 TI1-TUSB2036_12 Datasheet
662Kb / 20P
[Old version datasheet]   2/3-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
TUSB2036 TI-TUSB2036 Datasheet
282Kb / 20P
[Old version datasheet]   2/3-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
logo
Assmann Electronics Inc...
AK231-2-R ASSMANN-AK231-2-R Datasheet
108Kb / 1P
   Serial Connection Cable for 9 Pin Interface
AK138-2-R ASSMANN-AK138-2-R Datasheet
261Kb / 1P
   SERIAL EXTENSION CABLE FOR 36-PIN INTERFACE
logo
ON Semiconductor
LE24CBK23MC ONSEMI-LE24CBK23MC Datasheet
1Mb / 21P
   Dual port EEPROM Two Wire Serial Interface
July, 2013
logo
NXP Semiconductors
PDI1394P11A PHILIPS-PDI1394P11A Datasheet
135Kb / 20P
   3-port physical layer interface
1999 Mar 10
PDI1394P22 PHILIPS-PDI1394P22 Datasheet
163Kb / 30P
   3-port physical layer interface
1999 Jul 09
PDI1394P11 PHILIPS-PDI1394P11 Datasheet
148Kb / 20P
   3-port physical layer interface
1999 Apr 09
PDI1394P21 PHILIPS-PDI1394P21 Datasheet
148Kb / 28P
   3-port physical layer interface
1999 Jul 09
logo
Texas Instruments
DAC8043 TI-DAC8043 Datasheet
281Kb / 11P
[Old version datasheet]   12-BIT ACCURACY IN 8-PIN SOIC, FAST 3-WIRE SERIAL INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com