công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TS4101ITQ1633 bảng dữ liệu(PDF) 1 Page - Silicon Laboratories

tên linh kiện TS4101ITQ1633
Giải thích chi tiết về linh kiện  Precision Measurement
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SILABS [Silicon Laboratories]
Trang chủ  http://www.silabs.com
Logo SILABS - Silicon Laboratories

TS4101ITQ1633 bảng dữ liệu(HTML) 1 Page - Silicon Laboratories

  TS4101ITQ1633 Datasheet HTML 1Page - Silicon Laboratories TS4101ITQ1633 Datasheet HTML 2Page - Silicon Laboratories TS4101ITQ1633 Datasheet HTML 3Page - Silicon Laboratories TS4101ITQ1633 Datasheet HTML 4Page - Silicon Laboratories TS4101ITQ1633 Datasheet HTML 5Page - Silicon Laboratories TS4101ITQ1633 Datasheet HTML 6Page - Silicon Laboratories TS4101ITQ1633 Datasheet HTML 7Page - Silicon Laboratories TS4101ITQ1633 Datasheet HTML 8Page - Silicon Laboratories TS4101ITQ1633 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
TS4100/01/02 Data Sheet
"Rail-to-Rail Plus"™, 1% RON Flatness, 0.8 V to 5.25 V Analog
Switches/Multiplexers
The TS410x family of analog switches and multiplexers consists of the TS4100 8-chan-
nel analog multiplexer, the TS4101 dual 4-channel analog multiplexer, and the TS4102
triple single-pole/double-throw (SPDT) switch. These switches are unique because they
can operate at supply voltages as low as 0.8 V while accepting input signal swings
above the supply voltage up to 5.25 V ("Rail-to-Rail Plus"™). The on-resistance variation
over the entire signal swing range is less than 1%, exhibiting excellent linearity and con-
sistency in dynamic and measurement applications. With a supply current of only 675
nA, the TS4100-TS4102 family input and output leakage is less than 0.5 nA, both when
off and when on.
The TS4100-TS4102 are fully specified over the –40 °C to +85 °C temperature range
and is available in a low-profile, thermally-enhanced 16-pin 3.3 mm TQFN package with
an exposed back-side paddle. For best performance, solder exposed back-side paddle
to PCB ground.
Applications
• Low Voltage Battery-Operated Equipment
• Precision Measurement
• Analog Signal Processing
• Communication Circuits
• Audio Signal Routing
• Low-Voltage Data-Acquisition Systems
KEY FEATURES
• Low Supply Voltage Operation: 0.8 V to
5.25 V
• On-resistance of 80 Ω
• "Rail to Rail Plus"™ input/output voltages
can exceed the supply rails
• Guaranteed Low Off and On Leakage: ±0.5
nA
• Guaranteed Match Between Channels: 9 Ω
• Guaranteed <1% On-Resistance Variation
Across Input Voltage
• TS4100: 8-Channel Switch/Multiplexer
• TS4101: Two 4-Channel Switches/
Multiplexers
• TS4102: Three Single-Pole/Double-Throw
Switches (SPDT)
• Supply Current: 675 nA
• 16-Pin, Low-Profile, Thermally Enhanced 3
mm x 3 mm TQFN Package
Functional Block Diagrams
silabs.com | Smart. Connected. Energy-friendly.
Rev. 1.0


Số phần tương tự - TS4101ITQ1633

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Infineon Technologies A...
TS4141 INFINEON-TS4141 Datasheet
444Kb / 19P
   Smart High-Side Power Switch
2006-03-09
logo
List of Unclassifed Man...
TS4148 ETC1-TS4148 Datasheet
145Kb / 3P
   0.3 AMPS High Speed Switching Diode
logo
Taiwan Semiconductor Co...
TS4148 TSC-TS4148 Datasheet
141Kb / 2P
   0.5AMPS High Speed Switching Diode
logo
List of Unclassifed Man...
TS4148-1206-R7T4 ETC1-TS4148-1206-R7T4 Datasheet
145Kb / 3P
   0.3 AMPS High Speed Switching Diode
logo
Taiwan Semiconductor Co...
TS4148-RXG TSC-TS4148-RXG Datasheet
205Kb / 3P
   500mW High Speed SMD Switching Diode
More results

Mô tả tương tự - TS4101ITQ1633

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Hamamatsu Corporation
S13360 HAMAMATSU-S13360_15 Datasheet
911Kb / 12P
   MPPCs for precision measurement
logo
Isabellenhütte Heu...
IVT-S ISABELLENHUETTE-IVT-S Datasheet
1Mb / 45P
   HIGH PRECISION CURRENT MEASUREMENT
Version 1.03
logo
IET Labs Inc.
1620 IET-1620 Datasheet
240Kb / 4P
   Precision Capacitance Measurement System
logo
Semtech Corporation
E737 SEMTECH-E737 Datasheet
470Kb / 18P
   Per-Pin Precision Measurement Unit
EDGE737 SEMTECH-EDGE737 Datasheet
137Kb / 19P
   Per-Pin Precision Measurement Unit
logo
Burr-Brown (TI)
ISC300 BURR-BROWN-ISC300 Datasheet
100Kb / 11P
   Universal Precision Isolated MEASUREMENT CHANNEL
logo
Keysight Technologies
E5270B KEYSIGHT-E5270B Datasheet
1Mb / 20P
   Precision IV Analyzer/8 Slot Precision Measurement Mainframe
logo
List of Unclassifed Man...
875B ETC2-875B Datasheet
915Kb / 1P
   Precision measurement of very low resistances
logo
Semtech Corporation
EDGE4707B SEMTECH-EDGE4707B Datasheet
193Kb / 25P
   Quad Channel Per-Pin Precision Measurement Unit
logo
List of Unclassifed Man...
CWF1-103J3380 ETC2-CWF1-103J3380 Datasheet
838Kb / 5P
   Precision NTC Thermistor Probes for Temperature Measurement
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com