công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SI1132 bảng dữ liệu(PDF) 1 Page - Silicon Laboratories

tên linh kiện SI1132
Giải thích chi tiết về linh kiện  Integrated ambient light sensor
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SILABS [Silicon Laboratories]
Trang chủ  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI1132 bảng dữ liệu(HTML) 1 Page - Silicon Laboratories

  SI1132 Datasheet HTML 1Page - Silicon Laboratories SI1132 Datasheet HTML 2Page - Silicon Laboratories SI1132 Datasheet HTML 3Page - Silicon Laboratories SI1132 Datasheet HTML 4Page - Silicon Laboratories SI1132 Datasheet HTML 5Page - Silicon Laboratories SI1132 Datasheet HTML 6Page - Silicon Laboratories SI1132 Datasheet HTML 7Page - Silicon Laboratories SI1132 Datasheet HTML 8Page - Silicon Laboratories SI1132 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 49 page
background image
Rev. 1.2 12/14
Copyright © 2014 by Silicon Laboratories
Si1132
Si1132
UV I NDEX AND A MBIENT L IGHT S ENSOR IC WITH I 2C I NTERFACE
Features
Applications
Description
The Si1132 is a low-power, ultraviolet (UV) index, and ambient light
sensor with I2C digital interface and programmable-event interrupt output.
This sensor IC includes an analog-to-digital converter, integrated high-
sensitivity visible and infrared photodiodes, and digital signal processor.
The Si1132 offers excellent performance under a wide dynamic range
and a variety of light sources including direct sunlight. The Si1132 can
also work under dark glass covers. The photodiode response and
associated digital conversion circuitry provide excellent immunity to
artificial light flicker noise and natural light flutter noise. The Si1132
devices are provided in a 10-lead 2x2 mm QFN package and are capable
of operation from 1.71 to 3.6 V over the –40 to +85 °C temperature range.
Integrated UV index sensor

Digital UV Index register that can
be read through I2C interface

Factory calibration to address
part-to-part variation
Integrated ambient light sensor

100 mlx resolution possible,
allowing operation under dark
glass

1 to 128 klx dynamic range
possible across two ADC range
settings

Accurate lux measurements with
IR correction algorithm
Industry's lowest power
consumption

1.71 to 3.6 V supply voltage

< 500 nA standby current

Internal and external wake support

Built-in voltage supply monitor and
power-on reset controller
I2C Serial communications

Up to 3.4 Mbps data rate

Slave mode hardware address
decoding
Small-outline 10-lead 2x2 mm
QFN
Temperature Range

–40 to +85 °C
Fitness/health electronics
Smart watches
Smartphone handsets
Tablets
Portable consumer electronics
Display-backlighting control
Pin Assignments
VDD
VDD
SCL
GND
INT
2
3
4
9
8
7
6
QFN-10
VDD
VDD
SDA
1
DNC
10
5
DNC


Số phần tương tự - SI1132

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Silicon Laboratories
SI1133 SILABS-SI1133 Datasheet
1,009Kb / 43P
   UV Index/Ambient Light Sensor IC with IC Interface
More results

Mô tả tương tự - SI1132

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
AVAGO TECHNOLOGIES LIMI...
APDS-9800 AVAGO-APDS-9800 Datasheet
283Kb / 11P
   Integrated Ambient Light and Proximity Sensor
logo
Renesas Technology Corp
ISL29015 RENESAS-ISL29015 Datasheet
852Kb / 13P
   Integrated Digital Ambient Light Sensor and Proximity Sensor
logo
Intersil Corporation
ISL29015 INTERSIL-ISL29015 Datasheet
596Kb / 13P
   Integrated Digital Ambient Light Sensor and Proximity Sensor
logo
AMI SEMICONDUCTOR
AMIS-74980X AMI-AMIS-74980X Datasheet
109Kb / 2P
   Ambient Light Sensor
logo
Vishay Siliconix
TEPT5600 VISHAY-TEPT5600 Datasheet
120Kb / 5P
   Ambient Light Sensor
Rev. 1.3, 28-Nov-06
logo
KODENSHI_AUK CORP.
KOE1615 KODENSHI-KOE1615 Datasheet
205Kb / 3P
   Ambient Light Sensor
logo
Vishay Siliconix
TEMD6010FX01 VISHAY-TEMD6010FX01_12 Datasheet
121Kb / 5P
   Ambient Light Sensor
Rev. 1.8, 20-Aug-12
logo
ON Semiconductor
NOA1212 ONSEMI-NOA1212_17 Datasheet
107Kb / 8P
   Ambient Light Sensor
November, 2017 ??Rev. 4
NOA1213 ONSEMI-NOA1213 Datasheet
103Kb / 8P
   Ambient Light Sensor
November, 2015 ??Rev. P1
NOA1305 ONSEMI-NOA1305 Datasheet
279Kb / 13P
   Ambient Light Sensor
October, 2012 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com