công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC145159VF1 bảng dữ liệu(PDF) 6 Page - Motorola, Inc

tên linh kiện MC145159VF1
Giải thích chi tiết về linh kiện  Serial-Input PLL Frequency Synthesizer with Analog Phase Detector
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC145159VF1 bảng dữ liệu(HTML) 6 Page - Motorola, Inc

Back Button MC145159VF1 Datasheet HTML 2Page - Motorola, Inc MC145159VF1 Datasheet HTML 3Page - Motorola, Inc MC145159VF1 Datasheet HTML 4Page - Motorola, Inc MC145159VF1 Datasheet HTML 5Page - Motorola, Inc MC145159VF1 Datasheet HTML 6Page - Motorola, Inc MC145159VF1 Datasheet HTML 7Page - Motorola, Inc MC145159VF1 Datasheet HTML 8Page - Motorola, Inc MC145159VF1 Datasheet HTML 9Page - Motorola, Inc MC145159VF1 Datasheet HTML 10Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
MC145159–1
MOTOROLA
6
CHARGE
Ramp Charge Indicator (PDIP, SOG – Pin 4, SSOP – Pin 9)
This output is high from the time fR goes high to the time
fV goes high (fR and fV are the frequencies at the phase
detector inputs). This high voltage indicates that the ramp
capacitor, CR, is being charged.
FSO
Three–State Frequency Steering Output (PDIP, SOG –
Pin 6, SSOP – Pin 11)
If the counted down input frequency on fin is higher than
the counted down reference frequency of OSCin, this output
goes low. If the counted down VCO frequency is lower than
that of the counted down OSCin, this output goes high.
The repetition rate of the frequency steering output pulses
is approximately equal to the difference of the frequencies
of the two counted down inputs from the VCO and OSCin.
See Application Note AN969 for further information.
LD
Lock Detector Indicator (PDIP, SOG – Pin 9, SSOP –
Pin 14)
This output is high during lock and goes low to indicate a
non–lock condition. The frequency and duration of the non–
lock pulses will be the same as either polarity of the fre-
quency steering output.
MC
Dual Modulus Prescaler Control (PDIP, SOG – Pin 8,
SSOP – Pin 13)
The modulus control level is low at the beginning of a
count cycle and remains low until the divide–by–A counter
has counted down from its programmed value. At that time,
the modulus control goes high and remains high until the di-
vide–by–N counter has counted the rest of the way down
from its programmed value (N – A additional counts since
both divide–by–N and divide–by–A are counting down during
the first portion of the cycle). Modulus control is then set back
low, the counters preset to their respective programmed
values, and the above sequence repeated. This provides for
a total programmable divide value of NT = N  P + A, where P
and P + 1 represent the dual modulus prescaler divide values
respectively for high and low modulus control levels, N is the
number programmed into the divide–by–N counter, and A is
the number programmed into the divide–by–A counter.
SRout
Shift Register Output (PDIP, SOG – Pin 14, SSOP – Pin 19)
This pin is the non–inverted output of the last stage of the
32–bit serial data shift register. It is not latched by the ENB
line. If unused, SRout should be floated.
POWER SUPPLY
VDD
Positive Power Supply (PDIP, SOG – Pin 5, SSOP – Pin 10)
Positive power supply input for all sections of the device
except the analog phase detector. VDD and VDD′ should be
powered up at the same time to avoid damage to the
MC145159–1. VDD must be tied to the same potential as
VDD′.
VSS
Negative Power Supply (PDIP, SOG – Pin 7, SSOP – Pin 12)
Circuit ground for all sections of the MC145159–1 except
the analog phase detector. VSS must be tied to the same po-
tential as VSS′.
VSS′
Analog Phase Detector Circuit Ground (PDIP, SOG –
Pin 16, SSOP – Pin 1)
Separate power supply and ground inputs are provided to
help reduce the effects in the analog section of noise coming
from the digital sections of this device and the surrounding
circuitry.
VDD′
Analog Power Supply (PDIP, SOG – Pin 19, SSOP – Pin 4)
Separate power supply and ground inputs are provided to
help reduce the effects in the analog section of noise coming
from the digital sections of this device and the surrounding
circuitry.


Số phần tương tự - MC145159VF1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC145159 MOTOROLA-MC145159 Datasheet
288Kb / 10P
   Serial Input PLL Frequency Synthesizer with analog phase Detector
MC145159-1 MOTOROLA-MC145159-1 Datasheet
287Kb / 10P
   Serial Input PLL Frequency Synthesizer with Analog Phase Detector
logo
LANSDALE Semiconductor ...
MC145159-6P LANSDALE-MC145159-6P Datasheet
434Kb / 10P
   Serial-Input PLL Frequency Synthesizer with Analog Phase Detector
MC145159DW1 LANSDALE-MC145159DW1 Datasheet
434Kb / 10P
   Serial-Input PLL Frequency Synthesizer with Analog Phase Detector
logo
Motorola, Inc
MC145159FN1 MOTOROLA-MC145159FN1 Datasheet
287Kb / 10P
   Serial Input PLL Frequency Synthesizer with Analog Phase Detector
More results

Mô tả tương tự - MC145159VF1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC145159-1 MOTOROLA-MC145159-1 Datasheet
287Kb / 10P
   Serial Input PLL Frequency Synthesizer with Analog Phase Detector
logo
LANSDALE Semiconductor ...
ML145159 LANSDALE-ML145159 Datasheet
1Mb / 10P
   Serial-Input PLL Frequency Synthesizer with Analog Phase Detector
logo
Motorola, Inc
MC145159 MOTOROLA-MC145159 Datasheet
288Kb / 10P
   Serial Input PLL Frequency Synthesizer with analog phase Detector
logo
LANSDALE Semiconductor ...
ML145159 LANSDALE-ML145159_08 Datasheet
434Kb / 10P
   Serial-Input PLL Frequency Synthesizer with Analog Phase Detector
ML145170 LANSDALE-ML145170 Datasheet
13Mb / 26P
   Phase-Frequency Detector PLL Frequency Synthesizer with Serial Interface
logo
Nippon Precision Circui...
SM5158A NPC-SM5158A Datasheet
60Kb / 7P
   Serial input PLL frequency synthesizer
logo
Fujitsu Component Limit...
MB15A02 FUJITSU-MB15A02 Datasheet
2Mb / 16P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
logo
Motorola, Inc
MC12210 MOTOROLA-MC12210 Datasheet
98Kb / 12P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
logo
Fujitsu Component Limit...
MB1501 FUJITSU-MB1501 Datasheet
238Kb / 17P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
MB1511 FUJITSU-MB1511 Datasheet
127Kb / 15P
   Serial Input PLL Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com