công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC1451591 bảng dữ liệu(PDF) 7 Page - Motorola, Inc

tên linh kiện MC1451591
Giải thích chi tiết về linh kiện  Serial-Input PLL Frequency Synthesizer with Analog Phase Detector
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC1451591 bảng dữ liệu(HTML) 7 Page - Motorola, Inc

Back Button MC1451591 Datasheet HTML 3Page - Motorola, Inc MC1451591 Datasheet HTML 4Page - Motorola, Inc MC1451591 Datasheet HTML 5Page - Motorola, Inc MC1451591 Datasheet HTML 6Page - Motorola, Inc MC1451591 Datasheet HTML 7Page - Motorola, Inc MC1451591 Datasheet HTML 8Page - Motorola, Inc MC1451591 Datasheet HTML 9Page - Motorola, Inc MC1451591 Datasheet HTML 10Page - Motorola, Inc MC1451591 Datasheet HTML 11Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
MC145159–1
MOTOROLA
7
DESIGN EQUATION
K
φ =
ICHARGE
2
π fRCR
where
K
φ = phase detector gain, ICHARGE is from Figure 2
fR = reference frequency
CR = ramp capacitor (in farads)
Figure 2. Charge Current vs Ramp Resistance
Figure 3. APDout Bias Current vs Output Resistance
VCH = 0 V, VAPD = 0.5 VDD′
RO, OUTPUT RESISTANCE (kΩ)
1000
700
500
300
200
100
70
50
30
20
10
1.0
2.0
3.0
4.0
5.0
6.0
ICHARGE, CHARGE CURRENT (µA)
3k
2k
1k
500
300
200
100
70
50
30
20
10
7
5
3
10
20
30
50
70
100
200
300
500
700
1000
VDD = 3 V
5 V 9 V
VDD′ = 9 V
VDD′ = 5 V
SWITCHING WAVEFORMS
tTLH
90%
10%
tTHL
Figure 4.
ANY
OUTPUT
Figure 5.
50%
MC
50%
fin
tPLH
VSS
VDD
tPHL
Figure 6.
50%
50%
LAST
CLOCK
PREVIOUS
DATA
LATCHED
FIRST
CLOCK
ENB
CLK
DATA
50%
VDD
VSS
VDD
VSS
VDD
VSS
tsu
tsu
trec
th
tr
90%
10%
tf
Figure 7.
CLK
OSCin, fin
VSS
VDD
Figure 8.
50%
ENB, CLK
tw
VDD
VSS
DEVICE
UNDER
TEST
CL*
Figure 9. Test Circuit
OUTPUT
* Includes all probe and fixture capacitance.


Số phần tương tự - MC1451591

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC145159 MOTOROLA-MC145159 Datasheet
288Kb / 10P
   Serial Input PLL Frequency Synthesizer with analog phase Detector
MC145159-1 MOTOROLA-MC145159-1 Datasheet
287Kb / 10P
   Serial Input PLL Frequency Synthesizer with Analog Phase Detector
logo
LANSDALE Semiconductor ...
MC145159-6P LANSDALE-MC145159-6P Datasheet
434Kb / 10P
   Serial-Input PLL Frequency Synthesizer with Analog Phase Detector
MC145159DW1 LANSDALE-MC145159DW1 Datasheet
434Kb / 10P
   Serial-Input PLL Frequency Synthesizer with Analog Phase Detector
logo
Motorola, Inc
MC145159FN1 MOTOROLA-MC145159FN1 Datasheet
287Kb / 10P
   Serial Input PLL Frequency Synthesizer with Analog Phase Detector
More results

Mô tả tương tự - MC1451591

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC145159-1 MOTOROLA-MC145159-1 Datasheet
287Kb / 10P
   Serial Input PLL Frequency Synthesizer with Analog Phase Detector
logo
LANSDALE Semiconductor ...
ML145159 LANSDALE-ML145159 Datasheet
1Mb / 10P
   Serial-Input PLL Frequency Synthesizer with Analog Phase Detector
logo
Motorola, Inc
MC145159 MOTOROLA-MC145159 Datasheet
288Kb / 10P
   Serial Input PLL Frequency Synthesizer with analog phase Detector
logo
LANSDALE Semiconductor ...
ML145159 LANSDALE-ML145159_08 Datasheet
434Kb / 10P
   Serial-Input PLL Frequency Synthesizer with Analog Phase Detector
ML145170 LANSDALE-ML145170 Datasheet
13Mb / 26P
   Phase-Frequency Detector PLL Frequency Synthesizer with Serial Interface
logo
Nippon Precision Circui...
SM5158A NPC-SM5158A Datasheet
60Kb / 7P
   Serial input PLL frequency synthesizer
logo
Fujitsu Component Limit...
MB15A02 FUJITSU-MB15A02 Datasheet
2Mb / 16P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
logo
Motorola, Inc
MC12210 MOTOROLA-MC12210 Datasheet
98Kb / 12P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
logo
Fujitsu Component Limit...
MB1501 FUJITSU-MB1501 Datasheet
238Kb / 17P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
MB1511 FUJITSU-MB1511 Datasheet
127Kb / 15P
   Serial Input PLL Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com