công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC145190DT bảng dữ liệu(PDF) 2 Page - Motorola, Inc

tên linh kiện MC145190DT
Giải thích chi tiết về linh kiện  1.1GHz PLL Frequency Synthesizers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC145190DT bảng dữ liệu(HTML) 2 Page - Motorola, Inc

  MC145190DT Datasheet HTML 1Page - Motorola, Inc MC145190DT Datasheet HTML 2Page - Motorola, Inc MC145190DT Datasheet HTML 3Page - Motorola, Inc MC145190DT Datasheet HTML 4Page - Motorola, Inc MC145190DT Datasheet HTML 5Page - Motorola, Inc MC145190DT Datasheet HTML 6Page - Motorola, Inc MC145190DT Datasheet HTML 7Page - Motorola, Inc MC145190DT Datasheet HTML 8Page - Motorola, Inc MC145190DT Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
MC145190
•MC145191
MOTOROLA
2
ENB
REFin
Din
CLK
REFout
fin
fin
OSC OR
4–STAGE
DIVIDER
(CONFIGURABLE)
20
1
18
19
11
10
OUTPUT A
INPUT
AMP
SELECT
LOGIC
3
13
24
13–STAGE R COUNTER
64/65
PRESCALER
MODULUS
CONTROL
LOGIC
12–STAGE
N COUNTER
6–STAGE
A COUNTER
INTERNAL
CONTROL
SHIFT
REGISTER
AND
CONTROL
LOGIC
STANDBY
LOGIC
POR
BitGrabber
™ A REGISTER
24 BITS
BitGrabber
™ C REGISTER
8 BITS
DOUBLE–BUFFERED
BitGrabber
™ R REGISTER
16 BITS
PHASE/FREQUENCY
DETECTOR B AND CONTROL
PHASE/FREQUENCY
DETECTOR A AND CONTROL
LOCK DETECTOR
AND CONTROL
6
12
4
2
LD
Rx
PDout
φR
φV
OUTPUT B
(OPEN–DRAIN
OUTPUT)
TEST 2
TEST 1
9
15
13
4
3
6
8
2
16
SUPPLY CONNECTIONS:
PIN 12 = VCC (V+ TO INPUT AMP AND 64/65 PRESCALER)
PIN 5 = VPD (V+ TO PHASE/FREQUENCY DETECTORS A AND B)
PIN 14 = VDD (V+ TO BALANCE OF CIRCUIT)
PIN 7 = GND (COMMON GROUND)
17
DATA OUT
fR
fV
PORT
BLOCK DIAGRAM
MAXIMUM RATINGS* (Voltages Referenced to GND, unless otherwise stated)
Symbol
Parameter
Value
Unit
VCC,
VDD
DC Supply Voltage (Pins 12 and 14)
– 0.5 to + 6.0
V
VPD
DC Supply Voltage (Pin 5)
MC145190
MC145191
VDD – 0.5 to + 9.5
VDD – 0.5 to + 6.0
V
Vin
DC Input Voltage
– 0.5 to VDD + 0.5
V
Vout
DC Output Voltage (except OUTPUT B, PDout,
φR, φV)
– 0.5 to VDD + 0.5
V
Vout
DC Output Voltage (OUTPUT B, PDout, φR, φV)
– 0.5 to VPD + 0.5
V
Iin, IPD
DC Input Current, per Pin (Includes VPD)
± 10
mA
Iout
DC Output Current, per Pin
± 20
mA
IDD
DC Supply Current, VDD and GND Pins
± 30
mA
PD
Power Dissipation, per Package
300
mW
Tstg
Storage Temperature
– 65 to + 150
°C
TL
Lead Temperature, 1 mm from Case for
10 seconds
260
°C
* Maximum Ratings are those values beyond which damage to the device may occur.
Functional operation should be restricted to the limits in the Electrical Characteristics tables
or Pin Descriptions section.
This device contains protection circuitry to
guard against damage due to high static volt-
ages or electric fields. However, precautions
must be taken to avoid applications of any volt-
age higher than maximum rated voltages to
this high–impedance circuit.


Số phần tương tự - MC145190DT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC145192 MOTOROLA-MC145192 Datasheet
282Kb / 48P
   Evaluation Board Manual
MC145192EVK MOTOROLA-MC145192EVK Datasheet
282Kb / 48P
   Evaluation Board Manual
MC145193 MOTOROLA-MC145193 Datasheet
250Kb / 24P
   1.1 GHZ PLL FREQUENCY SYNTHESIZER
MC145193F MOTOROLA-MC145193F Datasheet
250Kb / 24P
   1.1 GHZ PLL FREQUENCY SYNTHESIZER
MC14519B MOTOROLA-MC14519B Datasheet
204Kb / 6P
   4-Bit AND/OR Selector or Quad 2-Channel Data Selector or Quad Exclusive nor gate
More results

Mô tả tương tự - MC145190DT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanyo Semicon Device
LC7219 SANYO-LC7219 Datasheet
310Kb / 14P
   PLL Frequency Synthesizers?
LC72140 SANYO-LC72140 Datasheet
364Kb / 20P
   PLL Frequency Synthesizers
logo
Freescale Semiconductor...
MC145151-2 FREESCALE-MC145151-2 Datasheet
600Kb / 24P
   PLL Frequency Synthesizers (CMOS)
logo
Sanyo Semicon Device
LM7008M SANYO-LM7008M Datasheet
201Kb / 9P
   Dual-PLL Frequency Synthesizers?
logo
Analog Devices
ADF4111 AD-ADF4111_15 Datasheet
428Kb / 28P
   RF PLL Frequency Synthesizers
Rev. F
ADF4116 AD-ADF4116_15 Datasheet
486Kb / 28P
   RF PLL Frequency Synthesizers
REV. D
ADF4110 AD-ADF4110 Datasheet
263Kb / 24P
   RF PLL Frequency Synthesizers
REV. 0
ADF4116 AD-ADF4116 Datasheet
226Kb / 20P
   RF PLL Frequency Synthesizers
REV. 0
ADF4110 AD-ADF4110_13 Datasheet
428Kb / 28P
   RF PLL Frequency Synthesizers
Rev. F
logo
Sanyo Semicon Device
LM7007M SANYO-LM7007M Datasheet
228Kb / 9P
   Dual-PLL Frequency Synthesizers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com