công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC145173 bảng dữ liệu(PDF) 10 Page - Motorola, Inc

tên linh kiện MC145173
Giải thích chi tiết về linh kiện  Dual-Band PLL Frequency Synhesizer with ADC and Frequency Counter
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC145173 bảng dữ liệu(HTML) 10 Page - Motorola, Inc

Back Button MC145173 Datasheet HTML 6Page - Motorola, Inc MC145173 Datasheet HTML 7Page - Motorola, Inc MC145173 Datasheet HTML 8Page - Motorola, Inc MC145173 Datasheet HTML 9Page - Motorola, Inc MC145173 Datasheet HTML 10Page - Motorola, Inc MC145173 Datasheet HTML 11Page - Motorola, Inc MC145173 Datasheet HTML 12Page - Motorola, Inc MC145173 Datasheet HTML 13Page - Motorola, Inc MC145173 Datasheet HTML 14Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
MC145173
MOTOROLA
10
A P–channel MOSFET tied to VDD is used to drive this open–
drain output. Thus, an external pull–down device is required
at this pin. This output is disabled and assumes the high–im-
pedance state in the VHF mode per bit HF/VHF in the R reg-
ister. (See Figure 18.)
REFout is capable of operation to 10.4 MHz; see the AC
Electrical Characteristics table.
If unused, the pin may be floated or tied to VDD.
FREQUENCY COUNTER INPUT PINS
HF IFin
HF Intermediate–Frequency Input (Pin 10)
This pin feeds an on–chip amplifier. The amp drives the F counter
when the HF/VHF bit in the R register is low. (See Figure 18.) The
signal driving this pin is normally sourced from the IF (intermediate
frequency) circuit in the radio and is ac coupled. The input capaci-
tance is approximately 6 pF.
This input is optimized for use with frequencies around
450 kHz. An on–chip low–pass filter is employed to roll off re-
sponse above 1 MHz. In addition, for further suppression of high–
frequency signals, the Kuligowski Acceptor Circuit may be
engaged via the K bit in the R register. This is a digital integrator
which allows acceptance of frequencies only below the frequency at
the OSCin pin divided by 8.
In the standby mode, HF IFin is pulled low by an on–chip
FET. If not used, this pin should be tied to VSS.
VHF IFin
VHF Intermediate–Frequency Input (Pin 11)
This pin feeds an on–chip amplifier. The amp drives the F
counter when the HF/VHF bit in the R register is high. (See
Figure 18.) The signal driving this pin is normally sourced
from the IF circuit in the radio and is ac coupled. The input
capacitance is approximately 6 pF. Usually, the frequency of
the signal driving this pin is about 10.7 MHz.
For signals which swing from at least the VIL to VIH levels
listed in the DC Electrical Characteristics table, dc cou-
pling may be used. Also, for signals less than the minimum
frequencies in the AC Electrical Characteristics table, dc
coupling with at least VIL and VIH levels is a requirement. The
F counter is a static counter and may be operated down to
dc. However, wave shaping by a CMOS buffer may be re-
quired to ensure fast rise and fall times into the VHF IFin pin.
In the standby mode, VHF IFin is forced to a high–imped-
ence state. If not used, this pin should be tied to VSS.
LOOP PINS
HFin, VHFin
High Frequency Input,
Very High Frequency Input (Pins 16, 15)
These pins feed on–chip amplifiers which drive the N
counter; the HF/VHF bit in the R register determines which
input is selected. (See Figure 18.) These signals are normal-
ly sourced from external voltage–controlled oscillators
(VCOs), and are ac–coupled. (See Figures 10 and 11.) The
input capacitance is approximately 6 pF. For small divide ra-
tios, the maximum frequency is limited to the divide ratio
times 1 MHz. (Reason: the phase/frequency detectors are
limited to a maximum frequency of 1 MHz.)
For signals which swing from at least the VIL to VIH levels
listed in the DC Electrical Characteristics table, dc cou-
pling may be used. Also, for signals less than the minimum
frequencies in the AC Electrical Characteristics table, dc
coupling with at least VIL and VIH levels is a requirement. The
N counter is a static counter and may be operated down to
dc. However, wave shaping by a CMOS buffer may be re-
quired to ensure fast rise and fall times into the HFin and
VHFin pins.
Each rising edge on these pins cause the N counter to
decrement by one.
In the standby mode, HFin is forced to a high–impedence
state, and VHFin is pulled low by an on–chip FET. If not used,
these pins should be tied to VSS.
HF PDout
Single–Ended Phase/Frequency Detector Output
(Pin 18)
This is a three–state output for use as a loop error signal
when combined with an external low–pass filter. Through use
of a Motorola patented technique, the detector’s dead zone
has been eliminated. Therefore, the phase/frequency detec-
tor is characterized by a linear transfer function. The opera-
tion of the phase/frequency detector is described below and
is shown in Figure 16.
POL bit (R23) in the R register = low (see Figure 18)
Frequency of fV > fR or Phase of fV Leading fR: negative
pulses from high impedance
Frequency of fV < fR or Phase of fV Lagging fR: positive
pulses from high impedance
Frequency and Phase of fV = fR: essentially high–imped-
ance state; voltage at pin determined by loop filter
POL bit (R23) = high
Frequency of fV > fR or Phase of fV Leading fR: positive
pulses from high impedance
Frequency of fV < fR or Phase of fV Lagging fR: negative
pulses from high impedance
Frequency and Phase of fV = fR: essentially high–imped-
ance state; voltage at pin determined by loop filter
This output is enabled and disabled via the HF/VHF bit in
the R register. HF PDout is forced to the high–impedance
state when disabled. This pin should be floated when it is not
used.
VHF PDout
Single–Ended Phase/Frequency Detector Output
(Pin 21)
This is a three–state current–source/sink output for use as
a loop error signal when combined with an external low–pass
filter. The phase/frequency detector is characterized by a lin-
ear transfer function. The operation of the phase/frequency
detector is described below and is shown in Figure 16.
POL bit (R23) in the R register = low (see Figure 18)
Frequency of fV > fR or Phase of fV Leading fR: current–
sinking pulses from a floating state
Frequency of fV < fR or Phase of fV Lagging fR: current–
sourcing pulses from a floating state
Frequency and Phase of fV = fR: essentially a floating
state; voltage at pin determined by loop filter
POL bit (R23) = high
Frequency of fV > fR or Phase of fV Leading fR: current–
sourcing pulses from a floating state
Frequency of fV < fR or Phase of fV Lagging fR: current–
sinking pulses from a floating state


Số phần tương tự - MC145173

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC14517 MOTOROLA-MC14517 Datasheet
202Kb / 8P
   LOW-VOLTAGE CMOS OCTAL BUFFER
logo
ON Semiconductor
MC14517 ONSEMI-MC14517 Datasheet
157Kb / 8P
   Dual 64-Bit Static Shift Register
March, 2000 ??Rev. 3
logo
Motorola, Inc
MC145170 MOTOROLA-MC145170 Datasheet
486Kb / 16P
   PLL Frequency Synthesizer with Serial Interface CMOS
MC145170-1 MOTOROLA-MC145170-1 Datasheet
456Kb / 27P
   PLL Frequency Synthesizer with Serial Interface CMOS
MC145170-2 MOTOROLA-MC145170-2 Datasheet
871Kb / 32P
   PLL Frequency Synthesizer with Serial Interface
More results

Mô tả tương tự - MC145173

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Agere Systems
W3000 AGERE-W3000 Datasheet
327Kb / 28P
   W3000 PLL Dual-Band Frequency Synthesizer
logo
Fujitsu Component Limit...
MB15C100 FUJITSU-MB15C100 Datasheet
285Kb / 28P
   IF Band PLL Frequency Synthesizer
MB15C103 FUJITSU-MB15C103 Datasheet
150Kb / 16P
   IF Band PLL Frequency Synthesizer
MB15C101 FUJITSU-MB15C101 Datasheet
151Kb / 17P
   IF Band PLL Frequency Synthesizer
logo
Sanyo Semicon Device
LM7007M SANYO-LM7007M Datasheet
228Kb / 9P
   Dual-PLL Frequency Synthesizers
logo
Motorola, Inc
MC145149 MOTOROLA-MC145149 Datasheet
157Kb / 12P
   Dual PLL Frequency Synthesizer
logo
Sanyo Semicon Device
LM7008M SANYO-LM7008M Datasheet
201Kb / 9P
   Dual-PLL Frequency Synthesizers?
logo
Rohm
BU2630F ROHM-BU2630F Datasheet
143Kb / 8P
   Dual PLL frequency synthesizer
logo
WAGO Kontakttechnik Gmb...
750-404-000-003 WAGO-750-404-000-003 Datasheet
561Kb / 12P
   Frequency Counter
750-404 WAGO-750-404 Datasheet
561Kb / 12P
   Frequency Counter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com