công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC145168 bảng dữ liệu(PDF) 1 Page - Motorola, Inc

tên linh kiện MC145168
Giải thích chi tiết về linh kiện  Dual PLLs For 46/49 Mhz Cordless Telephones
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC145168 bảng dữ liệu(HTML) 1 Page - Motorola, Inc

  MC145168 Datasheet HTML 1Page - Motorola, Inc MC145168 Datasheet HTML 2Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MC145168
•MC145169
MOTOROLA
1
Advance Information
Dual PLLs for 46/49 MHz
Cordless Telephones
CMOS
These devices are dual phase–locked loop frequency synthesizers intended
for use primarily in 46/49 MHz cordless phones with up to 15 channels. These
parts contain two mask–programmable counter ROMs for receive and transmit
loops with two independent phase detect circuits. A common reference
oscillator and reference divider are shared by the receive and transmit circuits.
Other features include a lock detect circuit for the transmit loop, illegal code
default, a buffered oscillator output for mixing purposes in the system, and a
5.0 kHz tone output.
• Maximum Operating Frequency: 60 MHz @ Vin = 200 mV p–p
• Operating Temperature Range: – 40 to + 75°C
• Operating Voltage Range: 2.5 to 5.5 V
• On–Chip Oscillator Circuit Supports External Crystal
• Operating Power Consumption: 3.0 mA @ 3.0 V
• Lock Detect Signal
• Standby Mode for Power Savings: 1.5 mA @ 3.0 V
• Two Versions:
MC145168 — Up to 15–Channel ROM with 4–Bit Binary Code Input for
Channel Pair Selection
MC145169 — Up to 15–Channel ROM with Serial Interface for Channel
Pair Selection
• Custom 20–Channel ROM Versions of the MC145169 are Possible;
Consult Factory
NOT RECOMMENDED FOR NEW DESIGNS;
PRODUCT TO BE PHASED OUT.
Closest equivalent is MC145162.
MC145168
PIN ASSIGNMENTS
MC145169
13
14
15
16
9
10
11
12
5
4
3
2
1
8
7
6
VSS
PD1
fin1
VDD
OSCin
fin2
LD
PD2
5 k
SB
MODE
OSCout
D3
D2
D1
D0
13
14
15
16
9
10
11
12
5
4
3
2
1
8
7
6
VSS
PD1
fin1
VDD
OSCin
fin2
LD
PD2
5 k
SB
MODE
OSCout
ENB
NC
CLK
DATA
NC = NO CONNECTION
This document contains information on a new product. Specifications and information herein are subject to change without notice.
Order this document
by MC145168/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
P SUFFIX
PLASTIC DIP
CASE 648
DW SUFFIX
SOG PACKAGE
CASE 751G
ORDERING INFORMATION
MC145168P
Plastic DIP
MC145168DW SOG Package
MC145169P
Plastic DIP
MC145169DW SOG Package
1
16
16
1
MC145168
MC145169
© Motorola, Inc. 1998
REV 2
1/98
TN98011400


Số phần tương tự - MC145168

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC145160 MOTOROLA-MC145160 Datasheet
189Kb / 7P
   Dual PLLs For 46/49 MHz Cordless Telephones CMOS
MC145162 MOTOROLA-MC145162 Datasheet
153Kb / 24P
   60MHZ AND 85 MHZ UNIVERSAL PROGRAMMABLE DUAL PLL FREQUENCY SYNTHESIZERS
MC145162-1 MOTOROLA-MC145162-1 Datasheet
153Kb / 24P
   60MHZ AND 85 MHZ UNIVERSAL PROGRAMMABLE DUAL PLL FREQUENCY SYNTHESIZERS
MC145162D MOTOROLA-MC145162D Datasheet
153Kb / 24P
   60MHZ AND 85 MHZ UNIVERSAL PROGRAMMABLE DUAL PLL FREQUENCY SYNTHESIZERS
logo
LANSDALE Semiconductor ...
MC145162D LANSDALE-MC145162D Datasheet
1Mb / 24P
   60 MHz and 85 MHz Universal Programmable Dual PLL Frequency Synthesizers CMOS
More results

Mô tả tương tự - MC145168

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC145166 MOTOROLA-MC145166 Datasheet
139Kb / 11P
   Dual PLLs for 46/49 Mhz Cordless Telephones
MC145160 MOTOROLA-MC145160 Datasheet
189Kb / 7P
   Dual PLLs For 46/49 MHz Cordless Telephones CMOS
logo
ELAN Microelectronics C...
EM92600 EMC-EM92600 Datasheet
52Kb / 6P
   DUAL PLL FOR 46/49 MHZ CORDLESS PHONE
logo
Toshiba Semiconductor
TLP222G TOSHIBA-TLP222G_07 Datasheet
189Kb / 6P
   Cordless Telephones
logo
Nippon Precision Circui...
SM5132 NPC-SM5132 Datasheet
219Kb / 6P
   Two PLLs for Cordless Telephons
logo
Suntsu Electronics, Inc...
SATCA-3C1GF-DEB1 SUNTSU-SATCA-3C1GF-DEB1 Datasheet
1Mb / 6P
   Cordless Home Telephones
logo
CML Microcircuits
MX118 CMLMICRO-MX118 Datasheet
368Kb / 7P
   FULL-DUPLEX SCRAMBLER FOR CORDLESS TELEPHONES
logo
NXP Semiconductors
PCD5032 PHILIPS-PCD5032 Datasheet
136Kb / 24P
   ADPCM CODEC for digital cordless telephones
1997 Apr 03
logo
Toshiba Semiconductor
TLP222G TOSHIBA-TLP222G_14 Datasheet
255Kb / 6P
   Cordless Telephones PBX Modems
TLP222G TOSHIBA-TLP222G Datasheet
138Kb / 6P
   Cordless Telephones PBX Modems
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com