công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC145076D bảng dữ liệu(PDF) 1 Page - Motorola, Inc

tên linh kiện MC145076D
Giải thích chi tiết về linh kiện  MC 145076 Stereo Audio FIR Smoothing Filter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC145076D bảng dữ liệu(HTML) 1 Page - Motorola, Inc

  MC145076D Datasheet HTML 1Page - Motorola, Inc MC145076D Datasheet HTML 2Page - Motorola, Inc MC145076D Datasheet HTML 3Page - Motorola, Inc MC145076D Datasheet HTML 4Page - Motorola, Inc MC145076D Datasheet HTML 5Page - Motorola, Inc MC145076D Datasheet HTML 6Page - Motorola, Inc MC145076D Datasheet HTML 7Page - Motorola, Inc MC145076D Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MC145076
MOTOROLA
1
Product Preview
MC145076 Stereo Audio FIR
Smoothing Filter
CMOS
The MC145076 is a combination re–clocking and smoothing filter designed
especially for the MC145074 Stereo Audio DAC. Its versatility however, allows
it to be used with any single bit–stream data converter to provide output
reconstruction filtering, and to improve performance by restoring pulse shape
integrity. The MC145076 provides a well controlled, filtered output that can be
used directly, or with a current summing operational amplifier.
The MC145076 is intended to be one half of a two–chip solution for serial bit
steam DACs. The analog filtering function of the MC145076 eases the digital
filtering requirements at the input to the digital noise shaping modulator, and
eliminates the need for precision analog output filtering capacitors, resulting in
lower overall system cost. The MC145076 pulse shape restoration frees the
designer from analog pitfalls that can impact performance, thereby lowering the
risk of new product development with a sigma–delta DAC.
• Single–Ended Stereo Outputs Require no Additional Smoothing Filters
• 86 dB S/D, 96 dB S/N with MC145074 @ 192 x OSR Single Ended
• > 100 dB S/(N+D) @ 256 OSR, Differential Mode
• 18.5 MHz Maximum Serial Data Input Rate
• – 80 dB Cross Channel Interference
• 72–Tap FIR with > 40 dB Alias Filtering
• Operating Temperature Range: – 40 to + 85_C
• Buffered Data Clock Output for Ease of Data Generation
• 16–Pin Narrow Body SOIC Package
• Single Supply Operation: + 5 V
TIMING
AND
CONTROL
LOGIC
DIL
5
DIR
6
DIV2
4
TEST
7
Xout
Xin
16
2
VDDA
1
VDDD
8
GND
10
GND
15
LEFT 144 SERIAL SHIFT REG.
LEFT CHOP
C (1)
14
IOL
GND
144 TAP HAMMING
WINDOW
COEFFICIENTS
13
9
CLKOUT
RIGHT 144 SERIAL SHIFT REG.
RIGHT CHOP
C (1)
11
IOR
GND
144 TAP HAMMING
WINDOW
COEFFICIENTS
12
C (144)
C (144)
BIAS
3
This document contains information on a product under development. Motorola reserves the right to change or discontinue this product without notice.
Order this document
by MC145076/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
PIN ASSIGNMENT
MC145076
D SUFFIX
16–PIN SOG
CASE 751B–05
ORDERING INFORMATION
MC145076D
SOG Package
13
14
15
16
9
10
11
12
5
4
3
2
1
8
7
6
GND
GND
IOL
GND
Xout
CLKOUT
GND
IOR
DIV2
BIAS
Xin
VDDA
VDDD
TEST
DIR
DIL
16
1
© Motorola, Inc. 1996
REV 1
9/96


Số phần tương tự - MC145076D

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC145073 MOTOROLA-MC145073 Datasheet
228Kb / 16P
   Dual 16-Bit Stereo Audio Sigma-Delta ADC
MC145073DW MOTOROLA-MC145073DW Datasheet
228Kb / 16P
   Dual 16-Bit Stereo Audio Sigma-Delta ADC
MC145074 MOTOROLA-MC145074 Datasheet
183Kb / 14P
   Stero Audio Sigma-Delta Digital-to-Analog Converter
MC145074D MOTOROLA-MC145074D Datasheet
183Kb / 14P
   Stero Audio Sigma-Delta Digital-to-Analog Converter
More results

Mô tả tương tự - MC145076D

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Mitel Networks Corporat...
PDSP16256 MITEL-PDSP16256 Datasheet
423Kb / 28P
   Programmable FIR Filter
logo
Renesas Technology Corp
HSP43168 RENESAS-HSP43168 Datasheet
851Kb / 25P
   Dual FIR Filter
July 27, 2009
logo
Intersil Corporation
HSP43168 INTERSIL-HSP43168 Datasheet
915Kb / 25P
   Dual FIR Filter
logo
Zarlink Semiconductor I...
PDSP16256 ZARLINK-PDSP16256 Datasheet
205Kb / 25P
   Programmable FIR Filter
logo
Intersil Corporation
HSP43168 INTERSIL-HSP43168_07 Datasheet
929Kb / 25P
   Dual FIR Filter
logo
Mitel Networks Corporat...
PDSP16256 MITEL-PDSP16256_98 Datasheet
268Kb / 24P
   Programmable FIR Filter
logo
Intersil Corporation
HSP43168883 INTERSIL-HSP43168883 Datasheet
180Kb / 10P
   Dual FIR Filter
logo
Zarlink Semiconductor I...
VP16256 ZARLINK-VP16256 Datasheet
459Kb / 19P
   Programmable FIR FIlter
logo
Mitel Networks Corporat...
VP16256 MITEL-VP16256 Datasheet
228Kb / 20P
   Programmable FIR Filter
logo
ATMEL Corporation
AT76C002 ATMEL-AT76C002 Datasheet
38Kb / 4P
   Programmable FIR Filter
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com