công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC145076 bảng dữ liệu(PDF) 2 Page - Motorola, Inc

tên linh kiện MC145076
Giải thích chi tiết về linh kiện  MC 145076 Stereo Audio FIR Smoothing Filter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC145076 bảng dữ liệu(HTML) 2 Page - Motorola, Inc

  MC145076 Datasheet HTML 1Page - Motorola, Inc MC145076 Datasheet HTML 2Page - Motorola, Inc MC145076 Datasheet HTML 3Page - Motorola, Inc MC145076 Datasheet HTML 4Page - Motorola, Inc MC145076 Datasheet HTML 5Page - Motorola, Inc MC145076 Datasheet HTML 6Page - Motorola, Inc MC145076 Datasheet HTML 7Page - Motorola, Inc MC145076 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MC145076
MOTOROLA
2
MAXIMUM RATINGS*
Symbol
Parameter
Value
Unit
VDD
DC Supply Voltage (Referenced to GND)
6.0
V
Vin
DC Input Voltage
GND – 0.5 to
VDD + 0.5
V
Vout
DC Output Voltage
GND – 0.5 to
VDD + 0.5
V
Iin
DC Input Current, per Pin
± 10
mA
Iout
DC Output Current, per Pin
± 20
mA
IDD,
IGND
DC Supply Current, VDD and GND Pins
± 60
mA
Tstg
Storage Temperature
– 55 to 150
°C
TL
Lead Temperature, 1 mm from Case for
10 Seconds
260
°C
* Maximum Ratings are those values beyond which damage to the device may occur. Func-
tional operation should be restricted to the Operation Ranges below.
OPERATION RANGES (Applicable to Guaranteed Limits)
Symbol
Parameter
Value
Unit
VDD
DC Supply Voltage
4.5 to 5.5
V
VIOL,
VIOR
IOL, IOR Virtual Ground
VDD – 2.0 to VDD
V
TA
Ambient Operating Temperature
– 40 to + 85
°C
DC ELECTRICAL CHARACTERISTICS
(Voltages Referenced to GND, Full Temperature and Voltage Ranges per Operation Ranges Table, unless otherwise indicated)
Symbol
Parameter
Guaranteed Limit
Unit
VIH
Minimum High–Level Input Voltage
0.7 x VDD
V
VIL
Maximum Low–Level Input Voltage
0.3 x VDD
V
VOH
Minimum High–Level Output Voltage
IOH = 0.4 mA
VDD – 0.3
V
VOL
Maximum Low–Level Output Voltage
IOL = 0.4 mA
GND + 0.3
V
IDD
Maximum Power Supply Current
Rbias = 4640 Ω
40
mA
IOL, IOR Left/Right Channel Output Current*
2
± 20%
mA
Ilkg
Input Leakage Current
± 10
µA
* 50% Duty Cycle, VDDA = 5 V, Rbias = 4640 Ω
SINGLE ENDED ANALOG CHARACTERISTICS
(Xin = 16.9344 MHz, DIV2 = 0, fin = 990.527 Hz, 20 Bit 2nd Order Modulator Input Data)
Parameter
Test Conditions
Min
Typ
Max
Unit
Dynamic Range
S/(N+D) @ – 60 dB input, + 60 dB
96
dB
S/(N+D)
Flat
A–weighted
(– 6 dB) 25 to 75% peak to peak input duty cycle
(– 20 dB)
86
90
80*
dB
Idle Channel Noise
CLKOUT/4 digital input data pattern
105
dB
60 Hz Power Supply Rejection
With 47
µF and 4640 Ω on Bias Pin
40
dB
* Noise performance limited by second order digital modulator.
This device contains protection circuitry to
guard against damage due to high static volt-
ages or electric fields. However, precautions
must be taken to avoid applications of any volt-
age higher than maximum rated voltages to
this high–impedance circuit. For proper opera-
tion, Vin and Vout should be constrained to the
range GND
≤ (Vin or Vout) ≤ VDD.
Unused inputs must always be tied to an
appropriate logic voltage level (e.g., either
GND or VDD). Unused outputs must be left
open.


Số phần tương tự - MC145076

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC145073 MOTOROLA-MC145073 Datasheet
228Kb / 16P
   Dual 16-Bit Stereo Audio Sigma-Delta ADC
MC145073DW MOTOROLA-MC145073DW Datasheet
228Kb / 16P
   Dual 16-Bit Stereo Audio Sigma-Delta ADC
MC145074 MOTOROLA-MC145074 Datasheet
183Kb / 14P
   Stero Audio Sigma-Delta Digital-to-Analog Converter
MC145074D MOTOROLA-MC145074D Datasheet
183Kb / 14P
   Stero Audio Sigma-Delta Digital-to-Analog Converter
More results

Mô tả tương tự - MC145076

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Mitel Networks Corporat...
PDSP16256 MITEL-PDSP16256 Datasheet
423Kb / 28P
   Programmable FIR Filter
logo
Renesas Technology Corp
HSP43168 RENESAS-HSP43168 Datasheet
851Kb / 25P
   Dual FIR Filter
July 27, 2009
logo
Intersil Corporation
HSP43168 INTERSIL-HSP43168 Datasheet
915Kb / 25P
   Dual FIR Filter
logo
Zarlink Semiconductor I...
PDSP16256 ZARLINK-PDSP16256 Datasheet
205Kb / 25P
   Programmable FIR Filter
logo
Intersil Corporation
HSP43168 INTERSIL-HSP43168_07 Datasheet
929Kb / 25P
   Dual FIR Filter
logo
Mitel Networks Corporat...
PDSP16256 MITEL-PDSP16256_98 Datasheet
268Kb / 24P
   Programmable FIR Filter
logo
Intersil Corporation
HSP43168883 INTERSIL-HSP43168883 Datasheet
180Kb / 10P
   Dual FIR Filter
logo
Zarlink Semiconductor I...
VP16256 ZARLINK-VP16256 Datasheet
459Kb / 19P
   Programmable FIR FIlter
logo
Mitel Networks Corporat...
VP16256 MITEL-VP16256 Datasheet
228Kb / 20P
   Programmable FIR Filter
logo
ATMEL Corporation
AT76C002 ATMEL-AT76C002 Datasheet
38Kb / 4P
   Programmable FIR Filter
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com