công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC145074D bảng dữ liệu(PDF) 2 Page - Motorola, Inc

tên linh kiện MC145074D
Giải thích chi tiết về linh kiện  Stero Audio Sigma-Delta Digital-to-Analog Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC145074D bảng dữ liệu(HTML) 2 Page - Motorola, Inc

  MC145074D Datasheet HTML 1Page - Motorola, Inc MC145074D Datasheet HTML 2Page - Motorola, Inc MC145074D Datasheet HTML 3Page - Motorola, Inc MC145074D Datasheet HTML 4Page - Motorola, Inc MC145074D Datasheet HTML 5Page - Motorola, Inc MC145074D Datasheet HTML 6Page - Motorola, Inc MC145074D Datasheet HTML 7Page - Motorola, Inc MC145074D Datasheet HTML 8Page - Motorola, Inc MC145074D Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
MC145074
MOTOROLA
2
MAXIMUM RATINGS* (Voltages Referenced to VSS)
Symbol
Parameter
Value
Unit
VDD
DC Supply Voltage
6.0
V
Vin
DC Input Voltage, Any Digital Input
VSS – 0.5 to
VDD + 0.5
V
Iin
DC Input Current, per Pin
±10
mA
Tstg
Storage Temperature
– 55 to 150
°C
TL
Lead Temperature, 1 mm from Case for
10 Seconds
260
°C
* Maximum Ratings are those values beyond which damage to the device may occur. Func-
tional operation should be restricted to the Operation Ranges below.
OPERATION RANGES (Applicable to Guaranteed Limits)
Symbol
Parameter
Value
Unit
VDD
DC Supply Voltage, Referenced to VSS
4.5 to 5.5
V
Vin, Vout Digital Input/Output Voltage
VSS – 0.5 to VDD + 0.5
V
ID
Input Pin Current Drain
1
µA
TA
Operating Temperature
– 40 to + 85
°C
DC ELECTRICAL CHARACTERISTICS
(Voltages Referenced to VSS, Full Temperature and Voltage Ranges per Operation Ranges table, unless otherwise indicated)
Symbol
Parameter
Min
Typ
Max
Unit
Idd
Power Supply Current
10
mA
VIL
VIH
Input Voltage
Low Level Input
High Level Input
VDD x 0.7
VDD x 0.3
V
VOL
VOH
Output Voltage
Low Level Output (Load = 0.4 mA)
High Level Output (Load = 0.4 mA)
VDD – 0.3
0.3
V
Ilkg
Input Leakage Current
± 10
µA
This device contains protection circuitry to
guard against damage due to high static volt-
ages or electric fields. However, precautions
must be taken to avoid applications of any volt-
age higher than maximum rated voltages to
this high–impedance circuit. For proper opera-
tion, Vin and Vout should be constrained to the
range VSS ≤ (Vin or Vout) ≤ VDD.
Unused inputs must always be tied to an
appropriate logic voltage level (e.g., either VSS
or VDD). Unused outputs must be left open.


Số phần tương tự - MC145074D

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC145073 MOTOROLA-MC145073 Datasheet
228Kb / 16P
   Dual 16-Bit Stereo Audio Sigma-Delta ADC
MC145073DW MOTOROLA-MC145073DW Datasheet
228Kb / 16P
   Dual 16-Bit Stereo Audio Sigma-Delta ADC
MC145076 MOTOROLA-MC145076 Datasheet
124Kb / 8P
   MC 145076 Stereo Audio FIR Smoothing Filter
MC145076D MOTOROLA-MC145076D Datasheet
124Kb / 8P
   MC 145076 Stereo Audio FIR Smoothing Filter
More results

Mô tả tương tự - MC145074D

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
PCM1608 TI1-PCM1608_15 Datasheet
1,012Kb / 46P
[Old version datasheet]   Delta-Sigma Digital-to-Analog Converter
PCM1753 TI1-PCM1753 Datasheet
1Mb / 38P
[Old version datasheet]   Multi-Level Delta-Sigma Audio Digital-to- Analog Converter
logo
Burr-Brown (TI)
DSD1702 BURR-BROWN-DSD1702 Datasheet
417Kb / 28P
   ENHANCED MULTIFORMAT, DELTA-SIGMA, AUDIO DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
TLC320AD58C TI-TLC320AD58C Datasheet
178Kb / 27P
[Old version datasheet]   Sigma-Delta Stereo Analog-to-Digital Converter
TLC320AD57 TI1-TLC320AD57 Datasheet
135Kb / 21P
[Old version datasheet]   Sigma-Delta Stereo Analog-to-Digital Converter
TLC320AD57C TI-TLC320AD57C Datasheet
133Kb / 21P
[Old version datasheet]   Sigma-Delta Stereo Analog-to-Digital Converter
TLC320AD58 TI1-TLC320AD58 Datasheet
192Kb / 27P
[Old version datasheet]   Sigma-Delta Stereo Analog-to-Digital Converter
logo
Cirrus Logic
CS5451A CIRRUS-CS5451A_10 Datasheet
121Kb / 14P
   Six-channel, Delta-sigma Analog-to-digital Converter
logo
Texas Instruments
ADC12EU050 TI1-ADC12EU050 Datasheet
989Kb / 44P
[Old version datasheet]   45 MSPS Sigma-Delta Analog-to-Digital Converter
logo
Cirrus Logic
CS5451A CIRRUS-CS5451A Datasheet
188Kb / 14P
   SIX CHANNEL DELTA SIGMA ANALOG TO DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com