công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC145074D bảng dữ liệu(PDF) 6 Page - Motorola, Inc

tên linh kiện MC145074D
Giải thích chi tiết về linh kiện  Stero Audio Sigma-Delta Digital-to-Analog Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC145074D bảng dữ liệu(HTML) 6 Page - Motorola, Inc

Back Button MC145074D Datasheet HTML 2Page - Motorola, Inc MC145074D Datasheet HTML 3Page - Motorola, Inc MC145074D Datasheet HTML 4Page - Motorola, Inc MC145074D Datasheet HTML 5Page - Motorola, Inc MC145074D Datasheet HTML 6Page - Motorola, Inc MC145074D Datasheet HTML 7Page - Motorola, Inc MC145074D Datasheet HTML 8Page - Motorola, Inc MC145074D Datasheet HTML 9Page - Motorola, Inc MC145074D Datasheet HTML 10Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
MC145074
MOTOROLA
6
DMODE
RES1
RES0
Operating Mode
0
0
0
Dual Data Pin 16–Bit Input
0
0
1
Dual Data Pin 18–Bit Input
0
1
0
Dual Data Pin 20–Bit Input
0
1
1
Factory Test Mode
1
0
0
Single Data Pin 16–Bit Input
1
0
1
Single Data Pin 18–Bit Input
1
1
0
Single Data Pin 20–Bit Input
1
1
1
Factory Test Mode
Figure 8. Serial Interface Formats
FUNCTIONAL DESCRIPTION
The MC145074 is a high precision Stereo Audio Digital–
to–Analog Converter, which utilizes a second–order sigma–
delta modulator with a patented 2–tap architecture that
significantly reduces problems normally associated with
one–bit sigma–delta technology. Normally, a second order
modulator can develop patterns in the digital output repre-
sentation of small signals and with small DC input offsets. It
is common to add dither to mask these effects, but a reduc-
tion of dynamic range can result. The implementation used in
the MC145074 has considerable immunity to these trouble-
some inputs, and without performance compromise.
With RC filtering, the MC145074 can be used as a stand–
alone stereo digital modulator for applications with modest
requirements. High performance can be realized with the
companion MC145076 Stereo Audio FIR Smoothing Filter,
which reduces the in–band IM products formed by large am-
plitude spectral components of the out–of–band noise shap-
ing, clock corruption, and power supply noise.
The MC145074 has been designed for maximum flexibility
and is well suited for high fidelity audio and multimedia
applications. If used in conjunction with a differential
MC145076 smoothing filter, a peak S/(N+D) ratio of > 100 dB
can be achieved by utilizing 18 or 20–bit input data and a
256x oversampling ratio. The MC145074 has a maximum
operating frequency of 18.5 MHz, and can be used with any
sampling rate including 32, 44.1, or 48 kHz.
The MC145074 can accept a 1x, or a 2x input clock with
serial data output chop. The device can accept 16, 18, or
20–bit digital data in a dual data pin input format, or single pin
multiplexed format. An offset scaler is included to allow 0 dB
digital inputs while maintaining low distortion. The offset,
scaled data is applied to the D/A modulator before being op-
tionally chopped (2x mode), and sent to an external smooth-
ing filter. When this device is used with the MC145076,
dividing the clock down or using the chop mode is not neces-
sary.
TIMING CIRCUIT
The internal timing circuits of the MC145074 are driven by
the Xin clock. When the DIV2 pin is active high, the
MC145074 divides the Xin clock by two to generate the in-
ternal modulator clock (MODCLK), and uses the Xin clock
frequency to chop the output data using a 50% chop signal.
When the MC145074 is operated in the master mode, the
WCLK pin is configured as an output. The WCLK output is
generated by dividing down the modulator clock. The divide
ratio of the internal frequency divider can be programmed
utilizing a 5–bit control word while the MC145074 is in the
standby mode. The 5–bit control word is defined as the last
5–bits (MSB first) that are clocked into the DIR/DILR pin
using the BCLK signal. When cleared, the most significant bit
of the control word indicates that the WCLK signal is nega-
tive edge triggered (just as in the slave mode). If the most
significant bit is set, the WCLK is positive edge triggered.
The next three most significant or middle three bits of the
control word determine the value of the divide ratio of the in-
ternal frequency divider. The least significant bit of the 5–bit
control word indicates a prescaler divide by two when
cleared, and divide by three when set. The divider modes are
summarized in Figure 10.
NOTE
The default mode of operation is control word
$06 which provides a WCLK signal (negative
edge triggered) at a frequency of 1/64 the modu-
lator clock frequency. This is the preferred operat-
ing mode of 256x OSR and 4x FIR.
Control
Word
Value
(Hex)
Divide
Ratio
WCLK
Edge
Control
Word
Value
(Hex)
Divide
Ratio
WCLK
Edge
0
8
10
8
1
12
11
12
2
16
12
16
3
24
13
24
4
32
14
32
5
48
15
48
6
64
16
64
7
96
17
96
8
128
18
128
9
192
19
192
A
256
1A
256
B
384
1B
384
C
512
1C
512
D
768
1D
768
E
1024
1E
1024
F
1536
1F
1536
Figure 9. WCLK Divider Modes
OFFSET SCALER
Second order sigma–delta modulators typically give up
about 2 dB of dynamic range and an adjustment to the digital
input words must be made if full scale digital input word
recognition is desired. The offset scaler circuitry of the
MC145074 digitally attenuates the input linearly to 3/4 or
approximately – 2.5 dB. Figure 11 illustrates the function of
the offset scaler block. An ideal DAC would perform as
shown in curve one, but the sigma–delta modulator actually
operates as shown in curve two. The digital input words to
the MC145074 are attenuated to 3/4. This allows the
MC145074 to operate on all 2’s compliment digital inputs
from $80000 to $7FFFF, with the resulting response shown
in curve three. In addition to scaling the digital input word, the
offset scaler adds a digital dc offset of 1/8th to re–center the
digital input word so that the MC145074 output signal is cen-
tered around VDD/2.


Số phần tương tự - MC145074D

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC145073 MOTOROLA-MC145073 Datasheet
228Kb / 16P
   Dual 16-Bit Stereo Audio Sigma-Delta ADC
MC145073DW MOTOROLA-MC145073DW Datasheet
228Kb / 16P
   Dual 16-Bit Stereo Audio Sigma-Delta ADC
MC145076 MOTOROLA-MC145076 Datasheet
124Kb / 8P
   MC 145076 Stereo Audio FIR Smoothing Filter
MC145076D MOTOROLA-MC145076D Datasheet
124Kb / 8P
   MC 145076 Stereo Audio FIR Smoothing Filter
More results

Mô tả tương tự - MC145074D

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
PCM1608 TI1-PCM1608_15 Datasheet
1,012Kb / 46P
[Old version datasheet]   Delta-Sigma Digital-to-Analog Converter
PCM1753 TI1-PCM1753 Datasheet
1Mb / 38P
[Old version datasheet]   Multi-Level Delta-Sigma Audio Digital-to- Analog Converter
logo
Burr-Brown (TI)
DSD1702 BURR-BROWN-DSD1702 Datasheet
417Kb / 28P
   ENHANCED MULTIFORMAT, DELTA-SIGMA, AUDIO DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
TLC320AD58C TI-TLC320AD58C Datasheet
178Kb / 27P
[Old version datasheet]   Sigma-Delta Stereo Analog-to-Digital Converter
TLC320AD57 TI1-TLC320AD57 Datasheet
135Kb / 21P
[Old version datasheet]   Sigma-Delta Stereo Analog-to-Digital Converter
TLC320AD57C TI-TLC320AD57C Datasheet
133Kb / 21P
[Old version datasheet]   Sigma-Delta Stereo Analog-to-Digital Converter
TLC320AD58 TI1-TLC320AD58 Datasheet
192Kb / 27P
[Old version datasheet]   Sigma-Delta Stereo Analog-to-Digital Converter
logo
Cirrus Logic
CS5451A CIRRUS-CS5451A_10 Datasheet
121Kb / 14P
   Six-channel, Delta-sigma Analog-to-digital Converter
logo
Texas Instruments
ADC12EU050 TI1-ADC12EU050 Datasheet
989Kb / 44P
[Old version datasheet]   45 MSPS Sigma-Delta Analog-to-Digital Converter
logo
Cirrus Logic
CS5451A CIRRUS-CS5451A Datasheet
188Kb / 14P
   SIX CHANNEL DELTA SIGMA ANALOG TO DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com