công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC145074 bảng dữ liệu(PDF) 7 Page - Motorola, Inc

tên linh kiện MC145074
Giải thích chi tiết về linh kiện  Stero Audio Sigma-Delta Digital-to-Analog Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC145074 bảng dữ liệu(HTML) 7 Page - Motorola, Inc

Back Button MC145074 Datasheet HTML 3Page - Motorola, Inc MC145074 Datasheet HTML 4Page - Motorola, Inc MC145074 Datasheet HTML 5Page - Motorola, Inc MC145074 Datasheet HTML 6Page - Motorola, Inc MC145074 Datasheet HTML 7Page - Motorola, Inc MC145074 Datasheet HTML 8Page - Motorola, Inc MC145074 Datasheet HTML 9Page - Motorola, Inc MC145074 Datasheet HTML 10Page - Motorola, Inc MC145074 Datasheet HTML 11Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
MC145074
7
MOTOROLA
$80000
$7FFFF
1
20–BIT DIGITAL INPUT
SCALER
OUTPUT
SCALER TRANSFER FUNCTION
3/4 SCALE = – 2.5 dB
1 – IDEAL
2 – ACTUAL
3 – COMPENSATED
3
2
Figure 10. Offset Scaler Operation
SERIAL INTERFACE AND CONTROL LOGIC
The serial interface and control logic of the MC145074
may be configured to accept 16, 18, or 20–bit data words by
applying the appropriate logic levels to the RES1 and RES0
pins. The DMODE input pin configures the serial interface to
accept 2’s complement data (MSB first) in a dual data pin or
single pin, multiplexed input format. It should be noted that in
some cases when using the single data pin input mode and a
large OSR, the BCLK rate may be too high for some DSPs,
unless an interface circuit is added. Figure 9 shows the avail-
able serial interface formats of the MC145074.
When operating in a dual data pin mode, 2’s complement
data words are serially input from the DIR and DIL pins as
shown in Figure 12. A rising edge on BCLK serially shifts in
the data present on the DIR and DIL inputs. After all data bits
of an input word are shifted in, a falling edge on WCLK
latches the data word into the MC145074. The BCLK can be
a continuous clock as long as the serial input data word is
right justified in the word time, or as long as there exists one
and only one BCLK cycle for every data bit input to the
device.
When operating in a single pin multiplexed mode, the DIR
input pin is reconfigured as the DILR pin. Left and right chan-
nel serial input data is multiplexed into the MC145074 on the
DILR pin, and is serially shifted into the part using BCLK as
shown in Figure 13. When WDLY is low, left channel data is
latched into the part on the rising edge of WCLK, and right
channel data is latched on the falling edge of WCLK. As in
the dual data pin mode, the BCLK can be either an asynchro-
nous or continuous clock as long as the serial input data
word is right justified in the word time. Forcing WDLY high al-
lows the WCLK cycle to appear one clock cycle early as
shown in Figure 14.


Số phần tương tự - MC145074

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC145073 MOTOROLA-MC145073 Datasheet
228Kb / 16P
   Dual 16-Bit Stereo Audio Sigma-Delta ADC
MC145073DW MOTOROLA-MC145073DW Datasheet
228Kb / 16P
   Dual 16-Bit Stereo Audio Sigma-Delta ADC
MC145076 MOTOROLA-MC145076 Datasheet
124Kb / 8P
   MC 145076 Stereo Audio FIR Smoothing Filter
MC145076D MOTOROLA-MC145076D Datasheet
124Kb / 8P
   MC 145076 Stereo Audio FIR Smoothing Filter
More results

Mô tả tương tự - MC145074

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
PCM1608 TI1-PCM1608_15 Datasheet
1,012Kb / 46P
[Old version datasheet]   Delta-Sigma Digital-to-Analog Converter
PCM1753 TI1-PCM1753 Datasheet
1Mb / 38P
[Old version datasheet]   Multi-Level Delta-Sigma Audio Digital-to- Analog Converter
logo
Burr-Brown (TI)
DSD1702 BURR-BROWN-DSD1702 Datasheet
417Kb / 28P
   ENHANCED MULTIFORMAT, DELTA-SIGMA, AUDIO DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
TLC320AD58C TI-TLC320AD58C Datasheet
178Kb / 27P
[Old version datasheet]   Sigma-Delta Stereo Analog-to-Digital Converter
TLC320AD57 TI1-TLC320AD57 Datasheet
135Kb / 21P
[Old version datasheet]   Sigma-Delta Stereo Analog-to-Digital Converter
TLC320AD57C TI-TLC320AD57C Datasheet
133Kb / 21P
[Old version datasheet]   Sigma-Delta Stereo Analog-to-Digital Converter
TLC320AD58 TI1-TLC320AD58 Datasheet
192Kb / 27P
[Old version datasheet]   Sigma-Delta Stereo Analog-to-Digital Converter
logo
Cirrus Logic
CS5451A CIRRUS-CS5451A_10 Datasheet
121Kb / 14P
   Six-channel, Delta-sigma Analog-to-digital Converter
logo
Texas Instruments
ADC12EU050 TI1-ADC12EU050 Datasheet
989Kb / 44P
[Old version datasheet]   45 MSPS Sigma-Delta Analog-to-Digital Converter
logo
Cirrus Logic
CS5451A CIRRUS-CS5451A Datasheet
188Kb / 14P
   SIX CHANNEL DELTA SIGMA ANALOG TO DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com